Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHF2812S/ES Datasheet(PDF) 5 Page - Crane Aerospace & Electronics.

Part # MHF2812S/ES
Description  DC/DC CONVERTERS 28 VOLT INPUT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MHF2812S/ES Datasheet(HTML) 5 Page - Crane Aerospace & Electronics.

  MHF2812S/ES Datasheet HTML 1Page - Crane Aerospace & Electronics. MHF2812S/ES Datasheet HTML 2Page - Crane Aerospace & Electronics. MHF2812S/ES Datasheet HTML 3Page - Crane Aerospace & Electronics. MHF2812S/ES Datasheet HTML 4Page - Crane Aerospace & Electronics. MHF2812S/ES Datasheet HTML 5Page - Crane Aerospace & Electronics. MHF2812S/ES Datasheet HTML 6Page - Crane Aerospace & Electronics.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
B8-10
CASE E
CASES
CASE E
BOTTOM VIEW
See Figures 16 – 18
for pin configurations.
Squared corner and dot on top
of case indicate pin one.
1.460 max
(37.08)
1.130 max
(28.70)
Materials
Header Cold Rolled Steel/Nickel/Gold
Cover
Kovar/Nickel
(SMHF Series
Cold Rolled Steel/Nickel/Gold)
Pins
#52 alloy/Gold
compression glass seal
Case dimensions in inches (mm)
Tolerance
±0.005 (0.13) for three decimal places
±0.01 (0.3) for two decimal places
unless otherwise specified
CAUTION
Heat from reflow or wave soldering may damage
the device. Solder pins individually with heat
application not exceeding 300
°C for 10 seconds
per pin.
0.000
0.160
(4.06)
0.960
(24.38)
1
2345
0.030 dia.
(0.76)
87
6
MHF+ Series Single and Dual: Screening – Standard, ES, or 883
MHF Series and LIM5050 Module: Screening – Standard or ES
SMHF Series Single and Dual and SLIM5050 Module:
Screening – Space Standard, H, or K
HR120 Series: No screening options
BOTTOM VIEW CASE E1
Projection Weld
Seam Seal
Squared corner and dot on top
of case indicate pin one.
FIGURE 16: CASE E1
FIGURE 15: CASE E MAXIMUM DIMENSIONS
Note: Although every effort has been made to render the case drawings at actual size, variations in the printing process may cause some distortion. Please refer
to the numerical dimensions for accuracy.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com