Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFL2812S/883 Datasheet(PDF) 11 Page - Crane Aerospace & Electronics.

Part # MFL2812S/883
Description  MFL Single and Dual DC/DC Converters
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MFL2812S/883 Datasheet(HTML) 11 Page - Crane Aerospace & Electronics.

Back Button MFL2812S/883 Datasheet HTML 5Page - Crane Aerospace & Electronics. MFL2812S/883 Datasheet HTML 6Page - Crane Aerospace & Electronics. MFL2812S/883 Datasheet HTML 7Page - Crane Aerospace & Electronics. MFL2812S/883 Datasheet HTML 8Page - Crane Aerospace & Electronics. MFL2812S/883 Datasheet HTML 9Page - Crane Aerospace & Electronics. MFL2812S/883 Datasheet HTML 10Page - Crane Aerospace & Electronics. MFL2812S/883 Datasheet HTML 11Page - Crane Aerospace & Electronics. MFL2812S/883 Datasheet HTML 12Page - Crane Aerospace & Electronics. MFL2812S/883 Datasheet HTML 13Page - Crane Aerospace & Electronics.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
MFL Single and Dual DC/DC Converter Cases
Crane Aerospace & Electronics Power Solutions
Page 11 of 13
Rev D - 20060601
www.craneae.com
28 VOLT INPUT – 65 WATT
Angled corner
indicates pin one.
1
2
3
4
5
6
12
11
10
9
8
7
0.000
0.120 (3.05)
0.250 (6.35)
0.450 (11.43)
0.650 (16.51)
0.850 (21.59)
1.050 (26.67)
1.250 (31.75)
1.380 (35.05)
1.505 (38.23) max.
0.128 dia
(3.25).
0.040 dia
(1.02)
0.23 (5.8) Lead Length
TOP VIEW CASE U
Flanged case, short-leaded
Seam Seal
Seal hole: 0.100 ±0.002 (2.54 ±0.05)
Case dimensions in inches (mm)
Tolerance ±0.005 (0.13) for three decimal places
±0.01 (0.3) for two decimal places
unless otherwise specified
CAUTION
Heat from reflow or wave soldering may damage the device.
Solder pins individually with heat application not exceeding 300°C for 10 seconds per pin
Materials
Header Cold Rolled Steel/Nickel/Gold
Cover
Kovar/Nickel
Pins
#52 alloy/Gold; compression glass seal
Case U, Rev C, 20060302
Please refer to the numerical dimensions for accuracy. All information is believed to be accurate,
but no responsibility is assumed for errors or omissions. Interpoint reserves the right to make
changes in products or specifications without notice.
Copyright © 1999-2006 Interpoint Corp. All rights reserved.
*Does not require designator in Case Option position of model number.
FIGURE 17: CASE U



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com