Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFL2812S/883 Datasheet(PDF) 4 Page - Crane Aerospace & Electronics.

Part # MFL2812S/883
Description  MFL Single and Dual DC/DC Converters
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MFL2812S/883 Datasheet(HTML) 4 Page - Crane Aerospace & Electronics.

  MFL2812S/883 Datasheet HTML 1Page - Crane Aerospace & Electronics. MFL2812S/883 Datasheet HTML 2Page - Crane Aerospace & Electronics. MFL2812S/883 Datasheet HTML 3Page - Crane Aerospace & Electronics. MFL2812S/883 Datasheet HTML 4Page - Crane Aerospace & Electronics. MFL2812S/883 Datasheet HTML 5Page - Crane Aerospace & Electronics. MFL2812S/883 Datasheet HTML 6Page - Crane Aerospace & Electronics. MFL2812S/883 Datasheet HTML 7Page - Crane Aerospace & Electronics. MFL2812S/883 Datasheet HTML 8Page - Crane Aerospace & Electronics. MFL2812S/883 Datasheet HTML 9Page - Crane Aerospace & Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
MFL Single and Dual DC/DC Converters
Crane Aerospace & Electronics Power Solutions
Page 4 of 13
Rev D - 20060601
www.craneae.com
28 VOLT INPUT – 65 WATT
SINGLE OUTPUT MODELS CONNECTION DIAGRAMS - SENSE AND PARALLEL
RL
1
2
3
4
5
6
REMOTE SENSE CONNECTION
12
11
10
9
8
7
–
+
28V
–
+
Inhibit
Sync In
RL
1
2
3
4
5
6
OUTPUT VOLTAGE ADJUST CONNECTION
12
11
10
9
8
7
–
+
28V
–
+
Inhibit
Sync In
0.1
0.2
0.3
0.4
0.5
70
140
210
280
350
25
50
75
100
125
20
40
60
80
100
RA (OHMS)
5–V
12–V
15–V
VOUT INCREASE
(VOLT)
RA
Positive Input
Input Common
TR1
INH1
Sync Out
Sync In
MSTR/INH2
Slave
Pos. Sense
Sense Return
Output Common
Positive Output
Positive Input
Input Common
TR1
INH1
Sync Out
Sync In
MSTR/INH2
Slave
Pos. Sense
Sense Return
Output Common
Positive Output
120
240
360
480
600
3.3–V
RL
1
Positive Input
Input Common
TR1
INH1
Sync Out
Sync In
2
3
4
5
6
1
2
3
4
5
6
1
2
3
4
5
6
CONNECT ONLY WHEN 2 SLAVES ARE USED
12
11
10
9
8
7
12
11
10
9
8
7
12
11
10
9
8
7
–
+
MSTR/INH2
Slave
Pos. Sense
Sense Return
Output Common
Positive Output
MASTER
SLAVE 1
SLAVE 2
28V
–
+
Inhibit
Sync In
Positive Input
Input Common
TR1
INH1
Sync Out
Sync In
MSTR/INH2
Slave
Pos. Sense
Sense Return
Output Common
Positive Output
Positive Input
Input Common
TR1
INH1
Sync Out
Sync In
MSTR/INH2
Slave
Pos. Sense
Sense Return
Output Common
Positive Output
FIGURE 2: SENSE CONNECTIONS AND TRIM TABLE
FIGURE 3: PARALLEL CONNECTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com