Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFL2812S/883 Datasheet(PDF) 5 Page - Crane Aerospace & Electronics.

Part # MFL2812S/883
Description  MFL Single and Dual DC/DC Converters
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MFL2812S/883 Datasheet(HTML) 5 Page - Crane Aerospace & Electronics.

  MFL2812S/883 Datasheet HTML 1Page - Crane Aerospace & Electronics. MFL2812S/883 Datasheet HTML 2Page - Crane Aerospace & Electronics. MFL2812S/883 Datasheet HTML 3Page - Crane Aerospace & Electronics. MFL2812S/883 Datasheet HTML 4Page - Crane Aerospace & Electronics. MFL2812S/883 Datasheet HTML 5Page - Crane Aerospace & Electronics. MFL2812S/883 Datasheet HTML 6Page - Crane Aerospace & Electronics. MFL2812S/883 Datasheet HTML 7Page - Crane Aerospace & Electronics. MFL2812S/883 Datasheet HTML 8Page - Crane Aerospace & Electronics. MFL2812S/883 Datasheet HTML 9Page - Crane Aerospace & Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
MFL Single and Dual DC/DC Converters
Crane Aerospace & Electronics Power Solutions
Page 5 of 13
Rev D - 20060601
www.craneae.com
28 VOLT INPUT – 65 WATT
SMD NUMBERS
MFL
28 05 S / ES
Base Model
Input Voltage
Output Voltage
Screening
Number of Outputs
(S = single, D = dual)
(Standard screening has no designator
in this position.)
MODEL NUMBERING KEY
STANDARD MICROCIRCUIT
DRAWING (SMD)
IN PROCESS
5962-9316301HXC
5962-9316201HXC
5962-9316101HXC
IN PROCESS
5962-9319101HXC
5962-9319201HXC
5962-9319301HXC
MFL SERIES
SIMILAR PART
MFL283R3S
MFL2805S/883
MFL2812S/883
MFL2815S/883
MFL2828S/883
MFL2805D/883
MFL2812D/883
MFL2815D/883
For exact specifications for an SMD product, refer to the
SMD drawing. SMDs can be downloaded from:
http://www.dscc.dla.mil/programs/smcr
Model Selection
MFL28
Base model
Vout value
number of outputs
screening
Choose one from each of the following rows
Vout value
for singles: 3R3, 5, 12, 15, 28
for duals: 5, 12, 15
“R” = decimal point, 3R3 = 3.3VDC
Number of outputs
S (single) or D (dual)
Screening
standard screening, leave blank
/ES (ES screening), /883 (Class H, QML)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com