Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MOR283R3SW/ES Datasheet(PDF) 11 Page - Crane Aerospace & Electronics.

Part # MOR283R3SW/ES
Description  MOR Single and Dual DC/DC Converters
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MOR283R3SW/ES Datasheet(HTML) 11 Page - Crane Aerospace & Electronics.

Back Button MOR283R3SW/ES Datasheet HTML 7Page - Crane Aerospace & Electronics. MOR283R3SW/ES Datasheet HTML 8Page - Crane Aerospace & Electronics. MOR283R3SW/ES Datasheet HTML 9Page - Crane Aerospace & Electronics. MOR283R3SW/ES Datasheet HTML 10Page - Crane Aerospace & Electronics. MOR283R3SW/ES Datasheet HTML 11Page - Crane Aerospace & Electronics. MOR283R3SW/ES Datasheet HTML 12Page - Crane Aerospace & Electronics. MOR283R3SW/ES Datasheet HTML 13Page - Crane Aerospace & Electronics. MOR283R3SW/ES Datasheet HTML 14Page - Crane Aerospace & Electronics. MOR283R3SW/ES Datasheet HTML 15Page - Crane Aerospace & Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
MOR Single and Dual DC/DC Converters
Crane Aerospace & Electronics Power Solutions
Page 11 of 21
Rev G - 20060418
www.craneae.com
28 VOLT INPUT – 120 WATT
FIGURE 23
FIGURE 25
16V
28V
40V
10.5
105
52.5
50
60
70
80
90
Output Power (Watts)
MOR289R5D Efficiency
16V
28V
40V
12
120
60
50
60
70
80
90
Output Power (Watts)
MOR2815D Efficiency
16V
28V
40V
11
110
55
50
60
70
80
90
Output Power (Watts)
MOR2812D Efficiency
FIGURE 24
FIGURE 28
0.1
1
10
100
0
100
20
40
60
80
Frequency (kHz)
MOR2815D Audio Rejection
Negative Output
Positive Output
FIGURE 26
0.1
1
10
100
0
100
20
40
60
80
Frequency (kHz)
MOR2805S Audio Rejection
FIGURE 27
0.1
1
10
100
0
100
20
40
60
80
Frequency (kHz)
MOR2815S Audio Rejection
Typical Performance Curves: 25°C Tc, 28 VDC Vin, 100% load, 20 MHz BW, free run, unless otherwise specified.
FIGURE 29
FIGURE 30
FIGURE 31
MOR2812D Sync Out
500 ns/div
MOR2805S Output Ripple (Vout)
1 μs/div
MOR2805S Input Ripple Current (Iin)
1 μs/div
25 μs/div
0 V
Representative of all models
80% Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com