Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MOR283R3SW/ES Datasheet(PDF) 4 Page - Crane Aerospace & Electronics.

Part # MOR283R3SW/ES
Description  MOR Single and Dual DC/DC Converters
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MOR283R3SW/ES Datasheet(HTML) 4 Page - Crane Aerospace & Electronics.

  MOR283R3SW/ES Datasheet HTML 1Page - Crane Aerospace & Electronics. MOR283R3SW/ES Datasheet HTML 2Page - Crane Aerospace & Electronics. MOR283R3SW/ES Datasheet HTML 3Page - Crane Aerospace & Electronics. MOR283R3SW/ES Datasheet HTML 4Page - Crane Aerospace & Electronics. MOR283R3SW/ES Datasheet HTML 5Page - Crane Aerospace & Electronics. MOR283R3SW/ES Datasheet HTML 6Page - Crane Aerospace & Electronics. MOR283R3SW/ES Datasheet HTML 7Page - Crane Aerospace & Electronics. MOR283R3SW/ES Datasheet HTML 8Page - Crane Aerospace & Electronics. MOR283R3SW/ES Datasheet HTML 9Page - Crane Aerospace & Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
MOR Single and Dual DC/DC Converters
Crane Aerospace & Electronics Power Solutions
Page 4 of 21
Rev G - 20060418
www.craneae.com
28 VOLT INPUT – 120 WATT
HOW TO USE FUNCTIONS
POSITIVE INPUT AND INPUT COMMON
Steady state voltage range is 16 to 40 VDC. Transient range is 40
to 50 V for a maximum of 120 msec. Low voltage lockout prevents
the units from operating below approximately 15.5 VDC input
voltage to keep system current levels smooth, especially during
initialization or re-start operations. All models include a soft-start
function to prevent large current draw and minimize overshhoot.
CASE AND EXTERNAL INPUT FILTERS
Internal 500 V capacitors are connected between the case and
input common and between the case and output common. See
Figure 3.
Interpoint’s FME filters are recommended to meet CE03 require-
ments for reflected input line current. When using an external input
filter it is important that the case of the filter and the case of the
converter be connected through as low as an impedance as
possible. Direct connection of the baseplates to chassis ground is
the best connection. If connected by a single trace, the trace should
be as wide as it is long.
TRIM
Both single and dual output models include a trim function. Output
voltage can be trimmed from 60% up to 110% of nominal V out .
When trimming up, do not exceed the maximum output power.
When trimming down, do not exceed the maximum output current.
See Figure 4.
On dual models the positive output is regulated and the negative
output is transformer coupled (cross-regulated) to the positive
output. When trimming the duals, both output voltages will be
adjusted equally. See Figure 5.
INHIBIT 1 AND 2
Two inhibit terminals disable switching, resulting in no output and
very low quiescent
input
current.
The
two inhibit pins allow
access to an inhibit
function
on
either
side of the isolation
barrier to help main-
tain isolation.
An open collector is
required
for
inter-
facing with both of
the inhibit pins. Applying an open-collector TTL logic low to either
inhibit pin will inhibit the
converter. Applying an
open collector TTL logic
high or leaving the pins
open
will
enable
the
converter. Inhibit 1 is
referenced
to
Input
Common, while Inhibit 2
is referenced to Sense
Return on the output side.
The open circuit voltage
for Inhibit 1 is 13 V and for
Inhibit 2 it is 8 V. Float the inhibit pin(s) if not used. The required
logic low voltage level is 0.2 V maximum.
See Figures 6 and 7.
V
CC
Positive
Input
Inhibit 1
Input
Common
MOR Input Side
FIGURE 6: INHIBIT – INPUT SIDE
V
S
~
~
Current
Limit
Feedback
Voltage
E/A
Inhibit 2
Sense
Return
MOR Output Side
FIGURE 7: INHIBIT – OUTPUT SIDE
Positive Input
1
2 Input Common
MOR
Single or Dual
Output
10, 11, 12
7, 8, 9
Case
Chassis Ground
Positive Input
1, 2, 3
4, 5, 6
28V
Input Common
FME28-461
EMI Filter
Positive Output
Output Common
FIGURE 3: EXTERNAL FILTER CONNECTION
3
Trim
RT
7
10
9
8
Positive Output
Positive Sense
Sense Return
Output Common
MOR
Single
Output
TRIM UP
TRIM
DOWN
FIGURE 4: TRIM – SINGLE
10 Trim
RT
TRIM UP
TRIM DOWN
MOR
Dual
Output
7
8
9
Positive Output
Output Common
Negative Output
FIGURE 5: TRIM – DUAL
Vo
Vo nominal
50 •
α – 30
1 –
α
Trim Up:
α
=
, 1.0
≤ α ≤ 1.1
RT (kΩ) =
– 50
Example:
Vo nominal = 5.0, Vo = 5.25, α = 1.05, RT = 390 kΩ
Trim Down:
α
=
, 0.6
≤ α ≤ 1.0
RT (kΩ) =
Example: Vo nominal = 5.0,Vo = 4.5, α = 0.9, RT = 150 kΩ
Vo
Vo nominal
(
– 1
) • 20
(
α -1)
2.5
Vo
TRIM FORMULAS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com