Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MOR283R3SW/ES Datasheet(PDF) 2 Page - Crane Aerospace & Electronics.

Part # MOR283R3SW/ES
Description  MOR Single and Dual DC/DC Converters
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MOR283R3SW/ES Datasheet(HTML) 2 Page - Crane Aerospace & Electronics.

  MOR283R3SW/ES Datasheet HTML 1Page - Crane Aerospace & Electronics. MOR283R3SW/ES Datasheet HTML 2Page - Crane Aerospace & Electronics. MOR283R3SW/ES Datasheet HTML 3Page - Crane Aerospace & Electronics. MOR283R3SW/ES Datasheet HTML 4Page - Crane Aerospace & Electronics. MOR283R3SW/ES Datasheet HTML 5Page - Crane Aerospace & Electronics. MOR283R3SW/ES Datasheet HTML 6Page - Crane Aerospace & Electronics. MOR283R3SW/ES Datasheet HTML 7Page - Crane Aerospace & Electronics. MOR283R3SW/ES Datasheet HTML 8Page - Crane Aerospace & Electronics. MOR283R3SW/ES Datasheet HTML 9Page - Crane Aerospace & Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
MOR Single and Dual DC/DC Converters
Crane Aerospace & Electronics Power Solutions
Page 2 of 21
Rev G - 20060418
www.craneae.com
28 VOLT INPUT – 120 WATT
Positive
Input
Input
Common
Output
Common
Positive
Output
100
Ω
100
Ω
Positive
Sense
Sense
Return
+
_
+
_
Secondary VCC
VS+
Share
Function
VRef
Share
Trim
Secondary VCC
Inhibit 2
PWM
Controller
Sync
In / Out
VIn
UVLO
Sync In
Sync Out
FET
Driver
Bias
Supply
Inhibit 1
1.7
μΗ
0.5
μΗ
1.3
μΗ
0.1
μΗ
6
μF
0.1
Ω
6
μF
0.015
μF
500 V
0.015
μF
500 V
600
μF
600
μF
FIGURE 1: SIMPLIFIED SCHEMATIC – MOR2805S, SINGLE 5 VOLT OUTPUT – TYPICAL VALUES
OPERATING CONDITIONS AND CHARACTERISTICS
Input Voltage Range
• 16 to 40 VDC continuous
• 50 V for 120 msec transient
Output Power
• 66 to 120 W, depending on model
Power Dissipation (Pd)
• 30 W
Lead Soldering Temperature (10 sec per lead)
• 300°C
Storage Temperature Range (Case)
• –65°C to +150°C
Case Operating Temperature (Tc)
• –55°C to +125°C full power
• –55°C to +135°C absolute
Derating Output Power/Current
• Linearly from 100% at 125°C to 0% at 135° C
Output Voltage Temperature Coefficient
• 100 ppm/°C typical
Input to Output Capacitance
• 150 pF typical
Current Limit
• 125% of full load typical
Isolation
• 100 megohm minimum at 500 V
Audio Rejection
• 40 dB typical
Conversion Frequency
• Free run mode, 25°C, 550 kHz typical
480 kHz. min, 580 kHz max
• External sync range 525 to 625 kHz
Inhibit Pin Voltage (unit enabled)
• INH1 = 13 V typ, INH2 = 8 V typical
Undervoltage Lockout
• 15.5 V input typical
SYNC AND INHIBIT
Sync In (525 to 625 kHz)
• Logic low 0.8 V max, duty cycle 15% to 50%
• Logic high 4.5 V min, 9 V max
• Referenced to input common
Sync Out - Referenced to input common
Inhibit (INH1, INH2) : TTL Open Collector
• Logic low (output disabled), V = 0.2 V max.
• INH1 referenced to input common
• INH2 referenced to output common
• Logic high (output enabled) open collector
MECHANICAL AND ENVIRONMENTAL
Size (maximum)
3.005 x 1.505 x 0.400 inches (76.33 x 38.23 x 10.16 mm)
Available in a variety of packages. See cases U, V, W, Y, and Z
for dimensions.
Weight (maximum)
110 grams typical
Screening
Standard, ES, or 883 (Class H, QML). See “883, Class H, QML Products –
Environmental Screeing” for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com