Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74HC652 Datasheet(PDF) 8 Page - Texas Instruments

Part # CD74HC652
Description  High-Speed CMOS Logic Octal-Bus Transceiver/Registers, Three-State
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC652 Datasheet(HTML) 8 Page - Texas Instruments

Back Button CD74HC652 Datasheet HTML 4Page - Texas Instruments CD74HC652 Datasheet HTML 5Page - Texas Instruments CD74HC652 Datasheet HTML 6Page - Texas Instruments CD74HC652 Datasheet HTML 7Page - Texas Instruments CD74HC652 Datasheet HTML 8Page - Texas Instruments CD74HC652 Datasheet HTML 9Page - Texas Instruments CD74HC652 Datasheet HTML 10Page - Texas Instruments CD74HC652 Datasheet HTML 11Page - Texas Instruments CD74HC652 Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
Prerequisite for Switching Specifications
PARAMETER
SYMBOL
VCC (V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
HC TYPES
Maximum Clock
Frequency
fMAX
2
6
-
-
5
-
-
4
-
-
MHz
4.5
30
-
-
25
-
-
20
-
-
MHz
6
35
-
-
29
-
-
23
-
-
MHz
Setup Time
Data to Clock
tSU
260
-
-
75
-
-
90
-
-
ns
4.5
12
-
-
15
-
-
18
-
-
ns
610
-
-
13
-
-
15
-
-
ns
Hold Time
Data to Clock
tH
235
-
-
45
-
-
55
-
-
ns
4.5
7
-
-
9
-
-
11
-
-
ns
66
-
-
8
-
-
9
-
-
ns
Clock Pulse Width
tW
2
80
-
-
100
-
-
120
-
-
ns
4.5
16
-
-
20
-
-
24
-
-
ns
614
-
-
17
-
-
20
-
-
ns
HCT TYPES
Maximum Clock
Frequency
fMAX
4.5
25
-
-
20
-
-
17
-
-
MHz
Setup Time
Data to Clock
tSU
4.5
12
-
-
15
-
-
18
-
-
ns
Hold Time
Data to Clock
tH
4.5
5
-
-
5
-
-
5
-
-
ns
Clock Pulse Width
tW
4.5
25
-
-
31
-
-
38
-
-
ns
Switching Specifications Input tr, tf = 6ns
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC
(V)
25oC
-40oC TO 85oC
-55oCTO125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HC TYPES
Propagation Delay,
Store A Data to B Bus
Store B Data to A Bus
tPLH, tPHL
CL = 50pF
2
-
-
220
-
275
-
300
ns
4.5
-
-
44
-
55
-
66
ns
6
-
-
37
-
47
-
5.6
ns
CL = 15pF
5
-
18
-
----
ns
Propagation Delay,
A Data to B Bus
B Data to A Bus
tPLH, tPHL
CL = 50pF
2
-
-
135
-
170
-
205
ns
4.5
-
-
27
-
34
-
41
ns
6
-
-
23
-
29
-
35
ns
CL = 15pF
5
-
12
-
----
ns
Propagation Delay,
Select to Data
tPLH, tPHL
CL = 50pF
2
-
-
170
-
215
-
255
ns
4.5
-
-
34
-
43
-
51
ns
6
-
-
29
-
37
-
43
ns
CL = 15pF
5
-
14
-
----
ns
CD74HC652, CD74HCT652
CD74HC652, CD74HCT652



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com