Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74HC652 Datasheet(PDF) 1 Page - Texas Instruments

Part # CD74HC652
Description  High-Speed CMOS Logic Octal-Bus Transceiver/Registers, Three-State
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC652 Datasheet(HTML) 1 Page - Texas Instruments

  CD74HC652 Datasheet HTML 1Page - Texas Instruments CD74HC652 Datasheet HTML 2Page - Texas Instruments CD74HC652 Datasheet HTML 3Page - Texas Instruments CD74HC652 Datasheet HTML 4Page - Texas Instruments CD74HC652 Datasheet HTML 5Page - Texas Instruments CD74HC652 Datasheet HTML 6Page - Texas Instruments CD74HC652 Datasheet HTML 7Page - Texas Instruments CD74HC652 Datasheet HTML 8Page - Texas Instruments CD74HC652 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS194
[ /Title (CD74HC652, CD74HCT652)
/Subject (High-Speed CMOS Logic Octal-Bus Trans-
ceiver/Registers, Three-State)
/Author ()
/Keywords ()
/Creator ()
/DOCINFO pdfmark
[ /PageMode /UseOutlines
/DOCVIEW pdfmark
Features
• CD74HC652, CD74HCT652 . . . . . . . . . . . Non-Inverting
• Independent Registers for A and B Buses
• Three-State Outputs
• Drives 15 LSTTL Loads
• Typical Propagation Delay = 12ns at VCC =5V, CL = 15pF
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• Alternate Source is Philips
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH
Pinout
CD74HC652, CD74HCT652
(PDIP, SOIC)
TOP VIEW
1
2
3
4
5
6
7
8
9
10
11
12
CAB
SAB
OEAB
A0
A1
A2
A3
A4
A5
A6
A7
GND
16
17
18
19
20
21
22
23
24
15
14
13
VCC
SBA
OEBA
B0
B1
B3
B5
B6
B7
CBA
B2
B4
February 1998
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© Harris Corporation 1998
File Number
2229.2
CD74HC652,
CD74HCT652
High-Speed CMOS Logic
Octal-Bus Transceiver/Registers, Three-State


Similar Part No. - CD74HC652

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC652 TI1-CD74HC652 Datasheet
139Kb / 13P
High-Speed CMOS Logic Octal-Bus Transceiver/Registers, Three-State
CD74HC652 TI2-CD74HC652 Datasheet
203Kb / 13P
High-Speed CMOS Logic Octal-Bus Transceiver/Registers, Three-State
Revised May 2003
CD74HC652EN TI2-CD74HC652EN Datasheet
203Kb / 13P
High-Speed CMOS Logic Octal-Bus Transceiver/Registers, Three-State
Revised May 2003
CD74HC652 TI1-CD74HC652_15 Datasheet
139Kb / 13P
High-Speed CMOS Logic Octal-Bus Transceiver/Registers, Three-State
More results

Similar Description - CD74HC652

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54-74HC646 TI-CD54-74HC646 Datasheet
245Kb / 8P
HIGH-SPEED CMOS LOGIC(OCTAL BUS TRANSCEIVER/REGISTER,3-STATE)
CD54HC245 TI-CD54HC245 Datasheet
37Kb / 7P
High Speed CMOS Logic Octal-Bus Transceiver, Three-State, Non-Inverting
CD74HC640 TI-CD74HC640 Datasheet
37Kb / 8P
High Speed CMOS Logic Octal Three-State Bus Transceiver, Inverting
CD74HCT242 TI-CD74HCT242 Datasheet
48Kb / 7P
High Speed CMOS Logic Quad-Bus Transceiver with Three-State Outputs
CD54HCT640 TI-CD54HCT640 Datasheet
268Kb / 11P
High-Speed CMOS Logic Octal Three-State Bus Transceiver, Inverting
CD54HC245 TI-CD54HC245_03 Datasheet
261Kb / 12P
High-Speed CMOS Logic Octal-Bus Transceiver, Three-State, Non-Inverting
CD54HC640 TI-CD54HC640_08 Datasheet
275Kb / 12P
High-Speed CMOS Logic Octal Three-State Bus Transceiver, Inverting
CD54HC245 TI1-CD54HC245_16 Datasheet
853Kb / 17P
High-Speed CMOS Logic Octal-Bus Transceiver, Three-State, Non-Inverting
CD74HC646 TI1-CD74HC646 Datasheet
327Kb / 14P
High-Speed CMOS Logic Octal Bus Transceiver/Register, Three-State
CD74HC652 TI1-CD74HC652_15 Datasheet
139Kb / 13P
High-Speed CMOS Logic Octal-Bus Transceiver/Registers, Three-State
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com