Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74HC652 Datasheet(PDF) 9 Page - Texas Instruments

Part # CD74HC652
Description  High-Speed CMOS Logic Octal-Bus Transceiver/Registers, Three-State
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC652 Datasheet(HTML) 9 Page - Texas Instruments

Back Button CD74HC652 Datasheet HTML 4Page - Texas Instruments CD74HC652 Datasheet HTML 5Page - Texas Instruments CD74HC652 Datasheet HTML 6Page - Texas Instruments CD74HC652 Datasheet HTML 7Page - Texas Instruments CD74HC652 Datasheet HTML 8Page - Texas Instruments CD74HC652 Datasheet HTML 9Page - Texas Instruments CD74HC652 Datasheet HTML 10Page - Texas Instruments CD74HC652 Datasheet HTML 11Page - Texas Instruments CD74HC652 Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
Three-State Disabling Time Bus
to Output or Register to Output
tPLZ, tPHZ
CL = 50pF
2
-
-
175
-
220
-
265
ns
4.5
-
-
35
-
44
-
53
ns
6
-
-
30
-
37
-
45
ns
CL = 15pF
5
-
14
-
----
ns
Three-State Enabling Time Bus
to Output or Register to Output
tPZL, tPZH
CL = 50pF
2
-
-
175
-
220
-
265
ns
4.5
-
-
35
-
44
-
53
ns
6
-
-
30
-
37
-
45
ns
CL = 15pF
5
-
14
-
----
ns
Output Transition Time
tTLH, tTHL
CL = 50pF
2
-
-
60
-
75
-
90
ns
4.5
-
-
12
-
15
-
18
ns
6
-
-
10
-
13
-
15
ns
Three-State Output
Capacitance
CO
-
-
-
-
20
-
20
-
20
pF
Input Capacitance
CI
-
-
-
-
10
-
10
-
10
pF
Maximum Frequency
fMAX
CL = 15pF
5
-
60
-
----
MHz
Power Dissipation Capacitance
(Notes 7, 8)
CPD
-
5
-
52
-
----
pF
HCT TYPES
Propagation Delay,
Store A Data to B Bus
Store B Data to A Bus
tPLH, tPHL
CL = 50pF
4.5
-
-
44
-
55
-
66
ns
CL = 15pF
5
-
18
-
----
ns
Propagation Delay,
A Data to B Bus
B Data to A Bus
tPLH, tPHL
CL = 50pF
4.5
-
-
37
-
46
-
56
ns
CL = 15pF
5
-
15
-
----
ns
Propagation Delay,
Select to Data
tPLH, tPHL
CL = 50pF
4.5
-
-
46
-
58
-
69
ns
CL = 15pF
5
-
19
-
----
ns
Three-State Disabling Time Bus
to Output or Register to Output
tPLZ, tPHZ
CL = 50pF
4.5
-
-
35
-
44
-
53
ns
CL = 15pF
5
-
14
-
----
ns
Three-State Enabling Time Bus
to Output or Register to Output
tPZL, tPZH
CL = 50pF
4.5
-
-
45
-
56
-
68
ns
CL = 15pF
5
-
19
-
----
ns
Output Transition Time
tTLH, tTHL
CL = 50pF
4.5
-
-
12
-
15
-
18
ns
Three-State Output
Capacitance
CO
-
-
-
-
20
-
20
-
20
pF
Input Capacitance
CI
-
-
-
-
10
-
10
-
10
pF
Maximum Frequency
fMAX
CL = 15pF
5
-
45
-
----
MHz
Power Dissipation Capacitance
(Notes 7, 8)
CPD
-
5
-
52
-
----
pF
NOTES:
7. CPD is used to determine the dynamic power consumption, per package.
8. PD = VCC
2 C
PD fi + Σ VCC
2 C
L fo where fi = input frequency, fo = output frequency, CL = output load capacitance, CS = switch capaci-
tance, VCC = supply voltage.
Switching Specifications Input tr, tf = 6ns (Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC
(V)
25oC
-40oC TO 85oC
-55oCTO125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
CD74HC652, CD74HCT652



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com