Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD75323 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # GD75323
Description  MULTIPLE RS-232 DRIVERS AND RECEIVERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GD75323 Datasheet(HTML) 1 Page - Texas Instruments

  GD75323 Datasheet HTML 1Page - Texas Instruments GD75323 Datasheet HTML 2Page - Texas Instruments GD75323 Datasheet HTML 3Page - Texas Instruments GD75323 Datasheet HTML 4Page - Texas Instruments GD75323 Datasheet HTML 5Page - Texas Instruments GD75323 Datasheet HTML 6Page - Texas Instruments GD75323 Datasheet HTML 7Page - Texas Instruments GD75323 Datasheet HTML 8Page - Texas Instruments GD75323 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
GD75323
MULTIPLE RS-232 DRIVERS AND RECEIVERS
SLLS213A – JANUARY 1996 – REVISED JUNE 1999
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Single Chip With Easy Interface Between
UART and Serial-Port Connector of an
External Modem or Other Computer
Peripheral
D Five Drivers and Three Receivers Meet or
Exceed the Requirements of ANSI Standard
TIA/EIA-232-F and ITU Recommendation
V.28 Standards
D Supports Data Rates up to 120 kbit/s
D Complement to the GD75232
D Provides Pin-to-Pin Replacement for the
Goldstar GD75323
D Pin-Out Compatible With SN75196
D Functional Replacement for the MC145405
description
The GD75323 combines five drivers and three receivers from the trade-standard SN75188 and SN75189
bipolar quadruple drivers and receivers, respectively. The flow-through design of the GD75323 decreases the
part count, reduces the board space required, and allows easy interconnection of the UART and serial-port
connector. The all-bipolar circuits and processing of the GD75323 provide a rugged, low-cost solution for this
function.
The GD75323 complies with the requirements of the ANSI TIA/EIA-232-F and ITU (formerly CCITT) V.28
standards. These standards are for data interchange between a host computer and a peripheral at signal rates
up to 20 kbit/s. The switching speeds of the GD75323 are fast enough to support rates up to 120 kbit/s with lower
capacitive loads (shorter cables). Interoperability at the higher signaling rates cannot be assured unless the
designer has design control of the cable and the interface circuits at both ends. For interoperability at signaling
rates up to 120 kbit/s, use of ANSI Standard TIA/EIA-423-B and TIA/EIA-422-B and ITU Recommendations V.10
and V.11 are recommended.
The GD75323 is characterized for operation over a temperature range of 0
°C to 70°C.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
VCC
1DA
2DA
3DA
1RY
2RY
4DA
3RY
5DA
GND
VDD
1DY
2DY
3DY
1RA
2RA
4DY
3RA
5DY
VSS
DW OR N PACKAGE
(TOP VIEW)
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
© 1999, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - GD75323

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
GD75323 TI1-GD75323 Datasheet
1Mb / 19P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
GD75323 TI2-GD75323 Datasheet
603Kb / 18P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
REVISED JUNE 1999
GD75323DW TI1-GD75323DW Datasheet
1Mb / 19P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
GD75323DW TI2-GD75323DW Datasheet
603Kb / 18P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
REVISED JUNE 1999
GD75323DW.A TI2-GD75323DW.A Datasheet
603Kb / 18P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
REVISED JUNE 1999
More results

Similar Description - GD75323

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST75185 STMICROELECTRONICS-ST75185 Datasheet
478Kb / 18P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
Dec-2002
logo
Texas Instruments
SN75196 TI-SN75196 Datasheet
189Kb / 12P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Holtek Semiconductor In...
HT6571 HOLTEK-HT6571 Datasheet
483Kb / 8P
Multiple RS-232 Drivers and Receivers
August 20, 2002
logo
STMicroelectronics
ST75185 STMICROELECTRONICS-ST75185_06 Datasheet
376Kb / 21P
Multiple RS-232 drivers and receivers
01-Jun-2006
logo
Unisonic Technologies
75232 UTC-75232 Datasheet
300Kb / 10P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Texas Instruments
SN75185 TI-SN75185_06 Datasheet
357Kb / 19P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
STMicroelectronics
ST75185C STMICROELECTRONICS-ST75185C Datasheet
798Kb / 22P
Multiple RS-232 drivers and receivers
19-Dec-2007
logo
Texas Instruments
SN75185 TI-SN75185_07 Datasheet
547Kb / 21P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Unisonic Technologies
75323 UTC-75323_15 Datasheet
383Kb / 12P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Texas Instruments
GD75323 TI1-GD75323_16 Datasheet
1Mb / 19P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com