Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ET-1010-R Datasheet(PDF) 3 Page - Gamewell-FCI by Honeywell

Part # ET-1010-R
Description  Wheelock
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

ET-1010-R Datasheet(HTML) 3 Page - Gamewell-FCI by Honeywell

  ET-1010-R Datasheet HTML 1Page - Gamewell-FCI by Honeywell ET-1010-R Datasheet HTML 2Page - Gamewell-FCI by Honeywell ET-1010-R Datasheet HTML 3Page - Gamewell-FCI by Honeywell ET-1010-R Datasheet HTML 4Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ARCHITECT & ENGINEER SPECIFICATIONS
The speaker appliances shall be Wheelock ET Series Speakers and Speaker Strobes or approved equivalent. The speakers shall
be listed under Standard UL 1480 for Fire Protective Service. Speaker appliances equipped with strobes shall additionally be Listed
under UL 1971, Signaling Devices for the Hearing Impaired.
All speakers shall include both 25 and 70 VRMS inputs with field-selectable power taps from 1/8 watt to 8 watts with listed sound
output up to 94 dBA for speakers and speaker-strobes. Strobes shall be Listed for 20 to 31 VDC input using filtered power or unfil-
tered power supply VRMS. All models shall have provisions for standard reverse-polarity-type supervision for strobe portion and In/
Out field wiring using terminals that accept #12 AWG (3.25 mm²) to #18 AWG (0.75 mm²) wiring. Additionally, the speaker shall
incorporate sealed-back construction.
Combination speaker-strobe appliances shall incorporate a Xenon flashtube enclosed in a rugged LEXAN® lens or equivalent with
solid state circuitry. Strobe shall meet UL 1971 and produce a flash rate of one (1) flash per second minimum over the listed input
voltage (20 - 31 VDC) range. The strobe intensity shall be rated per UL 1971 for 15, 15/75, 30, 75, or 110 candela for wall mounting;
and 15, 30, 75, or 100 candela for ceiling-mount applications. The 15/75 candela wall strobe shall be specified when 15 candela UL
1971 listing with 75 candela intensity on-axis is required.
Combination speaker-strobe appliances shall incorporate the Wheelock RSS Series Non-Sync/Sync circuitry and shall be designed
for compatibility with Wheelock SM and DSM Sync Modules for synchronized strobe flash. Wheelock Sync Modules and Synchronized
Strobes shall be designed as a system for continuous activation of the strobes; should the Sync Module contacts fail in the passive
state (i.e., contacts remain closed), the strobes shall revert to a non-synchronized rate of 1 flash per second (default mode).
All UL 1971 listed strobe appliances shall be certified to meet FCC Part 15, Class B and incorporate low temperature compensation
to ensure the lowest possible current consumption. Strobe activation shall be via independent input from the audio circuit.
The speakers and speaker-strobe appliances shall be designated for indoor surface or flush mounting. The speaker and speaker
strobes shall incorporate a speaker mounting plate with a grille cover which is secured with two screws for a level, aesthetically
pleasing finish. They shall mount on standard electrical hardware requiring no additional trim plate or adapter. The appliance shall be
finished in a textured red or white color.
Contact Wheelock for installation instructions (Wheelock P83567) and general information sheet (Wheelock P82380) for these products.
These materials undergo periodic changes. It is important that you have current information on these products. These materials contain
important information that should be read prior to specifying or installing these products, including:
•
Total current required by all devices connected to system primary and secondary power sources.
•
Fuse ratings on NAC circuits to handle maximum inrush or peak currents from all devices on those circuits.
•
Composite flash rate from multiple strobes within a person’s field of view.
•
Voltage applied: the voltage applied to these products must be within their rated input voltage range.
•
Installation of 110/100 candela strobe products in sleeping areas.
•
Installation in office areas and other specification and installation issues.
•
Note: Use strobes only on circuits with continuously applied operating voltage. Do not use strobe on coded or interrupted
nac circuits in which the applied voltage is cycled on and off, as the strobe may not flash.
•
Conductor specifications: Conductor size (AWG), length and capacity should be taken into consideration prior to design and
installation of these products, particularly in retrofit installations.
FAILURE TO COMPLY WITH THE INSTALLATION INSTRUCTIONS OR GENERAL INFORMATION SHEETS COULD RESULT IN
IMPROPER INSTALLATION, APPLICATION, AND/OR OPERATION OF THESE PRODUCTS IN AN EMERGENCY SITUATION, WHICH
COULD RESULT IN PROPERTY DAMAGE AND SERIOUS INJURY OR DEATH TO YOU AND/OR OTHERS.
Wheelock products must be used within their published specifications and must be PROPERLY specified, applied, installed, operated,
maintained, and operationally tested in accordance with their installation instructions at the time of installation and at least twice a year
or more often and in accordance with local, state, and federal codes, regulations, and laws. Specification, application, installation,
operation, maintenance, and testing must be performed by qualified personnel for proper operation in accordance with all of the latest
National Fire Protection Association (NFPA), Underwriters’ Laboratories (UL), National Electrical Code (NEC), Occupational Safety and
Health Administration (OSHA), local, state, county, province, district, federal, and other applicable building and fire standards, guide-
lines, regulations, laws, and codes including, but not limited to, all appendices and amendments and the requirements of the local
authority having jurisdiction (AHJ).
FIRECONTROLINSTRUMENTS
16 Southwest Park, Westwood, MA 02090 USA • Tel: 781-471-3000 • Fax: 781-471-3099 • www.firecontrolinstruments.com
A Honeywell Company
Specifications are provided for information only, and are not intended to be used for installation purposes and are believed to be accurate.
However, no responsibility is assumed by Fire Control Instruments for their use. Specifications subject to change without notice.
© 2003 All Rights Reserved
9020-0579/Ver. 1.0 / Page 3 of 4
ET Series
Building Intelligent Netw orks



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com