Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ET-1010-R Datasheet(PDF) 1 Page - Gamewell-FCI by Honeywell

Part # ET-1010-R
Description  Wheelock
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

ET-1010-R Datasheet(HTML) 1 Page - Gamewell-FCI by Honeywell

  ET-1010-R Datasheet HTML 1Page - Gamewell-FCI by Honeywell ET-1010-R Datasheet HTML 2Page - Gamewell-FCI by Honeywell ET-1010-R Datasheet HTML 3Page - Gamewell-FCI by Honeywell ET-1010-R Datasheet HTML 4Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GENERAL
Wheelock has enhanced the ET Series
high-performance Speakers and Speaker
Strobe combinations. These speakers are
specifically designed to meet the critical
needs of the life safety industry for voice
and tone signaling. These dual voltage (25/
70 volt), multiple tap (from 1/8 to 8 watts)
audio systems now
incorporate a new
low-profile design which results in more
space in standard electrical backboxes.
ET Series Speakers and Speaker Strobes
now incorporate a new speaker mounting
plate for faster and easier installation with
a built-in level adjustment feature, and a
new aesthetically pleasing two-screw grille
cover. Additionally, the ET Series Speaker
Strobe models now incorporate
the
new
low-current,
reduced-inrush,
Wheelock RSS Series Non-Sync/Sync
Strobes (synchronization of the strobe
flash is achieved when used with the
Wheelock SM or DSM Sync Module).
ET Series Speaker Strobes are designed
with maximum performance, reliability and
cost-effectiveness while meeting or ex-
ceeding the latest requirements of NFPA
72 (National Fire Alarm Code), ANSI 117.1
(American National Standard of Accessible
and Usable Buildings and Facilities), and
UL Standard 1971(Standard for Signaling
Devices for the Hearing Impaired). ET
Speaker Strobes, when properly specified
and installed in accordance with NFPA/
ANSI standards, can provide the equiva-
lent facilitation allowed under ADA Acces-
sibility Guidelines (ADAAG General Sec-
tion 2.2) by meeting or exceeding the il-
lumination which results from the ADA
specified strobe intensity of 75 candela at
50 feet (15.24 m). This is an illumination
of 0.030 lumens per square foot.
ET Series Speaker Strobes are UL listed
for indoor use, ceiling- and wall-mounting,
under Standard 1971 for Signaling Devices
for the Hearing Impaired and Standard 1480
for Speaker Appliances. They use a Xenon
flashtube with solid state circuitry enclosed
in a rugged LEXAN® lens to provide
maximum reliability for effective visual
signaling.
ET70SERIES
ET90SERIES
Wheelock
ET Series
www.firecontrolinstruments.com
Building Intelligent Netw orks
FEATURES
• DesignedtomeetorexceedNFPA/ANSI
StandardandADAAccessibilityGuide-
lines. Meets OSHA 29 Part 1910.165.
• High-efficiency speakers designed for
maximum output at minimum wattage
across400to4,000Hzfrequencyrange.
• Field-selectable taps for 25 or 70 VRMS
operation from 1/8 watt up to 8 watts in
3-dBsteps.
• Sealed-back speaker construction
for extra protection and improved
audibility.
• Easy installation with In/Out screw
terminals using #12 AWG (3.25 mm²)
to #18 AWG (0.75 mm²) wiring.
• ET Series Speaker Strobe models are
available with the new RSS Series Non-
Sync/Sync Strobes in 15, 15/75, 30, 75,
and 110 candela for wall mounting; and
30,75,and100candelaforceilingmount-
ing. When used in conjunction with
the Wheelock SM or DSM Sync Mod-
ules,thesenon-sync/syncstrobespro-
duce a synchronized strobe flash for
compliance with ADA guidelines con-
cerning photosensitive epilepsy.
• The 15/75 candela wall-mounted
strobes are listed at 15 candela under
UL standard 1971 and meet 75 candela
intensity on axis for ADA guidelines,
with low current draw.
• All strobe inputs compatible with stan-
dardreverse-polarity-typesupervisionof
circuit wiring by an alarm panel.
• The new speaker mounting plate
provides faster, easier installation in
attractivepackagestylesforflush,semi-
flush, or surface mounting to standard
low-cost backboxes. Special slots are
providedforeaseinlevelingspeakerand
speaker-strobemodels.
• ET-1010 or ET-1080 Series models
available for vandal-resistant die-cast
speakers and speaker strobes.
.
Specifications are provided for information only, and are
not intended to be used for installation purposes and are
believed to be accurate. However, no responsibility is
assumed by Fire Control Instruments for their use.
Specifications subject to change without notice.
© 2003
All Rights Reserved
9020-0579/Ver. 1.0
Page 1 of 4
An ISO 9001 Company
A Honeywell Company
ET90 Series
Speaker Strobe
ET70 Series
Speaker Strobe
S2652 (Speakers)
S2652/S5391
(Strobe/Speakers)
California
State Fire
Marshal
7135-0785:134
7125-0785:146
151-92-E
Vol. XXI
LEXAN® is a registered trademark of GE Plastics, a subsidiary
of General Electric Company.


Similar Part No. - ET-1010-R

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
ET-16AI2 REDLION-ET-16AI2 Datasheet
462Kb / 1P
Ethernet I/O Module ??Analog Inputs
ET-16AI2-H REDLION-ET-16AI2-H Datasheet
462Kb / 1P
Ethernet I/O Module ??Analog Inputs
ET-16AI2-M REDLION-ET-16AI2-M Datasheet
462Kb / 1P
Ethernet I/O Module ??Analog Inputs
ET-16DI2 REDLION-ET-16DI2 Datasheet
744Kb / 1P
Ethernet I/O Module ??Discrete Inputs
ET-16DI2-H REDLION-ET-16DI2-H Datasheet
744Kb / 1P
Ethernet I/O Module ??Discrete Inputs
More results

Similar Description - ET-1010-R

ManufacturerPart #DatasheetDescription
logo
FCI connector
RSS-24MCW-FR FCI-CONNECTOR-RSS-24MCW-FR Datasheet
152Kb / 4P
Cooper-Wheelock
logo
Gamewell-FCI by Honeywe...
MIZ-24 GAMEWELL-FCI-MIZ-24 Datasheet
81Kb / 2P
Cooper-Wheelock
AS9024 GAMEWELL-FCI-AS9024 Datasheet
240Kb / 4P
Cooper-Wheelock AS/AH Serles
E50-R GAMEWELL-FCI-E50-R Datasheet
92Kb / 3P
Cooper-Wheelock
E60-R GAMEWELL-FCI-E60-R Datasheet
96Kb / 3P
Cooper-Wheelock
MIZ-24S GAMEWELL-FCI-MIZ-24S Datasheet
110Kb / 2P
Wheelock MIZ-24S Mini Horn Series
MB-G6-12-R GAMEWELL-FCI-MB-G6-12-R Datasheet
149Kb / 2P
Wheelock MB Series Motor Bells
CH70-24MCW-FR GAMEWELL-FCI-CH70-24MCW-FR Datasheet
169Kb / 4P
Wheelock CH Series Electronic Chimes & Chime Strobes
E70-24MCW-FR GAMEWELL-FCI-E70-24MCW-FR Datasheet
119Kb / 4P
Cooper-Wheelock E Series Low-Profile Speakers & Speaker Strobes
NS-24MCW-FR GAMEWELL-FCI-NS-24MCW-FR Datasheet
125Kb / 3P
Cooper-Wheelock NS Series Horn Strobes & NH Series Horns
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com