Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ET-1010-R Datasheet(PDF) 4 Page - Gamewell-FCI by Honeywell

Part # ET-1010-R
Description  Wheelock
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

ET-1010-R Datasheet(HTML) 4 Page - Gamewell-FCI by Honeywell

  ET-1010-R Datasheet HTML 1Page - Gamewell-FCI by Honeywell ET-1010-R Datasheet HTML 2Page - Gamewell-FCI by Honeywell ET-1010-R Datasheet HTML 3Page - Gamewell-FCI by Honeywell ET-1010-R Datasheet HTML 4Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
)
s
t
t
a
W
d
e
t
a
R
(
)
m
8
4
0
.
3
(
.
t
f
0
1
t
a
B
d
r
e
k
a
e
p
S
8
/
14
/
12
/
11
2
4
8
3
.
8
75
.
1
84
.
4
82
.
7
81
.
0
98
.
2
99
.
4
9
:
E
T
O
N
.
s
r
e
k
a
e
p
S
e
b
o
r
t
S
-
n
o
N
n
o
B
d
n
i
e
s
a
e
r
c
n
i
t
h
g
i
l
S
NOTES: 1) ET90 MODELS with and without strobes are offered in white only. 2) SUFFIXES USED ABOVE: W = Wall mounting;
C = Ceiling mounting; F = Fire lettering; R at end = Red; W at end = White. EXAMPLES: ET70-R (Red); ET70-2415W-FR (Wall
mounting – Fire lettering, Red); ET90-2475C-FW (Ceiling mounting – Fire lettering; White). 3) FREQUENCY RANGE of speakers is 400
to 4,000 Hz.
4) A 10 µF BLOCKING CAPACITOR for DC supervision of audio lines by the FACP is factory-wired in series with
the speaker input. 5) dBA is rated per UL 1480.
* Average current per actual Wheelock production testing 24 VDC nominal voltage. For rated average, peak and inrush cur-
rents across the listed voltage ranges for both filtered DC and unfiltered VRMS (or on models below, full-wave-rectified), see
the installation instructions for this product series (Wheelock P83567).
** For descriptions of MOUNTING OPTIONS, refer to Notifier Data Sheet DN-6111, derived from Wheelock S7000.
*** SM Sync Modules are rated for 3.0 amperes at 12/24 VDC; DSM Dual Control Modules are rated for 3.0 amperes per
circuit. The maximum number of interconnected DSM modules is twenty (20). Refer to installation instructions for SM (Wheelock
P83123) and DSM (Wheelock P83177).
R
E
B
M
U
N
L
E
D
O
M
E
B
O
R
T
S
A
L
E
D
N
A
C
0
1
@
A
B
d
.
T
F
)
m
8
4
0
.
3
(
E
B
O
R
T
S
*
.
G
V
A
T
N
E
R
R
U
C
4
2
@
)
S
P
M
A
(
C
D
V
G
N
I
T
N
U
O
M
*
*
S
N
O
I
T
P
O
S
R
E
K
A
E
P
S
t
s
a
C
-
e
i
D
R
-
0
1
0
1
-
T
E—
6
9
-
8
7—
Z
,
U
,
T
,
S
,
R
,
N
,
K
,
E
W
-
0
1
0
1
-
T
E—
6
9
-
8
7—
Z
,
U
,
T
,
S
,
R
,
N
,
K
,
E
R
-
0
8
0
1
-
T
E—
6
9
-
8
7—
Z
,
Y
,
V
,
Q
,
P
,
O
,
N
,
L
,
E
R
E
K
A
E
P
S
E
B
O
R
T
S
S
t
s
a
C
-
e
i
D
R
F
V
-
4
2
-
S
L
-
0
8
0
1
-
T
E5
16
9
-
8
74
7
0
.
0Z
,
Y
,
V
,
Q
,
P
,
O
,
N
,
L
,
E
R
F
V
-
L
S
-
0
8
0
1
-
T
E5
16
9
-
8
76
9
0
.
0Z
,
Y
,
V
,
Q
,
P
,
O
,
N
,
L
,
E
R
F
V
-
4
2
-
M
S
L
-
0
8
0
1
-
T
E5
7
/
5
16
9
-
8
70
0
1
.
0Z
,
Y
,
V
,
Q
,
P
,
O
,
N
,
L
,
E
R
F
V
-
M
L
S
-
0
8
0
1
-
T
E5
7
/
5
16
9
-
8
78
3
1
.
0Z
,
Y
,
V
,
Q
,
P
,
O
,
N
,
L
,
E
R
F
V
-
4
2
-
S
M
-
0
8
0
1
-
T
E0
36
9
-
8
74
2
1
.
0Z
,
Y
,
V
,
Q
,
P
,
O
,
N
,
L
,
E
R
F
V
-
4
2
-
S
I
-
0
8
0
1
-
T
E5
76
9
-
8
70
0
2
.
0Z
,
Y
,
V
,
Q
,
P
,
O
,
N
,
L
,
E
.
e
l
b
a
t
s
u
o
i
v
e
r
p
e
e
s
,
s
e
l
u
d
o
M
c
n
y
S
M
S
D
d
n
a
M
S
e
h
t
e
z
i
l
i
t
u
o
s
l
a
s
l
e
d
o
m
e
s
e
h
T
NOTES PARTICULAR TO TABLE ABOVE:
1) ET-1010/1080 MODELS can be used with Wheelock Model RSSP-24110W-FR
strobe/plate assembly for 110 candela wall speaker strobes. 2) SUFFIXES USED ABOVE: V = Vertical lens; C = Ceiling lens; F =
Fire lettering; R = Red plate; W = White plate. The letters SL and SLM denote synchronized products.
3) FIELD-SELECT-
ABLE TAPS for above models: 1/8, 1/4, 1/2, 1, 2, 4 or 8 watt operation (4-watt tap not available with 25 VRMS output).
R
E
B
M
U
N
L
E
D
O
M
E
B
O
R
T
S
A
L
E
D
N
A
C
E
B
O
R
T
S
*
.
G
V
A
@
)
S
P
M
A
(
T
N
E
R
R
U
C
C
D
V
4
2
S
N
O
I
T
P
O
G
N
I
T
N
U
O
M
*
*
S
R
E
K
A
E
P
S
r
o
t
n
u
o
M
-
l
l
a
W
t
n
u
o
M
-
g
n
i
l
i
e
C
R
-
0
7
T
E—
—
Z
,
Y
,
V
,
Q
,
P
,
O
,
N
,
L
,
E
W
-
0
7
T
E—
—
Z
,
Y
,
V
,
Q
,
P
,
O
,
N
,
L
,
E
W
-
0
9
T
E—
—
Z
,
Y
,
V
,
Q
,
P
,
O
,
N
,
L
,
E
R
E
K
A
E
P
S
S
E
B
O
R
T
S
t
n
u
o
M
-
l
l
a
W
R
F
-
W
5
1
4
2
-
0
7
T
E5
10
5
0
.
0Z
,
Y
,
V
,
Q
,
P
,
O
,
N
,
L
,
E
R
F
-
W
5
7
5
1
4
2
-
0
7
T
E5
7
/
5
15
6
0
.
0Z
,
Y
,
V
,
Q
,
P
,
O
,
N
,
L
,
E
R
F
-
W
0
3
4
2
-
0
7
T
E0
31
8
0
.
0Z
,
Y
,
V
,
Q
,
P
,
O
,
N
,
L
,
E
R
F
-
W
5
7
4
2
-
0
7
T
E5
73
3
1
.
0Z
,
Y
,
V
,
Q
,
P
,
O
,
N
,
L
,
E
R
F
-
W
0
1
1
4
2
-
0
7
T
E0
1
11
6
1
.
0Z
,
Y
,
V
,
Q
,
P
,
O
,
N
,
L
,
E
W
F
-
W
0
1
1
4
2
-
0
7
T
E0
1
11
6
1
.
0Z
,
Y
,
V
,
Q
,
P
,
O
,
N
,
L
,
E
R
E
K
A
E
P
S
S
E
B
O
R
T
S
t
n
u
o
M
-
g
n
i
l
i
e
C
W
F
-
C
0
3
4
2
-
0
9
T
E0
32
0
1
.
0Z
,
Y
,
V
,
Q
,
P
,
O
,
N
,
L
,
E
W
F
-
C
5
7
4
2
-
0
9
T
E5
74
0
2
.
0Z
,
Y
,
V
,
Q
,
P
,
O
,
N
,
L
,
E
W
F
-
C
0
0
1
4
2
-
0
9
T
E0
0
18
3
2
.
0Z
,
Y
,
V
,
Q
,
P
,
O
,
N
,
L
,
E
C
N
Y
S
*
*
*
S
E
L
U
D
O
M
E
G
A
T
L
O
V
T
U
P
N
IT
N
E
R
R
U
C
.
G
V
A
R
-
4
2
/
2
1
-
M
SC
D
V
4
2
/
C
D
V
2
1)
4
2
(
5
2
0
.
0
/
)
2
1
(
4
1
0
.
0N
,
E
R
-
4
2
/
2
1
-
M
S
DC
D
V
4
2
/
C
D
V
2
1)
4
2
(
8
3
0
.
0
/
)
2
1
(
0
2
0
.
0W
GENERAL NOTES
• Strobes are designed to flash at 1 flash per second minimum
from20to31VDC. NotethatNFPA-72(1996)specifiesaflash
rate of 1 to 2 flashes per second, and ADA guidelines specify
a flash rate of 1 to 3 flashes per second.
• All candela ratings represent minimum effective strobe inten-
sity based on UL 1971.
• Series ET70 and ET90 Speaker Strobe products are
listed under UL 1971 for indoor use with a tempera-
ture range of 32°F to 120°F (0°C to 49°C) and maxi-
mum humidity of 85%. Series ET-1010 Speakers
(without strobes) are listed for indoor/outdoor use
with a temperature range of -31°F to 150°F (-35°C
to 66°C) and maximum humidity of 95%. ET-1080
Speaker Strobes are listed for indoor use with a
temperature range of 32°F to 120°F (0°C to 49°C).
ORDERING INFORMATION



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com