Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E60EXT-R Datasheet(PDF) 2 Page - Gamewell-FCI by Honeywell

Part # E60EXT-R
Description  Cooper-Wheelock
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

E60EXT-R Datasheet(HTML) 2 Page - Gamewell-FCI by Honeywell

  E60EXT-R Datasheet HTML 1Page - Gamewell-FCI by Honeywell E60EXT-R Datasheet HTML 2Page - Gamewell-FCI by Honeywell E60EXT-R Datasheet HTML 3Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472-1610 USA • Tel: (203) 484-7161 • Fax: (203) 484-7118
9021-60128 Rev. A page 2 of 3
www.gamewell-fci.com
NOTE: All CAUTIONS and WARNINGS are identified by
the symbol . All warnings are printed in bold capital letters.
WARNING: PLEASE READ THESE SPECIFICA-
TIONS
AND
ASSOCIATED
INSTALLATION
INSTRUCTIONS CAREFULLY BEFORE USING,
SPECIFYING OR APPLYING THIS PRODUCT. VISIT
WWW.COOPERWHEELOCK.COM OR CONTACT COO-
PER-WHEELOCK FOR THE CURRENT INSTALLATION
INSTRUCTIONS.
FAILURE TO COMPLY WITH ANY
OF
THESE
INSTRUCTIONS,
CAUTIONS
OR
WARNINGS
COULD
RESULT
IN
IMPROPER
APPLICATION, INSTALLATION AND/OR OPERA-
TION OF THESE PRODUCTS IN AN EMERGENCY
SITUATION, WHICH COULD RESULT IN PROP-
ERTY DAMAGE, AND SERIOUS INJURY OR
DEATH TO YOU AND/OR OTHERS.
General Notes:
Strobes are designed to flash at 1 flash per second min-
imum over their “Regulated Voltage Range”.
Note that NFPA-72 specifies a flash rate of 1 to 2
flashes per second and ADA Guidelines specify a flash
rate of 1 to 3 flashes per second.
All candela ratings represent minimum effective Strobe
intensity based on UL Standard 1971.
Series NS Strobe products are listed under UL Standard
1971 for indoor use with a temperature range of 32°F to
120°F (0°C to 49°C) and maximum humidity of 93%
(± 2%).
“Regulated Voltage Range” is the newest terminology
used by UL to identify the voltage range. Prior to this
change, UL used the terminology “Listed Voltage
Range”.
* RMS current ratings are per UL average RMS method.
UL max current rating is the maximum RMS current within
the listed voltage range (16-33v for 24v units). For strobes,
the UL max current is usually at the minimum listed voltage
(16v for 24v units). For audibles, the max. current is usually
at the maximum listed voltage (33 v for 24 units). For unfil-
tered FWR ratings, see installation instructions.
**dBA ratings are based on UL testing under UL Standard 1480.
Architect and Engineer Specifications
The speaker appliances shall be Cooper-Wheelock Series
E60 Speakers and the speaker strobe appliances shall be
Cooper-Wheelock
Series
E60
Speaker
Strobes
or
approved equals. The speakers shall be UL Listed under
Standard 1480 for Fire Protective Service and speakers
equipped with strobes shall be listed under UL Standard
1971 for Emergency Devices for the Hearing-Impaired. In
addition, the strobes shall be certified to meet the require-
ments of FCC Part 15, Class B.
All speakers shall be designed for a field selectable input of
either 25 or 70 VRMS, with selectable power taps from 1/8
watt to 2 watts. All models shall have listed sound output of
up to 89 dB at 10 feet and a listed frequency response of
400 to 4000 Hz. The speaker shall incorporate a sealed
back construction. All inputs shall employ terminals that
accept 12 to 18 AWG wire sizes. The strobe portion of the
appliance shall produce a flash rate of one (1) flash per
second over the Regulated Voltage Range and shall incor-
porate a Xenon flashtube enclosed in a rugged Lexon®
lens. The strobe shall be of low current design. Where
Multi-Candela Speaker Strobes are specified, the strobe
intensity shall have field selectable settings and shall be
rated per UL Standard 1971 15/30/75/95 cd or 115/77 cd
for ceiling mount. The selector switch for selecting the can-
dela shall be tamper resistant.
When synchronization is required, the strobe portion of the
appliance shall be compatible with the Cooper-Wheelock's
SM-12/24-R and/or DSM-12/24-R sync modules. The
strobes shall not drift out of synchronization at any time
during operation. If the sync module or power supply fails
to operate, (i.e., contacts remain closed), the strobe shall
revert to non-synchronized flash rate.
The speaker and speaker strobe appliances shall be
designed for indoor flush mounting. The speaker and
speaker strobe shall incorporate a speaker mounting plate
with a snap-on grille cover with no visible screws for a
level, aesthetic finish and shall mount to standard electrical
hardware.
The finish of the Series E60 Speakers and Speaker
Strobes shall be white or red. All speaker and speaker
strobe appliances shall be backward compatible.
Table 1: Average RMS Current
E60 Strobe Current - Ceiling Mount
E60
Speaker
Strobes
24MCC
24 MCCH
15cd
30cd
75cd
95cd
115cd 177cd
24 vdc
0.045 0.070
0.119
0.159
0.195
0.270
UL max*
0.065 0.105
0.189
0.249
0.300
0.420
Table 2: E60 UL Reverberant dBA @ 10 Feet**
watts
1/8
1/4
1/2
1
2
E60 Speaker
77
79.5
82.5
85
88
E60 Speaker
Strobe
77
79.5
82.5
85
88
!



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com