Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E60EXT-R Datasheet(PDF) 3 Page - Gamewell-FCI by Honeywell

Part # E60EXT-R
Description  Cooper-Wheelock
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

E60EXT-R Datasheet(HTML) 3 Page - Gamewell-FCI by Honeywell

  E60EXT-R Datasheet HTML 1Page - Gamewell-FCI by Honeywell E60EXT-R Datasheet HTML 2Page - Gamewell-FCI by Honeywell E60EXT-R Datasheet HTML 3Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472-1610 USA • Tel: (203) 484-7161 • Fax: (203) 484-7118
www.gamewell-fci.com
9021-60128 Rev. A page 3 of 3
Specifications and Ordering Information
Model
Wall
Mount
Ceiling
Mount
Non-
Sync
Strobe Sync w/
SM and DSM
Strobe
Candela
Model
Color
RED
Model
Color
WHITE
Mounting
Options
E60-R
X
_
_
_
X
_
Q,U
E60-W
X
_
_
_
_
X
Q,U
E60-24MCC-FR
_
X
X
X
15/30/75/95
X
_
Q,U,V
E60-24MCC-FW
_
X
X
X
15/30/75/95
_
X
Q,U,V
E60-24MCCH-FW
_
X
X
X
115/177
_
X
Q,U,V
E60-24MCCH-FR
_
X
X
X
115/177
X
_
Q,U,V
E60EXT-R**
X
E60EXT-W**
X
NOTE 1: **E60 EXT is an attractive extender ring that mounts behind the peaker to permit mounting to a 4” square x 2 1/8” deep
electrical box without a need for an extension ring on the box.
Mounting Accessories
Mounting
Options Description
Max. Number of Conductors
AWG #18 AWG. #16 AWG#14 AWG.#12
Q
See Note 1
4” Square 2-1/8” or 1-1/2” Deep w/
Extension Ring, Flush (BO)
1-1/2” 8
2-1/8” 8
1-1/2” 8
2-1/8” 8
1-1/2” 8
2-1/8” 8
1-1/2” 4
2-1/8” 8
U
5” Square Backbox with Extension Ring, Flush (BO)
V
SSB-4 Ceiling Support Bridge
Provisions for (4) J-nuts #8-32 LB 3-3/8” square Material:Steel
Note 1: Option Q is typical of a steel city 52171 box with a steel city 53151 extension ring or equal.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com