Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E60EXT-R Datasheet(PDF) 1 Page - Gamewell-FCI by Honeywell

Part # E60EXT-R
Description  Cooper-Wheelock
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

E60EXT-R Datasheet(HTML) 1 Page - Gamewell-FCI by Honeywell

  E60EXT-R Datasheet HTML 1Page - Gamewell-FCI by Honeywell E60EXT-R Datasheet HTML 2Page - Gamewell-FCI by Honeywell E60EXT-R Datasheet HTML 3Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472-1610 USA • Tel: (203) 484-7161 • Fax: (203) 484-7118
Specifications are for information only, are not intended for installation purposes, and are subject to change without notice. No responsibility is assumed by Gamewell-FCI for their use.
©2007 Honeywell International Inc. All rights reserved.
www.gamewell-fci.com
9021-60128 Rev. A page 1 of 3
Cooper-Wheelock
Series E60
Series E60 Speakers
and Speaker Strobes
Description
Series E60 Speakers provide high audio output with clear
audibility and are designed to meet the critical needs of the
life safety industry for effective emergency voice communi-
cations and tone signaling. In addition, the strobes provide
visible signaling to alert the hearing impaired.
The Cooper-Wheelock Series E60 Ceiling Speakers and
Speaker Strobes are designed for high efficiency sound
output, with dual voltage (25/70 VRMS) capability and field
selectable taps from 1/8 to 2 watts. These E60 Multi-Can-
dela ceiling appliances are part of the new family of ceiling
mount strobe appliances that will also be available on
strobes, horns and horn/strobes. Optional Extender (E60
Ext) is for mounting on 4”
(10.2 cm) backboxes with no
extension ring.
The Series E60 Speaker Strobe models incorporate the
Low Current draw Series RSS Strobes. These ceiling
mount round models are available in Cooper-Wheelock
patented MCC multi-candela ceiling strobe with field select-
able intensities of 15/30/75/95cd or the high intensity
MCCH strobe with field selectable 115/177cd.
The low profile design incorporates a speaker mounting
plate for faster and easier installation. Each model has a
built-in level adjustment feature and snap-on cover with no
visible mounting screws.
The strobe portion of all Series E60 Speaker Strobes may
be synchronized when used in conjunction with the Coo-
per-Wheelock SM-12/24-R and/or DSM-12/24-R sync
modules. Cooper-Wheelock synchronized strobes offer an
easy way to comply with ADA recommendations concern-
ing photosensitive epilepsy.
Series E60 Speaker Strobes are UL Listed for indoor use
under Standard 1971 (Signaling Devices for the Hearing-
Impaired) and Standard 1480 (Speaker Appliances), and
use a Xenon flashtube with solid state circuitry enclosed in
a rugged Lexan® lens to provide maximum reliability for
effective visual signaling. All inputs are supervised and
employ IN/OUT wiring terminals for fast installation using
12 to 18 AWG wiring. Color options for the Series E60
Speakers and Speaker Strobes are red and white.
Lexan® is a registered trademark of GE Plastics, a subsidiary of General Electric Company.
Features
Meets UL Standards 1971 and 1480 (model
dependent).
ADA/NFPA/ANSI compliant.
Complies with OSHA 29 Part 1910.165.
Ceiling mount strobe models are available with field
selectable candela settings of 15/30/75/95cd or
115/177 cd (Multi-candela models)
.
Strobes produce 1 flash per second over the regulated
voltage range.
24 VDC with wide UL “Regulated Voltage” using filtered
DC or unfiltered VRMS input voltage.
Synchronize with the Cooper-Wheelock SM and DSM.
Field selectable taps for 25 or 70 VRMS operation from
1/8 watt up to 2 watts.
High efficiency design for maximum output at minimum
wattage across a frequency range of 400 to 4000 Hz.
Fast installation with IN/OUT screw terminals using
12 to 18 AWG wires.
Optional extender (E60 Ext) is used for mounting on
4”
(10.2 cm) backboxes with no extension ring.
E60 Speaker Strobes
E60 Speaker
APPROVED
FM
An ISO 9000-2000 Company
SIGNALING
S5391


Similar Part No. - E60EXT-R

ManufacturerPart #DatasheetDescription
logo
Powerbox
E60 POWERBOX-E60 Datasheet
306Kb / 1P
1.5-3 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
logo
XP Power Limited
E60 XPPOWER-E60 Datasheet
581Kb / 7P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
E60/E60CT XPPOWER-E60/E60CT Datasheet
581Kb / 7P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
Intel Corporation
E6000 INTEL-E6000 Datasheet
1Mb / 118P
Intel Core2 Extreme Processor
E6000 INTEL-E6000 Datasheet
1Mb / 122P
Core2 Extreme Processor
More results

Similar Description - E60EXT-R

ManufacturerPart #DatasheetDescription
logo
FCI connector
RSS-24MCW-FR FCI-CONNECTOR-RSS-24MCW-FR Datasheet
152Kb / 4P
Cooper-Wheelock
logo
Gamewell-FCI by Honeywe...
MIZ-24 GAMEWELL-FCI-MIZ-24 Datasheet
81Kb / 2P
Cooper-Wheelock
AS9024 GAMEWELL-FCI-AS9024 Datasheet
240Kb / 4P
Cooper-Wheelock AS/AH Serles
ET70-R GAMEWELL-FCI-ET70-R Datasheet
240Kb / 4P
Wheelock
E50-R GAMEWELL-FCI-E50-R Datasheet
92Kb / 3P
Cooper-Wheelock
ET70-24MCW-FR GAMEWELL-FCI-ET70-24MCW-FR Datasheet
110Kb / 4P
Cooper-Wheelock ET Series Low-Profile Speakers & Speaker Strobes
E70-24MCW-FR GAMEWELL-FCI-E70-24MCW-FR Datasheet
119Kb / 4P
Cooper-Wheelock E Series Low-Profile Speakers & Speaker Strobes
NS-24MCW-FR GAMEWELL-FCI-NS-24MCW-FR Datasheet
125Kb / 3P
Cooper-Wheelock NS Series Horn Strobes & NH Series Horns
logo
E-SWITCH
14-RB2S00045 E-SWITCH-14-RB2S00045 Datasheet
92Kb / 1P
SILVER PLATED COOPER
14-RB2S00095 E-SWITCH-14-RB2S00095 Datasheet
88Kb / 1P
SILVER PLATED COOPER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com