Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NH-12/24-R Datasheet(PDF) 2 Page - Gamewell-FCI by Honeywell

Part # NH-12/24-R
Description  Cooper-Wheelock NS Series Horn Strobes & NH Series Horns
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

NH-12/24-R Datasheet(HTML) 2 Page - Gamewell-FCI by Honeywell

  NH-12/24-R Datasheet HTML 1Page - Gamewell-FCI by Honeywell NH-12/24-R Datasheet HTML 2Page - Gamewell-FCI by Honeywell NH-12/24-R Datasheet HTML 3Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NS Series Horn Strobes & NH Series Horns
CS-2246
09/01/06
Page 2 of 3
Engineer’s Specifications
The audible/visual notification appliances shall be Cooper-Wheelock Series NS Horn Strobe
appliances and Series NH Horn appliances or approved equals. The Series NS appliances shall
meet and be listed for UL Standard 1971(Emergency Devices for the Hearing-Impaired for Indoor
Fire Protection Service). The Series NH Horn shall be UL Listed under Standard 464 (Fire
Protective Signaling). The horn strobe shall be listed for indoor use and shall meet the require-
ments of FCC Part 15 Class B. All inputs shall be compatible with standard reverse polarity
supervision of circuit wiring by the Fire Alarm Control Panel (FACP).
The audible portion of the appliance shall have a minimum of two (2) field selectable settings for
dBA levels (90 and 95 dBA) and shall have a choice of continuous or temporal (Code 3) audible
outputs.
The strobe portion of the appliance shall produce a flash rate of one (1) flash per second over
the Regulated Voltage Range and shall incorporate a Xenon flashtube enclosed in a rugged
Lexan lens. The Series NS shall be of low current design. Where wall mount, Multi-Candela
appliances are specified, the strobe intensity shall have field selectable settings and shall be
rated per UL Standard 1971 for 15/30/75/110 candela. The selector switch for selecting the
candela setting shall be tamper resistant. The 15/75 candela strobe shall be specified when 15
candela UL Standard 1971 Listing with 75 candela on-axis is required (e.g. ADA compliance).
When synchronization is required, the appliance shall be compatible with Cooper- Wheelock’s
SM, DSM Sync Modules or a Power Supply with Cooper-Wheelock’s built-in Patented Sync
Protocol. The strobes shall not drift out of synchronization at any time during operation. If the
sync module or Power Supply fails to operate, (i.e., contacts remain closed), the strobes shall
revert to a non-synchronized flash-rate. The appliance shall also be designed so that the
audible signal may be silenced while maintaining strobe activation.
The Series NS Horn Strobes and NH horn shall incorporate a Patented Universal Mounting Plate
that shall allow mounting to a single-gang, double-gang, 4-inch square, 100mm European type
backboxes, or the SHBB Surface Backbox. If required, an NATP (Notification Appliance Trimplate)
shall be provided.
All notification appliances shall be backward compatible.
WARNING: CONTACT COOPER-
WHEELOCK FOR THE CURRENT IN-
STALLATION
INSTRUCTIONS
(P83983) SERIES NS-24MCW, (P84234)
SERIES NS-12 AND 24 VDC SINGLE
CANDELA MODELS, (P83600) SERIES
NH AND “GENERAL INFORMATION”
SHEET (P82380) ON THESE PROD-
UCTS. THESE DOCUMENTS UNDERGO
PERIODIC CHANGES. IT IS IMPOR-
TANT THAT YOU HAVE CURRENT IN-
FORMATION ON THESE PRODUCTS.
THESE MATERIALS CONTAIN IMPOR-
TANT INFORMATION THAT SHOULD BE
READ PRIOR TO SPECIFYING OR IN-
STALLING THESE PRODUCTS, IN-
CLUDING:
TOTAL CURRENT REQUIRED BY ALL
APPLIANCES CONNECTED TO SYSTEM
SECONDARY POWER SOURCES.
FUSE RATINGS ON NOTIFICATION AP-
PLIANCE CIRCUITS TO HANDLE PEAK
CURRENTS FROM ALL APPLIANCES
ON THOSE CIRCUITS.
COMPOSITE FLASH RATE FROM MUL-
TIPLE STROBES WITHIN A PERSON’S
FIELD OF VIEW.
ADDING,REPLACINGORCHANGINGAP-
PLIANCES OR CHANGING CANDELA
SETTINGS WILL AFFECT CURRENT
DRAW.
RECALCULATE CURRENTDRAW TO IN-
SURE THAT THE TOTAL AVERAGE
CURRENTAND TOTAL PEAK REQUIRED
BY ALLAPPLIANCES DO NOT EXCEED
THE RATED CAPACITY OF THE POWER
SOURCES OR FUSES.
THE VOLTAGE APPLIED TO THESE
PRODUCTS MUST BE WITHIN THEIR
“REGULATED VOLTAGE RANGE”.
INSTALLATION OF 110 CANDELA
STROBE PRODUCTS IN SLEEPING AR-
EAS.
INSTALLATION IN OFFICE AREAS AND
OTHER SPECIFICATION AND INSTALLA-
TION ISSUES.
THESE APPLIANCES ARE NOT DE-
SIGNED TO BE USED ON CODED SYS-
TEMS IN WHICH THEAPPLIED VOLTAGE
IS CYCLED ON AND OFF.
FAILURE TO COMPLYWITHTHE INSTAL-
LATION INSTRUCTIONS OR GENERAL
INFORMATION SHEETS COULD RESULT
IN IMPROPER INSTALLATION, APPLICA-
TION, AND/OR OPERATION OF THESE
PRODUCTS IN AN EMERGENCY SITUA-
TION, WHICH COULD RESULT IN PROP-
ERTY DAMAGE AND SERIOUS INJURY
OR DEATH TO YOU AND/OR OTHERS.
CONDUCTOR SIZE (AWG), LENGTH
AND AMPACITY SHOULD BE TAKEN
INTO CONSIDERATION PRIORTO DESIGN
AND INSTALLATION OF THESE PROD-
UCTS, PARTICULARLY IN RETROFIT IN-
STALLATIONS.
NS/NH
APPLIANCE
+
-
+
-
+
-
FROM
PRECEDING
APPLIANCE, SM/DSM,
PS-12/24-8MP OR
FACP
TO NEXT
APPLIANCE
OR EOLR
Wiring Diagram
NS AND NH APPLIANCES SYNCHRONIZED
WITH SM MODULE SINGLE CLASS “B”
NAC CIRCUIT WITH AUDIBLE SILENCE
FEATURE
NS
NH
EOLR
+
-
SM
F
A
C
P
STROBE
Audible
STROBE
+
- Audible
Audible
NAC
Circuit
Strobe
NAC
Circuit
NS AND NH APPLIANCES SYNCHRONIZED
WITH DSM MODULE DUAL CLASS “A”
NAC CIRCUIT WITH NO AUDIBLE SILENCE
FEATURE
+
-
APPLIANCE
+
-
F
SYNC
+
DUAL SYNC MODULE
A
C
P
SYNC
+
-
-
AUDIBLE
AUDIBLE
CIRCUIT OUT
+
+
OUT1
IN1
MINUS1
+ OUT2
+ IN2
MINUS2
SIGNAL
SIGNAL
CIRCUIT RETURN
+
-
+
-
APPLIANCE
NOTE: NS/NH must be set on Code 3 horn to achieve synchronized temporal (Code 3) tone.
Refer to instruction (P38983, P83600 respectively).



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com