Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NH-12/24-R Datasheet(PDF) 1 Page - Gamewell-FCI by Honeywell

Part # NH-12/24-R
Description  Cooper-Wheelock NS Series Horn Strobes & NH Series Horns
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

NH-12/24-R Datasheet(HTML) 1 Page - Gamewell-FCI by Honeywell

  NH-12/24-R Datasheet HTML 1Page - Gamewell-FCI by Honeywell NH-12/24-R Datasheet HTML 2Page - Gamewell-FCI by Honeywell NH-12/24-R Datasheet HTML 3Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NS Series Horn Strobes & NH Series Horns CS-2246 09/01/06
Page 1 of 3
Cooper-Wheelock NS Series
Horn Strobes & NH Series Horns
Multi-Candela Indicator
(bottom of Strobe Lens)
NS Horn Strobe
Description
The Cooper-Wheelock Series NS Horn
Strobe Appliances will satisfy virtually
all requirements for indoor, wall mount
applications.
The Series NH Horn and the horn por-
tion of the Series NS include a select-
able continuous horn tone or temporal
pattern (Code 3) with selectable dBA
settings of 90 or 95 dBA.
Strobe options include 15/75cd or Coo-
per-Wheelock’s patented Multi-Can-
dela strobe with field selectable can-
dela settings of 15/30/75/110cd.
These versatile Horn Strobe Appliances
may be synchronized when used in
conjunction with the Wheelock SM or
DSM Sync Modules or a Power Sup-
ply with the Cooper-Wheelock patented
Sync Protocol. Additionally, the audible
may be silenced while maintaining
strobe activation.
All models of the Series NS and NH
are designed for maximum perfor-
mance, reliability and cost-effective-
ness while meeting or exceeding the
latest requirements of NFPA 72/ANSI
117.1/UFC and UL Standards 1971 and
464 as well as meeting ADA require-
ments concerning photosensitive epi-
lepsy.
General Notes
• Strobes are designed to flash once per second minimum over their “Regulated
Voltage Range”. Note that NFPA-72 specifies a flash rate of 1 to 2 flashes per
second and ADA Guidelines specify a flash rate of 1 to 3 flashes per second.
• All candela ratings represent minimum effective Strobe intensity based on UL
Standard 1971.
• Series NS Strobe products are listed under UL Standard 1971 for indoor use
with a temperature range of 32°F to 120°F (0°C to 49°C) and maximum humidity
of 93% (± 2%).
• Series NH horns are listed under UL Standard 464 for audible signal appli-
ances (Indoor use only).
• “Regulated Voltage Range” is the newest terminology used by UL to identify
the voltage range. Prior to this change UL used the terminology “Listed
Voltage Range”.
Features
Field Selectable Candela Settings
15/30/75/110cd (24 VDC Multi-
Candela models) or 15/75cd in 12
or 24 VDC
Selectable Continuous Horn or
Temporal (Code 3)
2 Selectable dBA settings of 90 and
95 dBA in both tones
12 and 24 VDC models with UL
“Regulated Voltage” using filtered
DC or unfiltered VRMS input voltage
Patented Universal Mounting Plate
Wall Mount
ADA/NFPA/UFC/ANSI compliant
Complies with OSHA 29, Part
1910.165
NH horn is selectable 12 or 24 VDC
in 1 unit
Synchronize with Wheelock SM or
DSM Sync Module or a Power
Supply with built-in sync protocol
Patent pending Universal Mounting
Plate for single-gang, double-gang,
4” (10.16 cm) square, or 100 mm
European backboxes, or
Wheelock’s SHBB shallow surface
backbox.
Fast installation with IN/OUT screw
terminals using #12 to #18 AWG
wires
Listings
Listings and approvals below apply to
the basic NS Series Strobes and NH
Series Horns. In some cases, certain
modules may not be listed by certain
approval agencies, or listing may be
in process. Consult factory for latest
listing status.
UL Listed: file E5946.
ULC Listed: files CS243 & CS356.
FM approved.
MEA approved: file 151-92-E.
CSFM approved: file 7125-
0785:142
NH Horn


Similar Part No. - NH-12/24-R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NH-10 VISHAY-NH-10 Datasheet
195Kb / 5P
Wirewound Resistors, Industrial Power, Aluminum Housed, Chassis Mount
26-Feb-16
NH-100 VISHAY-NH-100 Datasheet
195Kb / 5P
Wirewound Resistors, Industrial Power, Aluminum Housed, Chassis Mount
26-Feb-16
More results

Similar Description - NH-12/24-R

ManufacturerPart #DatasheetDescription
logo
FCI connector
RSS-24MCW-FR FCI-CONNECTOR-RSS-24MCW-FR Datasheet
152Kb / 4P
Cooper-Wheelock
logo
Systemsensor advanced i...
P1215 SYSTEMSENSOR-P1215 Datasheet
113Kb / 4P
Wall-Mount Horns, Strobes, and Horn/Strobes
SC2415W SYSTEMSENSOR-SC2415W Datasheet
332Kb / 4P
Strobes and Horn Strobes
logo
Gamewell-FCI by Honeywe...
MIZ-24 GAMEWELL-FCI-MIZ-24 Datasheet
81Kb / 2P
Cooper-Wheelock
E50-R GAMEWELL-FCI-E50-R Datasheet
92Kb / 3P
Cooper-Wheelock
E60-R GAMEWELL-FCI-E60-R Datasheet
96Kb / 3P
Cooper-Wheelock
MIZ-24S GAMEWELL-FCI-MIZ-24S Datasheet
110Kb / 2P
Wheelock MIZ-24S Mini Horn Series
CH70-24MCW-FR GAMEWELL-FCI-CH70-24MCW-FR Datasheet
169Kb / 4P
Wheelock CH Series Electronic Chimes & Chime Strobes
ET70-24MCW-FR GAMEWELL-FCI-ET70-24MCW-FR Datasheet
110Kb / 4P
Cooper-Wheelock ET Series Low-Profile Speakers & Speaker Strobes
E70-24MCW-FR GAMEWELL-FCI-E70-24MCW-FR Datasheet
119Kb / 4P
Cooper-Wheelock E Series Low-Profile Speakers & Speaker Strobes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com