Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NH-12/24-R Datasheet(PDF) 3 Page - Gamewell-FCI by Honeywell

Part # NH-12/24-R
Description  Cooper-Wheelock NS Series Horn Strobes & NH Series Horns
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

NH-12/24-R Datasheet(HTML) 3 Page - Gamewell-FCI by Honeywell

  NH-12/24-R Datasheet HTML 1Page - Gamewell-FCI by Honeywell NH-12/24-R Datasheet HTML 2Page - Gamewell-FCI by Honeywell NH-12/24-R Datasheet HTML 3Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
NS Series Horn Strobes & NH Series Horns
CS-2246
09/01/06
Page 3 of 3
Specifications and wiring information are provided for information only and are believed
to be accurate. Gamewell-FCI assumes no responsibility for their use.
Data and design are subject to change without notice. Installation and wiring
instructions shipped with the product shall always be used for actual installation. For
more information, contact Gamewell-FCI.
Gamewell-FCI
12 Clintonville Road
Northford, CT 06472-1610
Phone: 203-484-7161
Fax: 203-484-7118
www.gamewell-fci.com
A Honeywell Company
© 2006 Gamewell-FCI
Specification & Ordering Information
UL MEA CSFM FM BFP
NS-24MCW-FR
15/30/75/110
X
X
X
-
X
B,D,E,F,G,H,J,N,O,R,X
X
X
X
X
X
NS-24MCW-FW
15/30/75/110
X
X
X
-
X
B,D,E,F,G,H,J,N,O,R,X
X
X
X
X
X
NS-241575W-FR
15 (75 on axis)
X
X
X
-
X
B,D,E,F,G,H,J,N,O,R,X
X
X
X
X
X
NS-121575W-FR
15 (75 on axis)
X
X
-
X
X
B,D,E,F,G,H,J,N,O,R,X
X
X
X
X
X
NH-12/24-R
12V
24V
X
X
X
X
X
B,D,E,F,G,H,J,N,O,R,X
X
X
X
X
X
MODEL
STROBE
CANDELA
NON-
SYNC
SYNC
W/SM,
DSM
24
VDC
12
VDC
MOUNTING
OPTIONS***
AGENCY APPROVALS
2
WIRE
Model
Input
Voltage
VDC
Re gulate d
Voltage
Range
VDC/FWR
Strobe
Candela (CD)
NS-24MCW
24
16.0 - 33.0 15/30/75/110
NS-241575W
24
16.0 - 33.0 15 (75 on Axis)
NS-121575W
12
8.0 - 17.5
15 (75 on Axi)
Table 1: Ratings Per UL Standard 1971
Voltage
15cd
30cd
75cd
110cd
16.0 VDC
.077
.113
.195
.268
24.0 VDC
.065
.087
.134
.174
33.0 VDC
.069
.082
.117
.134
Voltage
15cd
30cd
75cd
110cd
16.0 VDC
.070
.106
.188
.261
24.0 VDC
.052
.072
.126
.158
33.0 VDC
.045
.060
.097
.114
NS-24MCW with High (95 dBA) Setting
NS-24MCW with Low (90 dBA) Setting
Table 2: *Average RMS Current Ratings
Table 3: *Average RMS Cur rent Ratings
Voltage
High (95) dBA
Low (90) dBA
16.0 VDC
.120
.116
24.0 VDC
.094
.093
33.0 VDC
.102
.078
Voltage
High (95) dBA
Low (90) dBA
8.0 VDC
.341
.324
12.0 VDC
.251
.265
17.5 VDC
.216
.188
NS-241575W
NS-121575W
V oltage
High (95) dBA
Low (90) dBA
16.0 V DC
.019
.017
24.0 V DC
.028
.022
33.0 V DC
.039
.027
T ab le 4: *A ve r ag e M e an C u r r e nt Ratin gs NH Hor n 24 V olt M o de ls
12 VDC
24 VDC
12 VDC
24 VDC
High
83
87
89
95
Low
76
81
84
90
High
79
82
89
95
Low
72
76
84
90
Continous
Horn
Code 3
Horn
Table 5: dBA Ratings for Series NS/NH Horn
Volume
Description
Reverberant dBA @
10 ft. per UL 464
Anechoic dBA @
10 ft.
MODEL
NUM BER
INP UT
VOLT AGE
(VDC)
AVER AGE
MEAN
CURRENT
@ 24 VDC
MOUNT ING
OP T IONS
SM-12/24-R
24
.028
W
DSM-12/24-R
24
.035
W
SYNC M ODELS/POWER SUPPLY
*Average RMS Current is per UL average RMS method and Average Mean
Current is per UL average mean method. NH models use average mean current.
For rated In Rush and Peak current across the UL listed voltage range for both
filtered DC and unfiltered VRMS (FWR), see installation instructions.
*** Refer to mounting options.
NOTES:
SM Sync Module is rated for 3.0
amperes @ 24 VDC;
DSM Sync Module is rated for 3.0
amperes per circuit. The
maximum number of intercon-
nected DSM Modules is twenty
(20).



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com