Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP07CD Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # OP07CD
Description  PRECISION OPERATIONAL AMPLIFIERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OP07CD Datasheet(HTML) 5 Page - Texas Instruments

  OP07CD Datasheet HTML 1Page - Texas Instruments OP07CD Datasheet HTML 2Page - Texas Instruments OP07CD Datasheet HTML 3Page - Texas Instruments OP07CD Datasheet HTML 4Page - Texas Instruments OP07CD Datasheet HTML 5Page - Texas Instruments OP07CD Datasheet HTML 6Page - Texas Instruments OP07CD Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
OP07C, OP07D, OP07Y
PRECISION OPERATIONAL AMPLIFIERS
SLOS099B – OCTOBER 1983 – REVISED AUGUST 1996
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
operating characteristics, VCC
± = ±15 V, TA = 25°C
PARAMETER
TEST
OP07C
OP07D
UNIT
PARAMETER
CONDITIONS†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
f = 10 Hz
10.5
10.5
√
Vn
Equivalent input noise voltage
f = 100 Hz
10.2
10.3
nV/
√Hz
f = 1 kHz
9.8
9.8
VN(PP) Peak-to-peak equivalent input noise voltage
f = 0.1 Hz to 10 Hz
0.38
0.38
µV
f = 10 Hz
0.35
0.35
√
In
Equivalent input noise current
f = 100 Hz
0.15
0.15
pA/
√Hz
f = 1 kHz
0.13
0.13
IN(PP)
Peak-to-peak equivalent input noise current
f = 0.1 Hz to 10 Hz
15
15
pA
SR
Slew rate
RL ≥ 2 kΩ
0.3
0.3
V/
µs
† All characteristics are measured under open-loop conditions with zero common-mode input voltage unless otherwise noted.
electrical characteristics, VCC
± = ±15 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS†
OP07Y
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
RS = 50 Ω
60
150
µV
Long-term drift of input offset voltage
See Note 6
0.5
µV/mo
Offset adjustment range
RS = 20 kΩ,
See Figure 1
±4
mV
IIO
Input offset current
0.8
6
nA
IIB
Input bias current
±2
±12
nA
VICR
Common-mode input voltage range
±13
±14
V
RL ≤ 10 kΩ
±12
±13
VOM
Peak output voltage
RL ≤ 2 kΩ
±11.5 ±12.8
V
RL ≤ 1 kΩ
±12
AVD
Large signal differential voltage amplification
VCC
± = ±3 V, VO = ±0.5 V,
RL ≤ 500 kΩ
400
AVD
Large-signal differential voltage amplification
VO = ± 10 V,
RL = 2 kΩ
120
400
B1
Unity-gain bandwidth
0.4
0.6
MHz
ri
Input resistance
7
31
M
Ω
CMRR
Common-mode input resistance
VIC = ± 13 V,
RS = 50 Ω
94
110
dB
kSVS
Supply-voltage rejection ratio (
∆VCC/∆VIO)
VCC
± = ±3 V to ±18 V,
RS = 50 Ω
7
32
µV/V
PD
Power dissipation
VO = 0,
No load
80
150
M
Ω
PD
Power dissipation
VCC
± = ±3 V, VO = 0,
No load
4
8
M
Ω
NOTE 6: Since long-term drift cannot be measured on the individual devices prior to shipment, this specification is not intended to be a warranty.
It is an engineering estimate of the averaged trend line of drift versus time over extended periods after the first thirty days of operation.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com