Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP07CD Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # OP07CD
Description  PRECISION OPERATIONAL AMPLIFIERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OP07CD Datasheet(HTML) 4 Page - Texas Instruments

  OP07CD Datasheet HTML 1Page - Texas Instruments OP07CD Datasheet HTML 2Page - Texas Instruments OP07CD Datasheet HTML 3Page - Texas Instruments OP07CD Datasheet HTML 4Page - Texas Instruments OP07CD Datasheet HTML 5Page - Texas Instruments OP07CD Datasheet HTML 6Page - Texas Instruments OP07CD Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
electrical characteristics at specified free-air temperature, VCC ± = ±15 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS†
TA
OP07C
OP07D
UNIT
PARAMETER
TEST CONDITIONS†
TA
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
VO =0
RS =50 Ω
25
°C
60
150
60
150
µV
VIO
Input offset voltage
VO = 0,
RS = 50 Ω
0
°C to 70°C
85
250
85
250
µV
αVIO
Temperature coefficient of input offset voltage
VO = 0,
RS = 50 Ω
0
°C to 70°C
0.5
1.8
0.7
2.5
µV/°C
Long-term drift of input offset voltage
See Note 6
0.4
0.5
µV/mo
Offset adjustment range
RS = 20 kΩ,
See Figure 1
25
°C
±4
±4
mV
IIO
Input offset current
25
°C
0.8
6
0.8
6
nA
IIO
Input offset current
0
°C to 70°C
1.6
8
1.6
8
nA
αIIO
Temperature coefficient of input offset current
0
°C to 70°C
12
50
12
50
pA/
°C
IIB
Input bias current
25
°C
±1.8
±7
±2
±12
nA
IIB
Input bias current
0
°C to 70°C
±2.2
±9
±3
±14
nA
αIIB
Temperature coefficient of input bias current
0
°C to 70°C
18
50
18
50
pA/
°C
VICR
Common mode input voltge range
25
°C
±13
±14
±13
±14
V
VICR
Common-mode input voltge range
0
°C to 70°C
±13 ±13.5
±13 ±13.5
V
RL ≥ 10 kΩ
±12
±13
±12
±13
VOM
Peak output voltage
RL ≥ 2 kΩ
25
°C
±11.5 ±12.8
±11.5 ±12.8
V
VOM
Peak output voltage
RL ≥ 1 kΩ
±12
±12
V
RL ≥ 2 kΩ
0
°C to 70°C
±11 ±12.6
±11 ±12.6
A
L
i
l diff
ti l
lt
lifi
ti
VCC
± = ±3 V,
RL ≥ 500 kΩ
VO = ± 0.5 V,
25
°C
100
400
400
V/ V
AVD
Large-signal differential voltage amplification
VO = ± 10 V
RL =2kΩ
25
°C
120
400
120
400
V/mV
VO = ± 10 V,
RL = 2 kΩ
0
°C to 70°C
100
400
100
400
B1
Unity-gain bandwidth
25
°C
0.4
0.6
0.4
0.6
MHz
ri
Input resistance
25
°C
8
33
7
31
M
Ω
CMRR
Common mode rejection ratio
VIC = ± 13 V
RS =50 Ω
25
°C
100
120
94
110
dB
CMRR
Common-mode rejection ratio
VIC = ± 13 V,
RS = 50 Ω
0
°C to 70°C
97
120
94
106
dB
kSVS
Supply voltage sensitivity (
∆VIO/∆VCC)
VCC
± = ±3 V to ±18 V,
25
°C
7
32
7
32
µV/V
kSVS
Supply voltage sensitivity (
∆VIO/∆VCC)
CC
±
,
RS = 50 Ω
0
°C to 70°C
10
51
10
51
µV/V
VO = 0,
No load
80
150
80
150
PD
Power dissipation
VCC
± = ±3 V,
No load
VO = 0,
25
°C
4
8
4
8
mW
† All characteristics are measured under open-loop conditions with zero common-mode input voltage unless otherwise noted.
NOTE 6: Since long-term drift cannot be measured on the individual devices prior to shipment, this specification is not intended to be a warranty. It is an engineering estimate of the
averaged trend line of drift versus time over extended periods after the first thirty days of operation.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com