Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP07CD Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OP07CD
Description  PRECISION OPERATIONAL AMPLIFIERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OP07CD Datasheet(HTML) 1 Page - Texas Instruments

  OP07CD Datasheet HTML 1Page - Texas Instruments OP07CD Datasheet HTML 2Page - Texas Instruments OP07CD Datasheet HTML 3Page - Texas Instruments OP07CD Datasheet HTML 4Page - Texas Instruments OP07CD Datasheet HTML 5Page - Texas Instruments OP07CD Datasheet HTML 6Page - Texas Instruments OP07CD Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
OP07C, OP07D, OP07Y
PRECISION OPERATIONAL AMPLIFIERS
SLOS099B – OCTOBER 1983 – REVISED AUGUST 1996
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Low Noise
D No External Components Required
D Replaces Chopper Amplifiers at a Lower
Cost
D Single-Chip Monolithic Fabrication
D Wide Input Voltage Range
0 to
±14 V Typ
D Wide Supply Voltage Range
±3 V to ±18 V
D Essentially Equivalent to Fairchild µA714
Operational Amplifiers
D Direct Replacement for PMI OP07C and
OP07D
description
These devices represent a breakthrough in operational amplifier performance. Low offset and long-term stability
are achieved by means of a low-noise, chopperless, bipolar-input-transistor amplifier circuit. For most
applications, external components are not required for offset nulling and frequency compensation. The true
differential input, with a wide input voltage range and outstanding common-mode rejection, provides maximum
flexibility and performance in high-noise environments and in noninverting applications. Low bias currents and
extremely high input impedances are maintained over the entire temperature range. The OP07 is unsurpassed
for low-noise, high-accuracy amplification of very low-level signals.
These devices are characterized for operation from 0
°C to 70°C.
AVAILABLE OPTIONS
VIOmax
PACKAGED DEVICES
CHIP FORM
TA
VIOmax
AT 25
°C
SMALL OUTLINE
(D)
PLASTIC DIP
(P)
CHIP FORM
(Y)
0
°C to 70°C
150
µV
OP07CD
OP07DD
OP07CP
OP07DP
OP07Y
The D package is available taped and reeled. Add the suffix R to the device type (e.g., OP07CDR). The chip
form is tested at TA = 25°C.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
8
7
6
5
OFFSET N1
IN –
IN +
VCC–
OFFSET N2
VCC+
OUT
NC
D OR P PACKAGE
(TOP VIEW)
NC – No internal connection
symbol
OUT
–
+
OFFSET N2
IN –
IN +
OFFSET N1
1
3
2
8
6
Copyright
© 1996, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - OP07CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OP07CD TI-OP07CD Datasheet
264Kb / 11P
PRECISION OPERATIONAL AMPLIFIERS
logo
Tiger Electronic Co.,Lt...
OP07CD TGS-OP07CD Datasheet
359Kb / 5P
PRECISION OPERATIONAL AMPLIFIERS
OP07CD TGS-OP07CD Datasheet
359Kb / 5P
PRECISION OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OP07CD TI1-OP07CD Datasheet
927Kb / 21P
Precision Operational Amplifiers
OP07CD TI1-OP07CD Datasheet
922Kb / 21P
Precision Operational Amplifie
More results

Similar Description - OP07CD

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
CA3493 HARRIS-CA3493 Datasheet
511Kb / 11P
BiMOS Precision Operational Amplifiers
logo
Raytheon Company
RC4277 RAYTHEON-RC4277 Datasheet
198Kb / 6P
Dual Precision Operational Amplifiers
logo
Motorola, Inc
LM11C MOTOROLA-LM11C Datasheet
359Kb / 6P
Precision Operational Amplifiers
logo
Texas Instruments
OP07C TI-OP07C_06 Datasheet
264Kb / 11P
PRECISION OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA277 BURR-BROWN-OPA277_05 Datasheet
921Kb / 25P
High Precision OPERATIONAL AMPLIFIERS
logo
Analog Devices
OP193FSZ AD-OP193FSZ Datasheet
380Kb / 20P
Precision, Micropower Operational Amplifiers
REV. C
logo
Tiger Electronic Co.,Lt...
OP07 TGS-OP07 Datasheet
359Kb / 5P
PRECISION OPERATIONAL AMPLIFIERS
OP07CDR TGS-OP07CDR Datasheet
359Kb / 5P
PRECISION OPERATIONAL AMPLIFIERS
OP07CP TGS-OP07CP Datasheet
359Kb / 5P
PRECISION OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OP07C TI1-OP07C Datasheet
927Kb / 21P
Precision Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com