Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP37AP Datasheet(PDF) 1 Page - Texas Instruments

Part # OP37AP
Description  LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OP37AP Datasheet(HTML) 1 Page - Texas Instruments

  OP37AP Datasheet HTML 1Page - Texas Instruments OP37AP Datasheet HTML 2Page - Texas Instruments OP37AP Datasheet HTML 3Page - Texas Instruments OP37AP Datasheet HTML 4Page - Texas Instruments OP37AP Datasheet HTML 5Page - Texas Instruments OP37AP Datasheet HTML 6Page - Texas Instruments OP37AP Datasheet HTML 7Page - Texas Instruments OP37AP Datasheet HTML 8Page - Texas Instruments OP37AP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
OP27A, OP27C, OP27E, OP27G
OP37A, OP37C, OP37E, OP37G
LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
SLOS100B – FEBRUARY 1989 – REVISED AUGUST 1994
Copyright
© 1994, Texas Instruments Incorporated
2–1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
• Direct Replacements for PMI and LTC OP27
and OP37 Series
Features of OP27A, OP27C, OP37A, and
OP37C:
• Maximum Equivalent Input Noise Voltage:
3.8 nV/
√Hz at 1 kHz
5.5 nV/
√Hz at 10 kHz
• Very Low Peak-to-Peak Noise Voltage at
0.1 Hz to 10 Hz . . . 80 nV Typ
• Low Input Offset Voltage ...25 µV Max
• High Voltage Amplification ...1 V/µV Min
Feature of OP37 Series:
• Minimum Slew Rate ...11 V/µs
description
The OP27 and OP37 operational amplifiers
combine outstanding noise performance with
excellent precision and high-speed specifications.
The wideband noise is only 3 nV/
√Hz and with the
1/f noise corner at 2.7 Hz, low noise is maintained
for all low-frequency applications.
The outstanding characteristics of the OP27 and
OP37 make these devices excellent choices
for low-noise amplifier applications requiring
precision performance and reliability. Additionally,
the OP37 is free of latch-up in high-gain,
large-capacitive-feedback configurations.
The OP27 series is compensated for unity gain.
The OP37 series is decompensated for increased
bandwidth and slew rate and is stable down to a
gain of 5.
The OP27A, OP27C, OP37A, and OP37C are
characterized for operation over the full military
temperature range of – 55
°C to 125°C. The
OP27E, OP27G, OP37E, and OP37G are
characterized for operation from – 25
°C to 85°C.
AVAILABLE OPTIONS
VIOmax
STABLE
PACKAGE
TA
VIOmax
AT 25
°C
STABLE
GAIN
CERAMIC DIP
(JG)
CHIP CARRIER
(FK)
PLASTIC DIP
(P)
25
µV
1
—
—
OP27EP
25
°Cto85°C
25
µV
5
—
—
OP37EP
– 25
°C to 85°C
100
µV
1
—
—
OP27GP
100
µV
5
—
—
OP37GP
25
µV
1
OP27AJG
OP27AFK
—
55
°Cto125°C
25
µV
5
OP37AJG
OP37AFK
—
– 55
°C to 125°C
100
µV
1
OP27CJG
—
—
100
µV
5
OP37CJG
—
—
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
8
7
6
5
VIO TRIM
IN –
IN +
VCC –
VIO TRIM
VCC+
OUT
NC
JG OR P PACKAGE
(TOP VIEW)
IN +
IN –
OUT
VIO TRIM
18
6
3
2
symbol
3
2
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
NC
VCC+
NC
OUT
NC
NC
1N –
NC
IN +
NC
FK PACKAGE
(TOP VIEW)
NC – No internal connection
Pin numbers are for the JG and P packages.
+
–


Similar Part No. - OP37AP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
OP37AJ MAXIM-OP37AJ Datasheet
446Kb / 12P
Low-Noise Precision Operaional Amplifiers
Rev 0; 10/92
logo
Analog Devices
OP37AZ AD-OP37AZ Datasheet
389Kb / 16P
Low Noise, Precision, High Speed Operational Amplifier
logo
Maxim Integrated Produc...
OP37AZ MAXIM-OP37AZ Datasheet
446Kb / 12P
Low-Noise Precision Operaional Amplifiers
Rev 0; 10/92
logo
Analog Devices
OP37AZ AD-OP37AZ Datasheet
490Kb / 16P
Low Noise, Precision, High Speed tional Amplifier
REV. B
More results

Similar Description - OP37AP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LT1007 TI-LT1007 Datasheet
306Kb / 24P
LOW-NOISE, HIGH-SPEED, PRECISION OPERATIONAL AMPLIFIERS
logo
Linear Technology
LT1007 LINER-LT1007_1 Datasheet
518Kb / 16P
Low Noise, High Speed Precision Operational Amplifiers
logo
Texas Instruments
OP27CJGB TI-OP27CJGB Datasheet
329Kb / 22P
LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
OP27AFKB TI-OP27AFKB Datasheet
314Kb / 22P
LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
OP27GU TI-OP27GU Datasheet
314Kb / 22P
LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
logo
Linear Technology
OP-27 LINER-OP-27_15 Datasheet
873Kb / 12P
LOW NOISE HIGH SPEED PRECISION OPERATIONAL AMPLIFIERS
OP-37 LINER-OP-37_15 Datasheet
873Kb / 12P
LOW NOISE HIGH SPEED PRECISION OPERATIONAL AMPLIFIERS
LT1007 LINER-LT1007_15 Datasheet
524Kb / 16P
Low Noise, High Speed Precision Operational Amplifiers
LT1037 LINER-LT1037_15 Datasheet
524Kb / 16P
Low Noise, High Speed Precision Operational Amplifiers
logo
Texas Instruments
OP27A TI1-OP27A_14 Datasheet
327Kb / 23P
LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com