Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP37AP Datasheet(PDF) 11 Page - Texas Instruments

Part # OP37AP
Description  LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OP37AP Datasheet(HTML) 11 Page - Texas Instruments

Back Button OP37AP Datasheet HTML 7Page - Texas Instruments OP37AP Datasheet HTML 8Page - Texas Instruments OP37AP Datasheet HTML 9Page - Texas Instruments OP37AP Datasheet HTML 10Page - Texas Instruments OP37AP Datasheet HTML 11Page - Texas Instruments OP37AP Datasheet HTML 12Page - Texas Instruments OP37AP Datasheet HTML 13Page - Texas Instruments OP37AP Datasheet HTML 14Page - Texas Instruments OP37AP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
OP27A, OP27C, OP27E, OP27G
OP37A, OP37C, OP37E, OP37G
LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
SLOS100B – FEBRUARY 1989 – REVISED AUGUST 1994
2–11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
TYPICAL CHARACTERISTICS
1
OP27
LARGE-SIGNAL DIFFERENTIAL
VOLTAGE AMPLIFICATION AND PHASE SHIFT
vs
FREQUENCY
25
20
15
10
5
0
– 5
10
100
f – Frequency – Hz
– 10
0.1
OP37
LARGE-SIGNAL DIFFERENTIAL
VOLTAGE AMPLIFICATION AND PHASE SHIFT
vs
FREQUENCY
60
50
40
30
20
10
0
1
100
f – Frequency – MHz
– 10
VCC
± =±15 V
RL = 1 kΩ
TA = 25°C
80
°
100
°
120
°
140
°
160
°
180
°
200
°
220
°
10
80
°
100
°
120
°
140
°
160
°
180
°
200
°
220
°
Phase Shift
AVD
Phase Shift
AVD
φm = 70°
φm = 71°
VCC
± = ±15 V
RL = 1 kΩ
TA = 25°C
Figure 12
Figure 13
OP27A, OP27E, OP37A, OP37E
LARGE-SIGNAL
DIFFERENTIAL VOLTAGE AMPLIFICATION
vs
FREQUENCY
f – Frequency – Hz
VCC
± = ±15 V
RL = 2 kΩ
TA = 25°C
1 k
OP27A, OP27E, OP37A, OP37E
COMMON-MODE REJECTION RATIO
vs
FREQUENCY
140
10 k
100 k
1 M
10 M
f – Frenquency – Hz
40
VCC
± = ±15 V
VIC = ± 10 V
TA = 25°C
120
100
80
60
140
120
100
80
60
40
20
0
–20
0.1
1
10
100
1 k
10 k
1 M
100 M
OP37A/E
OP27A/E
OP27A/E
OP37A/E
Figure 14
Figure 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com