Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP37AP Datasheet(PDF) 14 Page - Texas Instruments

Part # OP37AP
Description  LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OP37AP Datasheet(HTML) 14 Page - Texas Instruments

Back Button OP37AP Datasheet HTML 10Page - Texas Instruments OP37AP Datasheet HTML 11Page - Texas Instruments OP37AP Datasheet HTML 12Page - Texas Instruments OP37AP Datasheet HTML 13Page - Texas Instruments OP37AP Datasheet HTML 14Page - Texas Instruments OP37AP Datasheet HTML 15Page - Texas Instruments OP37AP Datasheet HTML 16Page - Texas Instruments OP37AP Datasheet HTML 17Page - Texas Instruments OP37AP Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
OP27A, OP27C, OP27E, OP27G
OP37A, OP37C, OP37E, OP37G
LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
SLOS100B – FEBRUARY 1989 – REVISED AUGUST 1994
2–14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
TYPICAL CHARACTERISTICS†
OP27A, OP27E, OP37A, OP37E
EQUIVALENT INPUT NOISE VOLTAGE
vs
TOTAL SUPPLY VOLTAGE
VCC + – VCC – – Total Supply Voltage – V
RS = 20 Ω
BW = 1 Hz
TA = 25°C
f = 10 Hz
20
15
10
5
0
010
20
30
40
f = 1 kHz
– 50
– 25
0
25
50
75
100
125
TA – Free-Air Temperature – °C
OP27A, OP27E, OP37A, OP37E
EQUIVALENT INPUT NOISE VOLTAGE
vs
FREE-AIR TEMPERATURE
VCC
± = ±15 V
RS = 20 Ω
BW = 1 Hz
5
4
3
2
1
f = 10 Hz
f = 1 kHz
Figure 24
Figure 25
OP27A, OP27E, OP37A, OP37E
EQUIVALENT INPUT NOISE VOLTAGE
vs
FREQUENCY
1
10
100
1000
f – Frequency – Hz
EQUIVALENT INPUT NOISE CURRENT
vs
FREQUENCY
10
1
0.1
f – Frequency – Hz
1/f Corner = 140 Hz
10
9
8
7
6
5
4
3
2
1
1/f Corner = 2.7 Hz
10
100
1 k
10 k
VCC
± = ±15 V
RS = 20 Ω
BW = 1 Hz
TA = 25°C
VCC
± = ±15 V
BW = 1 Hz
TA = 25°C
Figure 26
Figure 27
† Data for temperatures below – 25
°C and above 85°C are applicable to the OP27A, OP27C, OP37A, and OP37C only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com