Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLWS132 Datasheet(PDF) 6 Page - Texas Instruments

Part # SLWS132
Description  QUAD RECEIVER CHIP
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SLWS132 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SLWS132 Datasheet HTML 2Page - Texas Instruments SLWS132 Datasheet HTML 3Page - Texas Instruments SLWS132 Datasheet HTML 4Page - Texas Instruments SLWS132 Datasheet HTML 5Page - Texas Instruments SLWS132 Datasheet HTML 6Page - Texas Instruments SLWS132 Datasheet HTML 7Page - Texas Instruments SLWS132 Datasheet HTML 8Page - Texas Instruments SLWS132 Datasheet HTML 9Page - Texas Instruments SLWS132 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
GRAYCHIP, INC.
- 1 -
APRIL 27, 1999
GC4014 QUAD RECEIVER CHIP
DATA SHEET REV 0.6
This document contains information which may be changed at any time without notice
GC4014 DATASHEET
2.0
BLOCK DIAGRAM
A block diagram illustrating the major functions of the chip is shown in Figure 1.
Figure 1. GC4014 Block Diagram
CLOCK DOUBLING
AND
DISTRIBUTION CIRCUIT
CK
CONTROL INTERFACE
WR
RD
A[0:4]
C[0:7]
SYNC COUNTER
AND
DIAGNOSTIC TEST
SI
SO
GENERATOR
AND FILTER
CE
OUTPUT
FORMAT
AND GAIN
BANDWIDTH
FILTER SELECT
DECIMATE BY 8
FORMAT
SELECT
AOUT
(BIT SERIAL)
BOUT
(BIT SERIAL)
OUTPUT
FORMAT
AND GAIN
TWO STAGE
DECIMATE
BY 4OR 8
GAIN
GAIN
DECIMATE
BY 8 TO 16K
FILTER
DECIMATE
BY 8 TO 16K
FILTER
AIN
BIN
OUTPUT
FORMAT
AND GAIN
COUT
(BIT SERIAL)
DOUT
(BIT SERIAL)
OUTPUT
FORMAT
AND GAIN
GAIN
GAIN
DECIMATE
BY 8 TO 16K
FILTER
DECIMATE
BY 8 TO 16K
FILTER
CIN
DIN
(14 BITS)
(14 BITS)
(14 BITS)
(14 BITS)
CROSSBAR SWITCH
OUTPUT SUM AND MULTIPLEX
ACKNOWLEDGE
DIAGNOSTICS
(16 bit input mode uses the DIN pins for the LSB’s of inputs AIN, BIN, and CIN)
FILTER
TWO STAGE
DECIMATE
BY 4OR 8
FILTER
TWO STAGE
DECIMATE
BY 4OR 8
FILTER
TWO STAGE
DECIMATE
BY 4OR 8
FILTER
COEFFICIENT RAMS
1.0
KEY FEATURES
•
Input rates up to 64 MSPS
•
Four real input down-convert channels or
Two complex input downconvert channels
•
Independent tuning frequencies
•
Independent phase/gain controls
•
4 by 4 14 bit Input Crossbar switch or
3 by 4 16 bit Input Crossbar switch
•
Decimation factors of
16 to 32,768 in the real output mode
32 to 65,536 in the complex output mode
•
Zero padding for lower decimation factors
•
Outputs can be either:
bit serial,
nibble serial (link port)
or memory mapped
•
Output summing for beamforming
•
8 to 16 bit output samples
•
0.02 Hz tuning resolution
•
0.14 dB gain resolution
•
Less than 0.05 dB peak to peak passband
ripple
•
Greater than 100 dB far image rejection
•
Greater than 95 dB spur free dynamic range
•
User programmable 63 tap output filter
•
Nyquist filtering for QPSK or QAM symbol
data
•
Meets GSM, AMPS and DAMPS Cellular
specifications
•
Microprocessor interface for control, output,
and diagnostics
•
Built in diagnostics
•
Microprocessor interface will accept either
3.3 or 5 volt input levels
•
250 mW per channel at 50 MHz, 3.3 volts
•
100 pin thin QFP package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com