Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLWS132 Datasheet(PDF) 29 Page - Texas Instruments

Part # SLWS132
Description  QUAD RECEIVER CHIP
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SLWS132 Datasheet(HTML) 29 Page - Texas Instruments

Back Button SLWS132 Datasheet HTML 25Page - Texas Instruments SLWS132 Datasheet HTML 26Page - Texas Instruments SLWS132 Datasheet HTML 27Page - Texas Instruments SLWS132 Datasheet HTML 28Page - Texas Instruments SLWS132 Datasheet HTML 29Page - Texas Instruments SLWS132 Datasheet HTML 30Page - Texas Instruments SLWS132 Datasheet HTML 31Page - Texas Instruments SLWS132 Datasheet HTML 32Page - Texas Instruments SLWS132 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 46 page
background image
GRAYCHIP, INC.
- 24 -
APRIL 27, 1999
GC4014 QUAD RECEIVER CHIP
DATA SHEET REV 0.6
This document contains information which may be changed at any time without notice
5.15
CHANNEL OUTPUT PAGE (PAGE = 0)
Addresses 16 through 31 are used to read output values. The outputs are 16 bit two’s complement
numbers which are read as two 8 bit bytes, the lower address contains the lower byte. See Table 1 for the output
value definitions when SUM_MODE is used. The address assignments are:
ADDRESSES
NAME
ADDRESSES
NAME
16,17
AOUT, I-half
24,25
COUT, I-half
18,19
AOUT, Q-half
26,27
COUT,Q-half
20,21
BOUT, I-half
28,29
DOUT, I-half
22,23
BOUT,Q-half
30,31
DOUT,Q-half
These are all read only registers.
5.16
KEEPALIVE STATUS PAGE (PAGE = 1)
ADDRESS 16:
Clock Status
BIT
TYPE
NAME
DESCRIPTION
0
R
KACK
This bit monitors the keepalive clock.
1
R
KA_MODE
This bit monitors the keepalive mode.
2-7
-
unused
These bits are used for factory test purposes only.
ADDRESS 17:
Mask Revision
BIT
TYPE
NAME
DESCRIPTION
0-7
R
REVISION
Mask revision number.
This address can be used to determine the mask revision number for the GC4014. The mask revision
numbers are shown in Table 5 below (the mask codes are printed on the GC4014 package).
Table 5: Mask Revisions
Mask
Revision
Number
(Address 17)
Release Date
Mask Code
on Package
Description
0
October 1997
55532B
Original
0
January 1998
55532C
Corrected problems with non-symmetry mode, did not
change mask revision number in address 17.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com