Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLWS132 Datasheet(PDF) 21 Page - Texas Instruments

Part # SLWS132
Description  QUAD RECEIVER CHIP
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SLWS132 Datasheet(HTML) 21 Page - Texas Instruments

Back Button SLWS132 Datasheet HTML 17Page - Texas Instruments SLWS132 Datasheet HTML 18Page - Texas Instruments SLWS132 Datasheet HTML 19Page - Texas Instruments SLWS132 Datasheet HTML 20Page - Texas Instruments SLWS132 Datasheet HTML 21Page - Texas Instruments SLWS132 Datasheet HTML 22Page - Texas Instruments SLWS132 Datasheet HTML 23Page - Texas Instruments SLWS132 Datasheet HTML 24Page - Texas Instruments SLWS132 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
GRAYCHIP, INC.
- 16 -
APRIL 27, 1999
GC4014 QUAD RECEIVER CHIP
DATA SHEET REV 0.6
This document contains information which may be changed at any time without notice
5.0
CONTROL REGISTERS
The chip is configured and controlled through the use of eight bit control registers. These registers are
accessed for reading or writing using the control bus pins (CE, RD, WR, A[0:4], and C[0:7]) described in the
previous section. The register names and their addresses are:
The Mode and Control Registers are addresses 0 to 15
ADDRESS
NAME
ADDRESS
NAME
0
Sync Mode
8
Blank Control
1
Decimation Mode
9
Channel Flush Control
2
Decimation Byte 0
10
Counter Byte 0
3
Decimation Byte 1
11
Counter Byte 1
4
Scale Control
12
Test Mode
5
Channel Gain
13
Page Map
6
Output Format
14
Status
7
Output Mode
15
Checksum
Addresses 16 to 31 are used in sixteen pages as determined by the page select control bits in the page map
register. The page assignments are:
PAGE
NAME
PAGE
NAME
0
Channel Outputs
8
Coefficients 0 to 7
1
Keepalive Status
9
Coefficients 8 to 15
2
unused
10
Coefficients 16 to 23
3
unused
11
Coefficients 24 to 31
4
Channel Control A
12
unused
5
Channel Control B
13
unused
6
Channel Control C
14
unused
7
Channel Control D
15
unused
The following sections describe each of these registers. The type of each register bit is either R, W, or R/W
indicating whether the bit is read only, write only, or read/write. All bits are active high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com