Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN28846 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN28846
Description  SERIAL DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN28846 Datasheet(HTML) 1 Page - Texas Instruments

  SN28846 Datasheet HTML 1Page - Texas Instruments SN28846 Datasheet HTML 2Page - Texas Instruments SN28846 Datasheet HTML 3Page - Texas Instruments SN28846 Datasheet HTML 4Page - Texas Instruments SN28846 Datasheet HTML 5Page - Texas Instruments SN28846 Datasheet HTML 6Page - Texas Instruments SN28846 Datasheet HTML 7Page - Texas Instruments SN28846 Datasheet HTML 8Page - Texas Instruments SN28846 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SN28846
SERIAL DRIVER
SOCS024B – FEBRUARY 1991
Copyright
© 1991, Texas Instruments Incorporated
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
• TTL-Compatible Inputs
• CCD-Compatible Outputs
• Full-Frame Operation
• Frame-Transfer Operation
• Solid-State Reliability
• Adjustable Clock Levels
description
The SN28846 serial driver is a monolithic CMOS
integrated circuit designed to drive the serial-reg-
ister gate (SRGn) and transfer-gate (TRG) inputs
of the Texas Instruments (TI
™) virtual-phase CCD
image sensors. The SN28846 interfaces a
user-defined timing generator to the CCD image
sensor; it receives TTL signals from the timing generator and outputs level-shifted signals to the image sensor.
The SN28846 contains three noninverting serial-gate drivers and one noninverting transfer-gate driver.
The voltage levels on SRG1OUT, SRG2OUT, SRG3OUT, and TRGOUT are controlled by the levels on VSS and
VCC. The propagation delays for these outputs are controlled by SEL0 and SEL1. The PD, SRG1IN, SRG2IN,
SRG3IN, and TRGIN are TTL compatible.
A high level on PD allows the SN28846 to operate normally with the level-shifted outputs following the inputs.
When PD is low, the device is in a low power-consumption mode and all outputs are at VCC.
The SN28846 is available in a 20-pin surface-mount package and is characterized for operation from –20
°C
to 45
°C.
This device contains circuits to protect its inputs and outputs against damage due to high static voltages or electrostatic fields. These
circuits have been qualified to protect this device against electrostatic discharges (ESD) of up to 2 kV according to MIL-STD-883C,
Method 3015; however, precautions should be taken to avoid application of any voltage higher than maximum-rated voltages to these
high-impedance circuits. During storage or handling, the device leads should be shorted together or the device should be placed in
conductive foam. In a circuit, unused inputs should always be connected to an appropriated logic voltage level, preferably either VCC or ground.
Specific guidelines for handling devices of this type are contained in the publication
Guidelines for Handling Electrostatic-Discharge-Sensitive
(ESDS) Devices and Assemblies available from Texas Instruments.
TI is a trademark of Texas Instruments Incorporated.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
SEL0OUT
GND
PD
SRG3IN
SRG2IN
SRG1IN
TRGIN
NC
SEL1OUT
VSS
VSS
SEL0
NC
VCC
SRG3OUT
SRG2OUT
SRG1OUT
TRGOUT
VCC
SEL1
DW PACKAGE
(TOP VIEW)
NC – No internal connection
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN28846

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN28846DW TI-SN28846DW Datasheet
173Kb / 13P
192- 횞 165-pixel ccd image sensor
SN28846DW TI-SN28846DW Datasheet
325Kb / 21P
1024- 횞 512-pixel ccd image sensor
SN28846DW TI-SN28846DW Datasheet
384Kb / 21P
1158- 횞 488-pixel ccd image sensor
SN28846DW TI-SN28846DW Datasheet
469Kb / 19P
786- 횞 488-pixel ccd image sensor
SN28846DW TI-SN28846DW Datasheet
307Kb / 19P
1024- 횞 1024-PIXEL CCD IMAGE SENSOR
More results

Similar Description - SN28846

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA5778 PHILIPS-SA5778 Datasheet
122Kb / 16P
Serial triple gauge driver STGD
1998 Apr 03
logo
STMicroelectronics
L9822E STMICROELECTRONICS-L9822E Datasheet
112Kb / 11P
OCTAL SERIAL SOLENOID DRIVER
Sep-1994
L9822N STMICROELECTRONICS-L9822N Datasheet
87Kb / 9P
OCTAL SERIAL SOLENOID DRIVER
Oct-1997
L98SI STMICROELECTRONICS-L98SI Datasheet
77Kb / 9P
OCTAL SERIAL SOLENOID DRIVER
Apr-1998
logo
Texas Instruments
TMS3472A TI-TMS3472A Datasheet
109Kb / 9P
SERIAL DRIVER
logo
STMicroelectronics
M8438A STMICROELECTRONICS-M8438A Datasheet
301Kb / 7P
SERIAL INPUT LCD DRIVER
L9822E STMICROELECTRONICS-L9822E_02 Datasheet
1Mb / 10P
OCTAL SERIAL SOLENOID DRIVER
Jan-2002
L9822N STMICROELECTRONICS-L9822N_03 Datasheet
737Kb / 9P
OCTAL SERIAL SOLENOID DRIVER
Oct-2003
L9822EPD013TR STMICROELECTRONICS-L9822EPD013TR Datasheet
238Kb / 17P
Octal serial solenoid driver
20-Sep-2013
AN4274 STMICROELECTRONICS-AN4274 Datasheet
409Kb / 13P
The serial communication driver between
23-Apr-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com