Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DL2SLG Datasheet(PDF) 2 Page - CIT Relay & Switch

Part # DL2SLG
Description  CIT SWITCH
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

DL2SLG Datasheet(HTML) 2 Page - CIT Relay & Switch

  DL2SLG Datasheet HTML 1Page - CIT Relay & Switch DL2SLG Datasheet HTML 2Page - CIT Relay & Switch DL2SLG Datasheet HTML 3Page - CIT Relay & Switch DL2SLG Datasheet HTML 4Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.citswitch.com
page
130
phone – 763.535.2339 fax – 763.535.2194
DIMENSIONS
SCHEMATIC & PC LAYOUT
Number
of Poles
“L”
mm
“P”
“A”
mm
2
24.8
6
8
4
36.8
12
16
6
48.8
18
24
8
60.8
24
32
10
72.8
30
40
16
108.8
48
64
TERMINAL OPTIONS & ACTUATOR DETAIL
MOUNTING OPTIONS
STACKING SWITCHES
B = 3.2mm mounting holes, C = M3X0.5 mounting holes
DL2LAQ/4LAQ (soft touch = DL2SLAQ/4SLAQ)
DL2LAQ/6LAQ (soft touch = DL2SLAQ/DL6SLAQ)
DL



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com