Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DL2SLG Datasheet(PDF) 1 Page - CIT Relay & Switch

Part # DL2SLG
Description  CIT SWITCH
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

DL2SLG Datasheet(HTML) 1 Page - CIT Relay & Switch

  DL2SLG Datasheet HTML 1Page - CIT Relay & Switch DL2SLG Datasheet HTML 2Page - CIT Relay & Switch DL2SLG Datasheet HTML 3Page - CIT Relay & Switch DL2SLG Datasheet HTML 4Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.citswitch.com
page
129
phone – 763.535.2339 fax – 763.535.2194
SPECIFICATIONS
MATERIALS
←RoHS COMPLIANT
Actuator
POM
Housing
PC
Terminal Base
Phenolic
Contacts
Phosphor Bronze, Ag or Au+Ni plated
Terminals
Brass, Ag or Au+Ni plated
Chassis
Steel
Spring
Steel
Latching Pin
Steel
ORDERING INFORMATION
Series:
DL
DL
4
Number of Poles:
2 = DPDT
4 = 4PDT
6 = 6PDT
8 = 8PDT
10 = 10PDT
16 = 16PDT
** stacking switch part numbers are:
DL2LAQ/4LAQ (Soft touch = DL2SLAQ/4SLAQ)
DL2LAQ/6LAQ (Soft touch = DL2SLAQ/6SLAQ)
S
Actuation Force Options:
None = Standard Force
S = Soft Touch
N
Switch Function:
N = Non-latching
L = Latching
F
Terminal Options:
A, F, E, C, G
B
Mounting Options:
Blank = No Chassis (standard)
B = Mounting Chassis, Single Stage, 3.2mm dia Mounting Holes
C = Mounting Chassis, Single Stage, M3X0.5 Threaded Mounting Holes
** Multi-Stage Switch Assembly Part Numbers Assigned At Factory
Q
Contact Material:
Q = Silver
R = Gold
C13
Caps:
Blank = No Cap
C11
C12
C13
C14
C15
C16
C18
C19
C20
C21
C22
C26
C27
C28
C29
**See Cap Options for color availability
DL
Electrical Ratings
See Contract Options
Electrical Life
100,000 cycles typical
Contact Resistance
< 50 m
Ω max initial @ 2-4VDC, 100mA
Dielectric Strength
2000Vrms min
Insulation Resistance
> 100M
Ω min
Operating Force
2 Pole: 350 +/- 100gF, 200 +/- 100gF
4 Pole: 450 +/- 100gF, 400 +/- 100gF
6 Pole: 550 +/- 100gF, 450 +/- 100Gf
8~16 Pole : 650 +/- 150gF
Operating Temperature
Storage Temperature
-40
°C to 85°C
-40
°C to 85°C


Similar Part No. - DL2SLG

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DL2 ITT-DL2 Datasheet
743Kb / 7P
Cannon ZIF Connectors
DL2-156PF ITT-DL2-156PF Datasheet
743Kb / 7P
Cannon ZIF Connectors
DL2-156PW4 ITT-DL2-156PW4 Datasheet
743Kb / 7P
Cannon ZIF Connectors
DL2-156PW4A ITT-DL2-156PW4A Datasheet
743Kb / 7P
Cannon ZIF Connectors
DL2-156PW4B ITT-DL2-156PW4B Datasheet
743Kb / 7P
Cannon ZIF Connectors
More results

Similar Description - DL2SLG

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
A41AS3VDC CIT-A41AS3VDC Datasheet
190Kb / 2P
CIT SWITCH
A61AS6VDC.9 CIT-A61AS6VDC.9 Datasheet
144Kb / 2P
CIT SWITCH
A111AS12VDC.60 CIT-A111AS12VDC.60 Datasheet
183Kb / 2P
CIT SWITCH
ANP11F4B CIT-ANP11F4B Datasheet
374Kb / 7P
CIT SWITCH
BNP10SBQ CIT-BNP10SBQ Datasheet
295Kb / 5P
CIT SWITCH
BTNXC CIT-BTNXC Datasheet
345Kb / 5P
CIT SWITCH
CH1NAS CIT-CH1NAS Datasheet
182Kb / 2P
CIT SWITCH
CS1211 CIT-CS1211 Datasheet
111Kb / 1P
CIT SWITCH
J0982AS3VDC.60 CIT-J0982AS3VDC.60 Datasheet
166Kb / 2P
CIT SWITCH
J0991AS3VDC.45 CIT-J0991AS3VDC.45 Datasheet
173Kb / 2P
CIT SWITCH
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com