Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DL2SLG Datasheet(PDF) 4 Page - CIT Relay & Switch

Part # DL2SLG
Description  CIT SWITCH
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

DL2SLG Datasheet(HTML) 4 Page - CIT Relay & Switch

  DL2SLG Datasheet HTML 1Page - CIT Relay & Switch DL2SLG Datasheet HTML 2Page - CIT Relay & Switch DL2SLG Datasheet HTML 3Page - CIT Relay & Switch DL2SLG Datasheet HTML 4Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.citswitch.com
page
132
phone – 763.535.2339 fax – 763.535.2194
CAP OPTIONS
C22_
2 = Black, 8 = Dark Gray, 9 = Light Gray
Contact Factory for other available colors
C26_
1 = White, 2 = Black, 3 = Red, 9 = Light Gray
Contact Factory for other available colors
C27_
1 = White, 2 = Black, 3 = Red, 9 = Light Gray
Contact Factory for other available colors
C28_
1 = White, 2 = Black, 3 = Red
Contact Factory for other available colors
C29_ _
Housing Color: 2 = Black
Indicator Color: 1 = White, 4 = Yellow, 5 = Green,
7 = Blue
Contact Factory for other available colors
MULTI-STAGE CHASSIS
← PART NUMBERS ASSIGNED AT THE FACTORY
BRACKET LENGTH & MOUNTING PITCH
Number of Positions
1
2
3
4
5
6
Pitch
(C)
L1
L2
L1
L2
L1
L2
L1
L2
L1
L2
L1
L2
10mm
18
24
30
36
40
46
50
56
60
66
70
76
12.5mm
32.5
38.5
45
51
57.5
63.5
70
76
82.5
88.5
15mm
35
41
50
56
65
71
80
86
95
101
17.5mm
37.5
43.5
55
61
72.5
78.5
90
96
107.5
113.5
20mm
40
46
60
66
80
86
100
106
120
126
25mm
45
51
70
76
95
101
120
126
145
151
30mm
50
56
80
86
110
116
140
146
170
176
DL



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com