Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCD4012 Datasheet(PDF) 2 Page - Pletronics, Inc.

Part # TCD4012
Description  TCVCXO Oscillator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

TCD4012 Datasheet(HTML) 2 Page - Pletronics, Inc.

  TCD4012 Datasheet HTML 1Page - Pletronics, Inc. TCD4012 Datasheet HTML 2Page - Pletronics, Inc. TCD4012 Datasheet HTML 3Page - Pletronics, Inc. TCD4012 Datasheet HTML 4Page - Pletronics, Inc. TCD4012 Datasheet HTML 5Page - Pletronics, Inc. TCD4012 Datasheet HTML 6Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Preliminary
TCD4012 Series
TCVCXO Oscillator
March 2009
www.pletronics.com
425-776-1880
2
Part Marking:
ffffyww
Where:
yww
= Date code of the crystal
PLExYWW
YWW
= Date code of the TCXO assembly
x
= Internal code
Frequency (MHz)
ffff
16.384
1638
16.8
1680
19.2
1920
26.0
2600
Reliability: Environmental Compliance
Parameter
Condition
Mechanical Shock
MIL-STD-883 Method 2002, Condition B
Vibration
MIL-STD-883 Method 2007, Condition A
Solderability
MIL-STD-883 Method 2003
Thermal Shock
MIL-STD-883 Method 1011, Condition A
Package Labeling
Label is 1" x 2.6" (25.4mm x 66.7mm)
Label is 1" x 2.6" (25.4mm x 66.7mm)
Font is Courier New
Font is Arial
Bar code is 39-Full ASCII
(Part number will be: TCD4012-FF.FFM where FF.FF is the frequency in MHz)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com