Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCD4012 Datasheet(PDF) 3 Page - Pletronics, Inc.

Part # TCD4012
Description  TCVCXO Oscillator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

TCD4012 Datasheet(HTML) 3 Page - Pletronics, Inc.

  TCD4012 Datasheet HTML 1Page - Pletronics, Inc. TCD4012 Datasheet HTML 2Page - Pletronics, Inc. TCD4012 Datasheet HTML 3Page - Pletronics, Inc. TCD4012 Datasheet HTML 4Page - Pletronics, Inc. TCD4012 Datasheet HTML 5Page - Pletronics, Inc. TCD4012 Datasheet HTML 6Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Preliminary
TCD4012 Series
TCVCXO Oscillator
March 2009
www.pletronics.com
425-776-1880
3
Electrical Specification for specified Vcc of 3.30V ±5% over the specified
temperature range
Item
Min
Typ
Max
Unit
Condition
Frequency Stability
-0.25
-0.1
0
0
0.25
0.1
ppm
Vcontrol 1.50 volts 0
oC to +70oC
Vcontrol 1.50 volts +20
oC to +60 oC
(Reference to midpoint min/max
frequency)
Holdover
-0.1
0
+0.1
Over any 5
oC range between 0 and 70oC
for 24 hrs Max.
Frequency Calibration
-1.0
0
+1.0
ppm
Vcontrol 1.50 volts and Temperature 25
oC
Frequency Slope
-50
0
+50
ppb/
oC
Minimum 1 frequency reading every 2
oC
Frequency Stability vs Supply
-0.2
0
+0.2
ppm
Load: 10K ohm // 10 pF & Vcc +
_ 5%
Output Waveform
Clipped Sinewave
DC Coupled
Output Level
0.8
1.2
V p-p
Load: 10K ohm +
_ 10% // 10 pF +
_ 10%
Phase Noise
10 Hz
100 Hz
1 KHz
10 KHz
-
-
-
-
-88
-115
-136
-148
-
-
-
-
dBc/Hz
Supply Current
I
CC
--
2.5
mA
Aging
-1.0
-5.0
-
-
+1.0
+5.0
ppm
for first year at +25
oC
total for 10 years at +25
oC
Frequency Shift after reflow
-1.0
-
+1.0
ppm
measured at 25
oC 120 min after reflow
Frequency Pullability
-8.0
-
+8.0
ppm
at Vcontrol 1.50volts ±1.0volt
Operating Temperature
Range
1
-30
-
+85
oC
Supply Voltage
2.7
3.3
3.5
Storage Temperature Range
-40
-
+85
oC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com