Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCD4012 Datasheet(PDF) 1 Page - Pletronics, Inc.

Part # TCD4012
Description  TCVCXO Oscillator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

TCD4012 Datasheet(HTML) 1 Page - Pletronics, Inc.

  TCD4012 Datasheet HTML 1Page - Pletronics, Inc. TCD4012 Datasheet HTML 2Page - Pletronics, Inc. TCD4012 Datasheet HTML 3Page - Pletronics, Inc. TCD4012 Datasheet HTML 4Page - Pletronics, Inc. TCD4012 Datasheet HTML 5Page - Pletronics, Inc. TCD4012 Datasheet HTML 6Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Product information is current as of publication date. The product conforms
Copyright © 2009, Pletronics Inc.
to specifications per the terms of the Pletronics standard warranty. Production
processsing does not necessarily include testing of all parameters.
TCD4012 Series
TCVCXO Oscillator
March 2009
Preliminary
• Pletronics’ TCD4 Series is a temperature
compensated voltage controlled crystal
oscillator with a clipped sinewave output.
• The package is designed for high density
surface mount designs.
• Tape and Reel packaging is available.
• Ideal Device for Femtocell applications
• 3.2 x 5 mm LCC Ceramic Package
• Optional Voltage Control Function
• Available frequencies
16.384 MHz
19.2 MHz
16.800 MHz
26.0 MHz
Pletronics Inc. certifies this device is in accordance with the
RoHS 6/6 (2002/95/EC) and WEEE (2002/96/EC) directives.
Pletronics Inc. guarantees the device does not contain the following:
Cadmium, Hexavalent Chromium, Lead, Mercury, PBB’s, PBDE’s
Weight of the Device: 0.2 grams
Moisture Sensitivity Level: 1 As defined in J-STD-020C
Second Level Interconnect code: e4
Absolute Maximum Ratings:
Parameter
Unit
V
CC Supply Voltage
-0.5V to +6.5V
Vi
Input Voltage
-0.5V to V
CC + 0.5V
Vo
Output Voltage
-0.5V to V
CC + 0.5V
Thermal Characteristics
The maximum die or junction temperature is 155
oC
The thermal resistance junction to board is 30 to 50
oC/Watt depending on the solder pads, ground plane
and construction of the PCB.
ESD Rating
Model
Minimum Voltage
Conditions
Human Body Model
1500
MIL-STD-883 Method 3115
Charged Device Model
1000
JESD 22-C101


Similar Part No. - TCD4012

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
TCD4027036A PLETRONICS-TCD4027036A Datasheet
97Kb / 7P
TCVCXO Oscillator
TCD4027036B PLETRONICS-TCD4027036B Datasheet
97Kb / 7P
TCVCXO Oscillator
TCD4027036C PLETRONICS-TCD4027036C Datasheet
97Kb / 7P
TCVCXO Oscillator
TCD4027036D PLETRONICS-TCD4027036D Datasheet
97Kb / 7P
TCVCXO Oscillator
TCD4027036E PLETRONICS-TCD4027036E Datasheet
97Kb / 7P
TCVCXO Oscillator
More results

Similar Description - TCD4012

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
TBA4045055A PLETRONICS-TBA4045055A Datasheet
99Kb / 7P
TCVCXO Oscillator
TCA4029036A PLETRONICS-TCA4029036A Datasheet
134Kb / 7P
TCVCXO Oscillator
TCD4029036A PLETRONICS-TCD4029036A Datasheet
97Kb / 7P
TCVCXO Oscillator
TCE4029026A PLETRONICS-TCE4029026A Datasheet
97Kb / 6P
TCVCXO Oscillator
TCF4029026A PLETRONICS-TCF4029026A Datasheet
95Kb / 6P
TCVCXO Oscillator
THA4027035A PLETRONICS-THA4027035A Datasheet
100Kb / 7P
TCVCXO Oscillator
logo
IQD Frequency Products ...
LFSPXO068248 IQD-LFSPXO068248 Datasheet
198Kb / 2P
TCVCXO
LFTVXO009901 IQD-LFTVXO009901 Datasheet
708Kb / 2P
TCVCXO
LFTVXO009909 IQD-LFTVXO009909 Datasheet
708Kb / 2P
TCVCXO
LFTVXO075804 IQD-LFTVXO075804 Datasheet
143Kb / 2P
TCVCXO
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com