Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFP5MRHDSDI-RX Datasheet(PDF) 1 Page - MRV Communications, Inc.

Part # SFP5MRHDSDI-RX
Description  Digital Video SFPs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MRV [MRV Communications, Inc.]
Direct Link  http://www.mrv.com
Logo MRV - MRV Communications, Inc.

SFP5MRHDSDI-RX Datasheet(HTML) 1 Page - MRV Communications, Inc.

  SFP5MRHDSDI-RX Datasheet HTML 1Page - MRV Communications, Inc. SFP5MRHDSDI-RX Datasheet HTML 2Page - MRV Communications, Inc. SFP5MRHDSDI-RX Datasheet HTML 3Page - MRV Communications, Inc. SFP5MRHDSDI-RX Datasheet HTML 4Page - MRV Communications, Inc. SFP5MRHDSDI-RX Datasheet HTML 5Page - MRV Communications, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Datasheet
Overview
Digital Video SFPs
MRV’s digital video SFPs are the industry’s first solution designed to affordably transmit digital video component
signals over fiber using standard optical transceivers. Compatible with any optical transport system – WDM platforms,
digital cross-connects, etc. – these unidirectional digital video SFPs open a new world of cost-effective digital video
deployment options.
- Link extension over new or existing fiber plant
- Wave Division Multiplexing (CWDM and DWDM)
- Link redundancy for mission critical applications
- Video distribution/multicasting
... and more!
SDI, HD-SDI, and DVB are the basic standards employed in the transport of serial component digital video data on
single coaxial cable. Using coaxial cable between the signal source and destination limits the link range to 350 meters,
or to 140 meters for high definition. This distance is generally adequate for intra-building or small campus networks.
However, the advent of geographically dispersed studio campuses requires more and more digital video data to travel
across the sophisticated optical infrastructure of the metro and inter-metro network. Links of 100 kilometers or more
and the use of WDM technology are increasingly common. Merging digital video traffic onto these optical transport
networks is further complicated by the encoding methods for these protocols.
1
Advantages
Features
Digital video signals over fiber optic links
Wide protocol support with 143 Mbps to 1.485 Gbps data rates
HD-SDI
- SMPTE 292M (1.4835 Gbps NTSC, 1.485 Gbps PAL/SECAM)
SDI
- SMPTE 259M (143/270/360 Mbps)
- SMPTE 344M (540 Mbps)
DVB ASI (270 Mbps)
75 Ohm coaxial input/output with standard BNC connector
Front panel LED support for signal lock and CRC/EDH error
Plug-n-Play operation
SFP MSA (as applicable)
Enables uncompressed digital video component signal
transport over any standard optical transport system
Supports standard, MSA compliant optical transceivers
Supports digital video links over fiber optic cabling to
distances of 120 km or more


Similar Part No. - SFP5MRHDSDI-RX

ManufacturerPart #DatasheetDescription
logo
SemiWell Semiconductor
SFP50N06 SEMIWELL-SFP50N06 Datasheet
895Kb / 7P
N-Channel MOSFET
logo
Shenzhen Winsemi Microe...
SFP50N06 WINSEMI-SFP50N06 Datasheet
486Kb / 7P
Silicon N-Channel MOSFET
logo
Thinki Semiconductor Co...
SFP50N06 THINKISEMI-SFP50N06 Datasheet
1Mb / 6P
50A,60V Heatsink Planar N-Channel Power MOSFET
logo
VBsemi Electronics Co.,...
SFP50N06 VBSEMI-SFP50N06 Datasheet
979Kb / 7P
N-Channel 60-V (D-S) MOSFET
logo
SemiWell Semiconductor
SFP5N50 SEMIWELL-SFP5N50 Datasheet
210Kb / 5P
N-Channel MOSFET
More results

Similar Description - SFP5MRHDSDI-RX

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7102 PHILIPS-SAA7102 Datasheet
289Kb / 76P
Digital video encoder
2001 Sep 25
SAA7126H PHILIPS-SAA7126H Datasheet
155Kb / 40P
Digital video encoder
1999 May 31
SAA7128H PHILIPS-SAA7128H Datasheet
192Kb / 56P
Digital video encoder
2000 Mar 08
logo
Samsung semiconductor
KS0123 SAMSUNG-KS0123 Datasheet
456Kb / 44P
DIGITAL VIDEO ENCODER
logo
Sony Corporation
CXD1910AQ SONY-CXD1910AQ Datasheet
215Kb / 28P
Digital Video Encoder
CXD1914Q SONY-CXD1914Q Datasheet
407Kb / 41P
Digital Video Encoder
CXD1915R SONY-CXD1915R Datasheet
354Kb / 50P
Digital Video Encoder
logo
NXP Semiconductors
SAA7120H PHILIPS-SAA7120H Datasheet
156Kb / 36P
Digital video encoder
2002 Oct 11
logo
MRV Communications, Inc...
SFP-GC-R MRV-SFP-GC-R Datasheet
352Kb / 4P
Copper Ethernet SFPs
logo
NXP Semiconductors
SAA7128AH_7129AH PHILIPS-SAA7128AH_7129AH_15 Datasheet
273Kb / 55P
Digital video encoder
2003 Dec 09
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com