Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE-R1MHW Datasheet(PDF) 1 Page - Mini-Circuits

Part # ADE-R1MHW
Description  High Reliability Mixer Level 13 (LO Power 13 dBm) 5 to 600 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ADE-R1MHW Datasheet(HTML) 1 Page - Mini-Circuits

  ADE-R1MHW Datasheet HTML 1Page - Mini-Circuits ADE-R1MHW Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ISO 9001 ISO 14001 CERTIFIED
Mini-Circuits®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For detailed performance specs & shopping online see Mini-Circuits web site
The Design Engineers Search Engine Provides ACTUAL Data Instantly From MINI-CIRCUITS At: www.minicircuits.com
RF/IF MICROWAVE COMPONENTS
minicircuits.com
ALL NE
W
Level 13 (LO Power +13 dBm) 5 to 600 MHz
High Reliability Mixer
Surface Mount
Demo Board MCL P/N: TB-03
Suggested PCB Layout (PL-052)
Outline Dimensions (
)
inch
mm
Maximum Ratings
Pin Connections
LO
6
RF
3
IF
2
GROUND
1,4,5
Outline Drawing
Electrical Specifications
REV. OR
M109914
ADE-R1MHW+
ED-12874/2
WL/TD/QL
070516
1 dB COMP.: +9 dBm typ.
FREQUENCY
(MHz)
CONVERSION LOSS
(dB)
LO-RF ISOLATION
(dB)
LO-IF ISOLATION
(dB)
IP3
at center
band
(dBm)
LO/RF
IF
Mid-Band
m
Total
Range
Max.
L
M
U
L
M
U
f
L-fU
—
X
σ
Max.
Typ. Min.
Typ. Min.
Typ. Min.
Typ. Min.
Typ. Min.
Typ. Min.
Typ.
5-600
DC-600
5.2
0.10
6.9
8.0
63 50
53 35
43 27
56 40
44 28
30 20
18
A
B
C
D
E
F
G
.272
.310
.220
.100
.112
.055
.100
6.91
7.87
5.59
2.54
2.84
1.40
2.54
H
J
K
L
wt
.030
.026
.065
.300
grams
0.76
0.66
1.65
7.62
0.20
Frequency
(MHz)
Conversion
Loss
(dB)
Isolation
L-R
(dB)
Isolation
L-I
(dB)
VSWR
RF Port
(:1)
VSWR
LO Port
(:1)
RF
LO
LO
+13dBm
LO
+13dBm
LO
+13dBm
LO
+13dBm
LO
+13dBm
Typical Performance Data
Electrical Schematic
ADE-R1MHW+
L = low range [f
L to 10 fL]
M = mid range [10 f
L to fU/2]
U = upper range [f
U/2 to fU]
m= mid band [2f
L to fU/2]
Features
• hermetically sealed ceramic quad
• low conversion loss, 5.2 dB typ.
• excellent L-R isolation, 53 dB typ.
• excellent IP3, 18 dBm typ.
• low profile package
• aqueous washable
• protected by US patent 6,133,525
Applications
• HF/VHF/UHF/ receivers
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
RF Power
200mW
IF Current
40mA
PCB Land Pattern
Suggested Layout,
Tolerance to be within ±.002
CASE STYLE: CD542
PRICE: $6.85 ea. QTY. (10-49)
+ RoHS compliant in accordance
with EU Directive (2002/95/EC)
The +Suffix has been added in order to identify RoHS
Compliance. See our web site for RoHS Compliance
methodologies and qualifications.
3.25
33.25
5.66
61.47
53.84
1.36
2.37
5.50
35.50
5.38
60.99
53.36
1.23
2.39
7.75
37.75
5.28
60.52
52.86
1.17
2.39
10.00
40.00
5.22
60.02
52.39
1.14
2.37
12.00
42.00
5.20
59.77
51.99
1.12
2.39
27.00
57.00
5.20
57.23
49.41
1.07
2.40
42.00
72.00
5.19
55.28
47.25
1.05
2.37
57.00
87.00
5.18
53.83
45.41
1.03
2.33
102.00
132.00
5.18
51.52
42.92
1.04
2.37
155.00
185.00
5.20
48.58
40.94
1.04
2.35
205.00
235.00
5.27
47.97
39.72
1.06
2.51
255.00
285.00
5.30
44.90
37.91
1.08
2.43
303.75
333.75
5.35
44.64
36.96
1.11
2.70
351.25
381.25
5.46
42.61
34.91
1.12
2.48
398.75
428.75
5.41
40.40
32.47
1.18
2.84
446.25
476.25
5.55
38.26
30.77
1.21
2.62
480.00
510.00
5.58
37.54
30.22
1.23
3.06
500.00
530.00
5.66
37.42
30.16
1.24
2.97
550.00
580.00
5.66
36.13
28.38
1.28
2.70
600.00
630.00
5.54
35.82
27.39
1.30
2.79


Similar Part No. - ADE-R1MHW

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADE-R11X MINI-ADE-R11X Datasheet
170Kb / 2P
High Reliability Mixer Level 7 (LO Power 7 dBm) 10 to 2000 MHz
ADE-R11X+ MINI-ADE-R11X+ Datasheet
170Kb / 2P
High Reliability Mixer Level 7 (LO Power 7 dBm) 10 to 2000 MHz
ADE-R11XLH MINI-ADE-R11XLH Datasheet
303Kb / 2P
High Reliability Mixer
ADE-R11XLH+ MINI-ADE-R11XLH+ Datasheet
303Kb / 2P
High Reliability Mixer
ADE-R12MH MINI-ADE-R12MH Datasheet
238Kb / 2P
High Reliability Mixer Level 13 (LO Power 13 dBm) 10 to 1200 MHz
More results

Similar Description - ADE-R1MHW

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SYM-25DMHW MINI-SYM-25DMHW Datasheet
291Kb / 2P
Level 13 (LO Power 13 dBm) 40 to 2500 MHz
ADE-R1LH MINI-ADE-R1LH Datasheet
225Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 1 to 500 MHz
ADE-R6LH MINI-ADE-R6LH Datasheet
232Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 0.2 to 250 MHz
ADE-R12MH MINI-ADE-R12MH Datasheet
238Kb / 2P
High Reliability Mixer Level 13 (LO Power 13 dBm) 10 to 1200 MHz
TUF-R1LHSM MINI-TUF-R1LHSM Datasheet
267Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 5 to 600 MHz
TUF-R1MHSM MINI-TUF-R1MHSM Datasheet
264Kb / 2P
High Reliability Mixer Level 13 (LO Power 13 dBm) 5 to 600 MHz
TUF-R1SM MINI-TUF-R1SM Datasheet
268Kb / 2P
High Reliability Mixer Level 7 (LO Power 7 dBm) 5 to 600 MHz
TUF-R2MHSM MINI-TUF-R2MHSM Datasheet
266Kb / 2P
High Reliability Mixer Level 13 (LO Power 13 dBm) 50 to 1000 MHz
TUF-R3MHSM MINI-TUF-R3MHSM Datasheet
277Kb / 2P
High Reliability Mixer Level 13 (LO Power 13 dBm) 0.3 to 400 MHz
TUF-R5MHSM MINI-TUF-R5MHSM Datasheet
266Kb / 2P
High Reliability Mixer Level 13 (LO Power 13 dBm) 20 to 1500 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com