Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE-R12MH+ Datasheet(PDF) 1 Page - Mini-Circuits

Part # ADE-R12MH+
Description  High Reliability Mixer Level 13 (LO Power 13 dBm) 10 to 1200 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ADE-R12MH+ Datasheet(HTML) 1 Page - Mini-Circuits

  ADE-R12MH+ Datasheet HTML 1Page - Mini-Circuits ADE-R12MH+ Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FREQUENCY
(MHz)
CONVERSION LOSS
(dB)
LO-RF ISOLATION
(dB)
LO-IF ISOLATION
(dB)
IP3
at center
band
(dBm)
LO/RF
IF
Mid-Band
m
Total
Range
Max.
L
M
U
L
M
U
f
L-fU
—
X
σ
Max.
Typ. Min.
Typ. Min.
Typ. Min.
Typ. Min.
Typ. Min.
Typ. Min.
Typ.
10-1200
DC-1200
6.8
0.10
8.2
9.5
62 48
50 38
40 28
68 40
42 30
30 21
22
L = low range [f
L to 10 fL]
M = mid range [10 f
L to fU/2]
U = upper range [f
U/2 to fU]
m= mid band [2f
L to fU/2]
1 dB COMP.: +9 dBm typ.
ISO 9001 ISO 14001 CERTIFIED
Mini-Circuits®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For detailed performance specs & shopping online see Mini-Circuits web site
The Design Engineers Search Engine Provides ACTUAL Data Instantly From MINI-CIRCUITS At: www.minicircuits.com
RF/IF MICROWAVE COMPONENTS
minicircuits.com
ALL NE
W
Page 1 of 2
PCB Land Pattern
Suggested Layout,
Tolerance to be within ±.002
Level 13 (LO Power +13 dBm) 10 to 1200 MHz
High Reliability Mixer
Surface Mount
Demo Board MCL P/N: TB-03
Suggested PCB Layout (PL-052)
Outline Dimensions (
)
inch
mm
Maximum Ratings
Pin Connections
LO
6
RF
3
IF
2
GROUND
1,4,5
Outline Drawing
Electrical Specifications
REV. OR
M109914
ADE-R12MH+
ED-12874/3
WL/TD/QL
070516
A
B
C
D
E
F
G
.272
.310
.220
.100
.112
.055
.100
6.91
7.87
5.59
2.54
2.84
1.40
2.54
H
J
K
L
wt
.030
.026
.065
.300
grams
0.76
0.66
1.65
7.62
0.20
Typical Performance Data
Electrical Schematic
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
RF Power
50mW
IF Current
40mA
Features
• hermetically sealed ceramic quad
• low conversion loss, 6.8 dB typ.
• good L-R isolation, 50 dB typ.
and L-I isolation, 42 dB typ.
• low profile package
• aqueous washable
• protected by US Patent 6,133,525
Applications
• cellular
• VHF/UHF receivers
Frequency
(MHz)
Conversion
Loss
(dB)
Isolation
L-R
(dB)
Isolation
L-I
(dB)
VSWR
RF Port
(:1)
VSWR
LO Port
(:1)
RF
LO
LO
+13dBm
LO
+13dBm
LO
+13dBm
LO
+13dBm
LO
+13dBm
ADE-R12MH+
10.10
40.10
6.13
68.33
53.93
1.48
1.61
70.10
100.10
6.91
62.43
47.49
1.35
1.57
130.10
160.10
6.98
59.21
44.13
1.42
1.62
190.10
220.10
6.76
56.97
42.43
1.39
1.63
250.10
280.10
6.89
56.40
41.73
1.41
1.64
350.10
380.10
6.93
55.00
40.87
1.45
1.70
450.10
480.10
6.9
51.95
40.80
1.47
1.78
550.10
580.10
6.96
51.85
40.17
1.46
1.88
650.10
680.10
6.88
68.22
37.88
1.45
1.95
710.10
740.10
7.13
59.49
41.47
1.50
2.03
750.10
780.10
7.27
54.31
42.70
1.47
2.07
810.10
840.10
7.46
49.02
41.53
1.49
2.13
850.10
880.10
7.23
47.42
40.65
1.43
2.14
910.10
940.10
6.93
47.58
37.13
1.37
2.18
950.10
980.10
6.82
46.68
35.55
1.28
2.22
1010.10
1040.10
6.71
44.86
33.89
1.21
2.34
1050.10
1080.10
6.71
43.57
33.85
1.11
2.39
1110.10
1140.10
6.88
42.66
34.63
1.02
2.51
1150.10
1180.10
6.93
41.51
35.99
1.10
2.53
1210.10
1240.10
7.24
40.45
38.19
1.22
2.65
CASE STYLE: CD542
PRICE: $6.85 ea. QTY. (10-49)
+ RoHS compliant in accordance
with EU Directive (2002/95/EC)
The +Suffix has been added in order to identify RoHS
Compliance. See our web site for RoHS Compliance
methodologies and qualifications.


Similar Part No. - ADE-R12MH+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADE-R11X MINI-ADE-R11X Datasheet
170Kb / 2P
High Reliability Mixer Level 7 (LO Power 7 dBm) 10 to 2000 MHz
ADE-R11X+ MINI-ADE-R11X+ Datasheet
170Kb / 2P
High Reliability Mixer Level 7 (LO Power 7 dBm) 10 to 2000 MHz
ADE-R11XLH MINI-ADE-R11XLH Datasheet
303Kb / 2P
High Reliability Mixer
ADE-R11XLH+ MINI-ADE-R11XLH+ Datasheet
303Kb / 2P
High Reliability Mixer
ADE-R1L MINI-ADE-R1L Datasheet
213Kb / 2P
High Reliability Mixer Level 3 (LO Power 3 dBm) 2 to 500 MHz
More results

Similar Description - ADE-R12MH+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SYM-25DMHW MINI-SYM-25DMHW Datasheet
291Kb / 2P
Level 13 (LO Power 13 dBm) 40 to 2500 MHz
ADE-R1LH MINI-ADE-R1LH Datasheet
225Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 1 to 500 MHz
ADE-R1MHW MINI-ADE-R1MHW Datasheet
227Kb / 2P
High Reliability Mixer Level 13 (LO Power 13 dBm) 5 to 600 MHz
ADE-R5LH MINI-ADE-R5LH Datasheet
229Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 10 to 1500 MHz
ADE-R6LH MINI-ADE-R6LH Datasheet
232Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 0.2 to 250 MHz
ADEX-R10LH MINI-ADEX-R10LH Datasheet
225Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 10 to 1000 MHz
TUF-R1MHSM MINI-TUF-R1MHSM Datasheet
264Kb / 2P
High Reliability Mixer Level 13 (LO Power 13 dBm) 5 to 600 MHz
TUF-R2MHSM MINI-TUF-R2MHSM Datasheet
266Kb / 2P
High Reliability Mixer Level 13 (LO Power 13 dBm) 50 to 1000 MHz
TUF-R3MHSM MINI-TUF-R3MHSM Datasheet
277Kb / 2P
High Reliability Mixer Level 13 (LO Power 13 dBm) 0.3 to 400 MHz
TUF-R5MHSM MINI-TUF-R5MHSM Datasheet
266Kb / 2P
High Reliability Mixer Level 13 (LO Power 13 dBm) 20 to 1500 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com