Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE-R20 Datasheet(PDF) 1 Page - Mini-Circuits

Part # ADE-R20
Description  High Reliability Mixer Level 7 (LO Power 7 dBm) 1500 to 2800 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ADE-R20 Datasheet(HTML) 1 Page - Mini-Circuits

  ADE-R20 Datasheet HTML 1Page - Mini-Circuits ADE-R20 Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ISO 9001 ISO 14001 CERTIFIED
Mini-Circuits®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For detailed performance specs & shopping online see Mini-Circuits web site
The Design Engineers Search Engine Provides ACTUAL Data Instantly From MINI-CIRCUITS At: www.minicircuits.com
RF/IF MICROWAVE COMPONENTS
minicircuits.com
ALL NE
W
Page 1 of 2
Frequency
(MHz)
Conversion
Loss
(dB)
Isolation
L-R
(dB)
Isolation
L-I
(dB)
VSWR
RF Port
(:1)
VSWR
LO Port
(:1)
RF
LO
LO
+7dBm
LO
+7dBm
LO
+7dBm
LO
+7dBm
LO
+7dBm
Level 7 (LO Power +7 dBm) 1500 to 2800 MHz
High Reliability Mixer
Surface Mount
Demo Board MCL P/N: TB-02
Suggested PCB Layout (PL-051)
Outline Dimensions (
)
inch
mm
Maximum Ratings
Pin Connections
Outline Drawing
Electrical Specifications
Typical Performance Data
Electrical Schematic
Features
• hermetically sealed ceramic quad
• low conversion loss, 5.8 dB typ.
• excellent L-R isolation, 30 dB typ.
• low profile package
• aqueous washable
• protected by US Patent 6,133,525
Applications
• digital cellular
• digital cordless phone
• PCN
ADE-R20+
FREQUENCY
(MHz)
CONVERSION LOSS
(dB)
LO-RF ISOLATION
(dB)
LO-IF ISOLATION
(dB)
IP3
at center
band
(dBm)
LO/RF
IF
f
L-fU
—
X
σ
Total
Range
Max.
Typ. Min.
Typ. Min.
Typ.
1500-2800
DC-500
5.8
0.10
8.0
30
22
28
15
12
1 dB COMP.: +1 dBm typ.
PCB Land Pattern
Suggested Layout,
Tolerance to be within ±.002
LO
6
RF
4
IF
3
GROUND
1,2,5
REV. OR
M109914
ADE-R20+
ED-12872/8
WL/TD/QL
070516
A
B
C
D
E
F
G
.272
.310
.220
.100
.112
.055
.100
6.91
7.87
5.59
2.54
2.84
1.40
2.54
H
J
K
L
wt
.030
.026
.065
.300
grams
0.76
0.66
1.65
7.62
0.20
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
RF Power
50mW
IF Current
40mA
CASE STYLE: CD542
PRICE: $5.35 ea. QTY. (10-49)
1460.00
1490.00
6.21
37.65
20.28
1.34
1.81
1560.00
1590.00
5.95
37.70
22.72
1.28
1.80
1660.00
1690.00
5.94
36.06
25.56
1.50
1.79
1740.00
1770.00
5.91
35.29
27.83
1.66
1.79
1840.00
1870.00
5.80
33.78
30.47
1.75
1.83
1920.00
1950.00
5.79
32.65
32.64
1.83
1.86
2020.00
2050.00
5.79
31.63
35.32
1.90
1.92
2100.00
2130.00
5.81
30.85
37.17
1.92
1.95
2200.00
2230.00
5.78
30.15
39.95
1.90
2.00
2280.00
2310.00
5.80
29.99
41.69
1.84
2.08
2380.00
2410.00
5.74
30.06
43.43
1.74
2.17
2460.00
2490.00
5.72
30.05
44.18
1.70
2.16
2560.00
2590.00
5.75
29.85
45.60
1.70
2.28
2640.00
2670.00
5.90
30.06
45.88
1.73
2.36
2740.00
2770.00
6.08
30.64
44.97
1.77
2.41
2820.00
2850.00
6.35
31.39
43.67
1.91
2.42
+ RoHS compliant in accordance
with EU Directive (2002/95/EC)
The +Suffix has been added in order to identify RoHS
Compliance. See our web site for RoHS Compliance
methodologies and qualifications.


Similar Part No. - ADE-R20

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADE-R20LH MINI-ADE-R20LH Datasheet
232Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 1500 to 2800 MHz
ADE-R20LH+ MINI-ADE-R20LH+ Datasheet
232Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 1500 to 2800 MHz
More results

Similar Description - ADE-R20

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADE-18W MINI-ADE-18W Datasheet
251Kb / 2P
Level 7 (LO Power 7 dBm) 1750 to 3500 MHz Frequency Mixer
ADE-5 MINI-ADE-5 Datasheet
256Kb / 2P
Level 7 (LO Power 7 dBm) 5 to 1500 MHz
ADE-R6 MINI-ADE-R6 Datasheet
227Kb / 2P
High Reliability Mixer Level 7 (LO Power 7 dBm) 0.15 to 250 MHz
ADE-R11X MINI-ADE-R11X Datasheet
170Kb / 2P
High Reliability Mixer Level 7 (LO Power 7 dBm) 10 to 2000 MHz
ADE-R20LH MINI-ADE-R20LH Datasheet
232Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 1500 to 2800 MHz
ADE-R901 MINI-ADE-R901 Datasheet
230Kb / 2P
High Reliability Mixer Level 7 (LO Power 7 dBm) 300 to 1000 MHz
TUF-R1SM MINI-TUF-R1SM Datasheet
268Kb / 2P
High Reliability Mixer Level 7 (LO Power 7 dBm) 5 to 600 MHz
TUF-R2SM MINI-TUF-R2SM Datasheet
254Kb / 2P
High Reliability Mixer Level 7 (LO Power 7 dBm) 50 to 1000 MHz
TUF-R3SM MINI-TUF-R3SM Datasheet
263Kb / 2P
High Reliability Mixer Level 7 (LO Power 7 dBm) 0.25 to 400 MHz
TUF-R5SM MINI-TUF-R5SM Datasheet
258Kb / 1P
High Reliability Mixer Level 7 (LO Power 7 dBm) 20 to 1500 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com