Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUF-R1LHSM Datasheet(PDF) 1 Page - Mini-Circuits

Part # TUF-R1LHSM
Description  High Reliability Mixer Level 10 (LO Power 10 dBm) 5 to 600 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

TUF-R1LHSM Datasheet(HTML) 1 Page - Mini-Circuits

  TUF-R1LHSM Datasheet HTML 1Page - Mini-Circuits TUF-R1LHSM Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FREQUENCY
(MHz)
CONVERSION LOSS
(dB)
LO-RF ISOLATION
(dB)
LO-IF ISOLATION
(dB)
IP3
at center
band
(dBm)
LO/RF
IF
Mid-Band
m
Total
Range
Max.
L
M
U
L
M
U
f
L-fU
X
σ
Max.
Typ. Min.
Typ. Min.
Typ. Min.
Typ. Min.
Typ. Min.
Typ. Min.
Typ.
5-600
DC-600
6.2
0.03
7.2
8.5
53 40
48 30
40 24
50 40
45 30
38 21
18
1 dB COMP.: +5 dBm typ.
L = low range [f
L to 10 fL]
M = mid range [10 f
L to fU/2]
U = upper range [f
U/2 to fU]
m= mid band [2f
L to fU/2]
ISO 9001 ISO 14001 CERTIFIED
Mini-Circuits®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For detailed performance specs & shopping online see Mini-Circuits web site
The Design Engineers Search Engine Provides ACTUAL Data Instantly From MINI-CIRCUITS At: www.minicircuits.com
RF/IF MICROWAVE COMPONENTS
minicircuits.com
ALL NE
W
Page 1 of 2
Level 10 (LO Power +10 dBm) 5 to 600 MHz
High Reliability Mixer
Surface Mount
Outline Dimensions (
)
inch
mm
Maximum Ratings
Pin Connections
LO
4
RF
1
IF
2
GROUND
3
CASE GROUND
3
Outline Drawing
Electrical Specifications
REV. OR
M109914
TUF-R1LHSM+
ED-12915/1
WL/TD/QL
070516
Typical Performance Data
Electrical Schematic
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
RF Power
50mW
IF Current
40mA
Features
• hermetically sealed ceramic quad
• low conversion loss, 6.2 dB typ.
• high isolation L-R, 48 dB typ; L-I, 45 dB typ.
• rugged welded construction
• shielded metal case
Applications
• VHF/UHF
• defense & federal communications
Frequency
(MHz)
Conversion
Loss
(dB)
Isolation
L-R
(dB)
Isolation
L-I
(dB)
VSWR
RF Port
(:1)
VSWR
LO Port
(:1)
RF
LO
LO
+10dBm
LO
+10dBm
LO
+10dBm
LO
+10dBm
LO
+10dBm
TUF-R1LHSM+
CASE STYLE: NNN150
PRICE: $9.90 ea. QTY. (1-9)
+ RoHS compliant in accordance
with EU Directive (2002/95/EC)
The +Suffix has been added in order to identify RoHS
Compliance. See our web site for RoHS Compliance
methodologies and qualifications.
PCB Land Pattern
Suggested Layout,
Tolerance to be within
±.002
A
B
C
D
E
F
G
.50
.48
.255
.240
.23
.21
.06
12.70 12.19
6.48
6.10
5.84
5.33
1.52
H
J
K
L
M
N
wt
.100
.09
.16
.020
.09
.005 grams
2.54
2.29
4.06
0.51
2.29
0.13
1.9
Demo Board MCL PIN: TB-201
Suggested PCB Layout (PL-081)
4.00
34.00
6.40
54.24
51.36
1.43
2.35
6.00
36.00
6.17
53.84
51.17
1.30
2.34
10.00
40.00
6.03
53.07
50.79
1.18
2.33
33.00
63.00
6.00
49.26
48.20
1.06
2.32
41.50
71.50
5.99
48.09
47.25
1.05
2.30
50.00
80.00
5.99
47.13
46.51
1.05
2.27
67.00
97.00
6.00
45.86
45.45
1.05
2.24
75.50
105.50
6.02
45.31
44.99
1.04
2.26
84.00
114.00
6.00
44.84
44.60
1.04
2.25
92.50
122.50
6.02
44.44
44.22
1.04
2.25
101.00
131.00
6.04
44.01
43.85
1.03
2.26
151.00
181.00
6.16
41.50
41.97
1.04
2.20
171.00
201.00
6.15
40.99
41.84
1.04
2.19
211.00
241.00
6.20
39.51
41.02
1.05
2.14
251.00
281.00
6.18
38.42
40.51
1.07
2.17
345.75
375.75
6.25
36.02
38.44
1.09
2.14
420.50
450.50
6.26
34.34
36.08
1.13
2.11
495.25
525.25
6.37
32.88
33.82
1.11
2.09
585.00
615.00
6.45
31.47
31.69
1.18
2.15
600.00
630.00
6.47
31.28
31.39
1.19
2.17


Similar Part No. - TUF-R1LHSM

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
TUF-R1MHSM MINI-TUF-R1MHSM Datasheet
264Kb / 2P
High Reliability Mixer Level 13 (LO Power 13 dBm) 5 to 600 MHz
TUF-R1MHSM+ MINI-TUF-R1MHSM+ Datasheet
264Kb / 2P
High Reliability Mixer Level 13 (LO Power 13 dBm) 5 to 600 MHz
TUF-R1SM MINI-TUF-R1SM Datasheet
268Kb / 2P
High Reliability Mixer Level 7 (LO Power 7 dBm) 5 to 600 MHz
TUF-R1SM+ MINI-TUF-R1SM+ Datasheet
268Kb / 2P
High Reliability Mixer Level 7 (LO Power 7 dBm) 5 to 600 MHz
More results

Similar Description - TUF-R1LHSM

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADE-R1LH MINI-ADE-R1LH Datasheet
225Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 1 to 500 MHz
ADE-R3GLH MINI-ADE-R3GLH Datasheet
233Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 2000 to 2700 MHz
ADE-R5LH MINI-ADE-R5LH Datasheet
229Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 10 to 1500 MHz
ADE-R6LH MINI-ADE-R6LH Datasheet
232Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 0.2 to 250 MHz
ADE-R20LH MINI-ADE-R20LH Datasheet
232Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 1500 to 2800 MHz
ADE-R35LH MINI-ADE-R35LH Datasheet
229Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 1800 to 3500 MHz
ADE-R901LH MINI-ADE-R901LH Datasheet
229Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 300 to 1000 MHz
ADEX-R10LH MINI-ADEX-R10LH Datasheet
225Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 10 to 1000 MHz
TUF-R2LHSM MINI-TUF-R2LHSM Datasheet
259Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 50 to 1000 MHz
TUF-R5LHSM MINI-TUF-R5LHSM Datasheet
262Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 20 to 1500 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com