Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUF-R3MHSM Datasheet(PDF) 1 Page - Mini-Circuits

Part # TUF-R3MHSM
Description  High Reliability Mixer Level 13 (LO Power 13 dBm) 0.3 to 400 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

TUF-R3MHSM Datasheet(HTML) 1 Page - Mini-Circuits

  TUF-R3MHSM Datasheet HTML 1Page - Mini-Circuits TUF-R3MHSM Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FREQUENCY
(MHz)
CONVERSION LOSS
(dB)
LO-RF ISOLATION
(dB)
LO-IF ISOLATION
(dB)
IP3
at center
band
(dBm)
LO/RF
IF
Mid-Band
m
Total
Range
Max.
L
M
U
L
M
U
f
L-fU
—
X
σ
Max.
Typ. Min.
Typ. Min.
Typ. Min.
Typ. Min.
Typ. Min.
Typ. Min.
Typ.
0.3-400
DC-400
5.0
0.03
7.0
8.0
65 50
50 33
43 28
62 48
50 33
38 25
18
1 dB COMP.: +8 dBm typ.
L = low range [f
L to 10 fL]
M = mid range [10 f
L to fU/2]
U = upper range [f
U/2 to fU]
m= mid band [2f
L to fU/2]
ISO 9001 ISO 14001 CERTIFIED
Mini-Circuits®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For detailed performance specs & shopping online see Mini-Circuits web site
The Design Engineers Search Engine Provides ACTUAL Data Instantly From MINI-CIRCUITS At: www.minicircuits.com
RF/IF MICROWAVE COMPONENTS
minicircuits.com
ALL NE
W
Page 1 of 2
Level 13 (LO Power +13 dBm) 0.3 to 400 MHz
High Reliability Mixer
Surface Mount
Outline Dimensions (
)
inch
mm
Maximum Ratings
Pin Connections
LO
4
RF
1
IF
2
GROUND
3
CASE GROUND
3
Outline Drawing
Electrical Specifications
REV. OR
M109914
TUF-R3MHSM+
ED-12914/3
WL/TD/QL
070516
Typical Performance Data
Electrical Schematic
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
RF Power
50mW
IF Current
40mA
Features
• hermetically sealed ceramic quad
• low conversion loss, 5.0 dB typ.
• good IP3, 18 dBm typ.
• excellent isolation L-R, 50 dB typ; L-I, 50 dB typ.
• rugged welded construction
• shielded metal case
Applications
• HF/VHF
• defense & federal communications
Frequency
(MHz)
Conversion
Loss
(dB)
Isolation
L-R
(dB)
Isolation
L-I
(dB)
VSWR
RF Port
(:1)
VSWR
LO Port
(:1)
RF
LO
LO
+13dBm
LO
+13dBm
LO
+13dBm
LO
+13dBm
LO
+13dBm
TUF-R3MHSM+
CASE STYLE: NNN150
PRICE: $12.85 ea. QTY. (1-9)
+ RoHS compliant in accordance
with EU Directive (2002/95/EC)
The +Suffix has been added in order to identify RoHS
Compliance. See our web site for RoHS Compliance
methodologies and qualifications.
PCB Land Pattern
Suggested Layout,
Tolerance to be within
±.002
A
B
C
D
E
F
G
.50
.48
.255
.240
.23
.21
.06
12.70 12.19
6.48
6.10
5.84
5.33
1.52
H
J
K
L
M
N
wt
.100
.09
.16
.020
.09
.005 grams
2.54
2.29
4.06
0.51
2.29
0.13
1.9
Demo Board MCL PIN: TB-201
Suggested PCB Layout (PL-081)
0.21
30.21
5.35
56.50
61.40
1.55
2.24
0.71
30.71
4.77
56.40
61.20
1.57
2.23
1.21
31.21
4.65
56.33
61.29
1.56
2.23
2.71
32.71
4.55
56.11
61.08
1.22
2.22
5.00
35.00
4.51
56.06
60.98
1.22
2.25
10.50
40.50
4.52
55.65
60.48
1.23
2.23
29.50
59.50
4.56
55.50
60.07
1.23
2.26
48.50
78.50
4.74
55.38
59.90
1.23
2.26
67.50
97.50
4.75
52.78
55.86
1.22
2.30
86.50
116.50
4.78
50.01
53.42
1.20
2.16
105.50
135.50
4.81
48.81
53.58
1.20
2.16
143.50
173.50
4.95
46.16
52.77
1.17
2.30
162.50
192.50
4.97
45.47
49.30
1.15
2.24
181.50
211.50
5.00
45.02
48.00
1.13
2.15
200.50
230.50
4.99
42.12
55.32
1.09
2.27
250.00
280.00
5.20
40.22
42.52
1.07
2.18
270.00
300.00
5.25
41.95
39.12
1.03
2.29
310.00
340.00
5.21
44.82
40.01
1.06
2.46
350.00
380.00
5.32
41.50
36.70
1.06
2.46
400.00
430.00
6.00
38.04
30.75
1.20
2.77


Similar Part No. - TUF-R3MHSM

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
TUF-R3LHSM MINI-TUF-R3LHSM Datasheet
277Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 0.3 to 400 MHz
TUF-R3LHSM+ MINI-TUF-R3LHSM+ Datasheet
277Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 0.3 to 400 MHz
TUF-R3SM MINI-TUF-R3SM Datasheet
263Kb / 2P
High Reliability Mixer Level 7 (LO Power 7 dBm) 0.25 to 400 MHz
TUF-R3SM+ MINI-TUF-R3SM+ Datasheet
263Kb / 2P
High Reliability Mixer Level 7 (LO Power 7 dBm) 0.25 to 400 MHz
More results

Similar Description - TUF-R3MHSM

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SYM-25DMHW MINI-SYM-25DMHW Datasheet
291Kb / 2P
Level 13 (LO Power 13 dBm) 40 to 2500 MHz
ADE-R1LH MINI-ADE-R1LH Datasheet
225Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 1 to 500 MHz
ADE-R1MHW MINI-ADE-R1MHW Datasheet
227Kb / 2P
High Reliability Mixer Level 13 (LO Power 13 dBm) 5 to 600 MHz
ADE-R6LH MINI-ADE-R6LH Datasheet
232Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 0.2 to 250 MHz
ADE-R12MH MINI-ADE-R12MH Datasheet
238Kb / 2P
High Reliability Mixer Level 13 (LO Power 13 dBm) 10 to 1200 MHz
TUF-R1MHSM MINI-TUF-R1MHSM Datasheet
264Kb / 2P
High Reliability Mixer Level 13 (LO Power 13 dBm) 5 to 600 MHz
TUF-R2MHSM MINI-TUF-R2MHSM Datasheet
266Kb / 2P
High Reliability Mixer Level 13 (LO Power 13 dBm) 50 to 1000 MHz
TUF-R3LHSM MINI-TUF-R3LHSM Datasheet
277Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 0.3 to 400 MHz
TUF-R3SM MINI-TUF-R3SM Datasheet
263Kb / 2P
High Reliability Mixer Level 7 (LO Power 7 dBm) 0.25 to 400 MHz
TUF-R5MHSM MINI-TUF-R5MHSM Datasheet
266Kb / 2P
High Reliability Mixer Level 13 (LO Power 13 dBm) 20 to 1500 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com