Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUF-R5LHSM Datasheet(PDF) 1 Page - Mini-Circuits

Part # TUF-R5LHSM
Description  High Reliability Mixer Level 10 (LO Power 10 dBm) 20 to 1500 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

TUF-R5LHSM Datasheet(HTML) 1 Page - Mini-Circuits

  TUF-R5LHSM Datasheet HTML 1Page - Mini-Circuits TUF-R5LHSM Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FREQUENCY
(MHz)
CONVERSION LOSS
(dB)
LO-RF ISOLATION
(dB)
LO-IF ISOLATION
(dB)
IP3
at center
band
(dBm)
LO/RF
IF
Mid-Band
m
Total
Range
Max.
L
M
U
L
M
U
f
L-fU
—
X
σ
Max.
Typ. Min.
Typ. Min.
Typ. Min.
Typ. Min.
Typ. Min.
Typ. Min.
Typ.
20-1500
DC-650
6.9
0.2
8.8
9.3
55 42
47 35
42 30
40 25
28 16
22 9
13
1 dB COMP.: +5 dBm typ.
L = low range [f
L to 10 fL]
M = mid range [10 f
L to fU/2]
U = upper range [f
U/2 to fU]
m= mid band [2f
L to fU/2]
ISO 9001 ISO 14001 CERTIFIED
Mini-Circuits®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For detailed performance specs & shopping online see Mini-Circuits web site
The Design Engineers Search Engine Provides ACTUAL Data Instantly From MINI-CIRCUITS At: www.minicircuits.com
RF/IF MICROWAVE COMPONENTS
minicircuits.com
ALL NE
W
Page 1 of 2
Level 10 (LO Power +10 dBm) 20 to 1500 MHz
High Reliability Mixer
Surface Mount
Outline Dimensions (
)
inch
mm
Maximum Ratings
Pin Connections
LO
4
RF
1
IF
2
GROUND
3
CASE GROUND
3
Outline Drawing
Electrical Specifications
REV. OR
M109914
TUF-R5LHSM+
ED-12915/4
WL/TD/QL
070516
Typical Performance Data
Electrical Schematic
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
RF Power
50mW
IF Current
40mA
Features
• hermetically sealed ceramic quad
• low conversion loss, 6.9 dB typ.
• high L-R isolation, 47 dB typ.
• rugged welded construction
• shielded metal case
Applications
• ceullar
• satellite distribution
• GSM/ISM
Frequency
(MHz)
Conversion
Loss
(dB)
Isolation
L-R
(dB)
Isolation
L-I
(dB)
VSWR
RF Port
(:1)
VSWR
LO Port
(:1)
RF
LO
LO
+10dBm
LO
+10dBm
LO
+10dBm
LO
+10dBm
LO
+10dBm
TUF-R5LHSM+
CASE STYLE: NNN150
PRICE: $15.10 ea. QTY. (1-9)
+ RoHS compliant in accordance
with EU Directive (2002/95/EC)
The +Suffix has been added in order to identify RoHS
Compliance. See our web site for RoHS Compliance
methodologies and qualifications.
PCB Land Pattern
Suggested Layout,
Tolerance to be within
±.002
A
B
C
D
E
F
G
.50
.48
.255
.240
.23
.21
.06
12.70 12.19
6.48
6.10
5.84
5.33
1.52
H
J
K
L
M
N
wt
.100
.09
.16
.020
.09
.005 grams
2.54
2.29
4.06
0.51
2.29
0.13
1.9
Demo Board MCL PIN: TB-201
Suggested PCB Layout (PL-081)
10.10
40.10
6.30
66.91
44.49
1.83
2.18
30.10
60.10
6.18
63.66
41.18
1.24
2.07
50.10
80.10
6.24
60.93
38.67
1.15
2.00
150.10
180.10
6.03
54.27
32.75
1.07
1.98
250.10
280.10
6.08
51.21
30.09
1.13
1.99
290.10
320.10
6.05
50.33
29.10
1.15
2.03
350.10
380.10
6.18
49.47
27.91
1.22
2.01
450.10
480.10
6.32
48.02
26.28
1.36
2.04
550.10
580.10
6.43
47.19
24.91
1.55
2.07
650.10
680.10
6.62
46.13
23.92
1.80
2.11
750.10
780.10
6.91
45.11
22.87
2.13
2.16
790.10
820.10
7.14
45.15
22.56
2.30
2.18
850.10
880.10
7.39
45.17
22.10
2.55
2.20
950.10
980.10
7.55
44.36
21.43
2.87
2.22
1050.10
1080.10
7.61
43.37
20.47
3.15
2.31
1150.10
1180.10
7.95
42.59
19.45
3.34
2.39
1250.10
1280.10
7.64
42.32
18.51
3.23
2.43
1350.10
1380.10
7.43
42.21
17.84
3.02
2.47
1450.10
1480.10
7.20
42.60
17.00
2.75
2.50
1510.10
1540.10
7.04
38.13
16.49
2.49
2.53


Similar Part No. - TUF-R5LHSM

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
TUF-R5MHSM MINI-TUF-R5MHSM Datasheet
266Kb / 2P
High Reliability Mixer Level 13 (LO Power 13 dBm) 20 to 1500 MHz
TUF-R5MHSM+ MINI-TUF-R5MHSM+ Datasheet
266Kb / 2P
High Reliability Mixer Level 13 (LO Power 13 dBm) 20 to 1500 MHz
TUF-R5SM MINI-TUF-R5SM Datasheet
258Kb / 1P
High Reliability Mixer Level 7 (LO Power 7 dBm) 20 to 1500 MHz
TUF-R5SM+ MINI-TUF-R5SM+ Datasheet
258Kb / 1P
High Reliability Mixer Level 7 (LO Power 7 dBm) 20 to 1500 MHz
More results

Similar Description - TUF-R5LHSM

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADE-R1LH MINI-ADE-R1LH Datasheet
225Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 1 to 500 MHz
ADE-R3GLH MINI-ADE-R3GLH Datasheet
233Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 2000 to 2700 MHz
ADE-R5LH MINI-ADE-R5LH Datasheet
229Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 10 to 1500 MHz
ADE-R6LH MINI-ADE-R6LH Datasheet
232Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 0.2 to 250 MHz
ADE-R20LH MINI-ADE-R20LH Datasheet
232Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 1500 to 2800 MHz
ADE-R35LH MINI-ADE-R35LH Datasheet
229Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 1800 to 3500 MHz
ADEX-R10LH MINI-ADEX-R10LH Datasheet
225Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 10 to 1000 MHz
TUF-R2LHSM MINI-TUF-R2LHSM Datasheet
259Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 50 to 1000 MHz
TUF-R5MHSM MINI-TUF-R5MHSM Datasheet
266Kb / 2P
High Reliability Mixer Level 13 (LO Power 13 dBm) 20 to 1500 MHz
TUF-R5SM MINI-TUF-R5SM Datasheet
258Kb / 1P
High Reliability Mixer Level 7 (LO Power 7 dBm) 20 to 1500 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com