Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUF-R5MHSM Datasheet(PDF) 1 Page - Mini-Circuits

Part # TUF-R5MHSM
Description  High Reliability Mixer Level 13 (LO Power 13 dBm) 20 to 1500 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

TUF-R5MHSM Datasheet(HTML) 1 Page - Mini-Circuits

  TUF-R5MHSM Datasheet HTML 1Page - Mini-Circuits TUF-R5MHSM Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FREQUENCY
(MHz)
CONVERSION LOSS
(dB)
LO-RF ISOLATION
(dB)
LO-IF ISOLATION
(dB)
IP3
at center
band
(dBm)
LO/RF
IF
Mid-Band
m
Total
Range
Max.
L
M
U
L
M
U
f
L-fU
—
X
σ
Max.
Typ. Min. Typ. Min. Typ. Min.
Typ. Min.
Typ. Min.
Typ. Min.
Typ.
20-1500
DC-650
7.0
0.1
8.5
9.0
60 45
50 35
46 28
40 27
32 20
22 9
17
1 dB COMP.: +9 dBm typ.
L = low range [f
L to 10 fL]
M = mid range [10 f
L to fU/2]
U = upper range [f
U/2 to fU]
m= mid band [2f
L to fU/2]
ISO 9001 ISO 14001 CERTIFIED
Mini-Circuits®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For detailed performance specs & shopping online see Mini-Circuits web site
The Design Engineers Search Engine Provides ACTUAL Data Instantly From MINI-CIRCUITS At: www.minicircuits.com
RF/IF MICROWAVE COMPONENTS
minicircuits.com
ALL NE
W
Page 1 of 2
Level 13 (LO Power +13 dBm) 20 to 1500 MHz
High Reliability Mixer
Surface Mount
Maximum Ratings
Pin Connections
LO
4
RF
1
IF
2
GROUND
3
CASE GROUND
3
Electrical Specifications
REV. OR
M109914
TUF-R5MHSM+
ED-12914/4
WL/TD/AM
070516
Typical Performance Data
Electrical Schematic
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
RF Power
50mW
IF Current
40mA
Features
• hermetically sealed ceramic quad
• low conversion loss, 7.0 dB typ.
• high L-R isolation, 50 dB typ.
• rugged welded construction
• shielded metal case
Applications
• ceullar
• satellite distribution
• GSM/ISM
Frequency
(MHz)
Conversion
Loss
(dB)
Isolation
L-R
(dB)
Isolation
L-I
(dB)
VSWR
RF Port
(:1)
VSWR
LO Port
(:1)
RF
LO
LO
+13dBm
LO
+13dBm
LO
+13dBm
LO
+13dBm
LO
+13dBm
TUF-R5MHSM+
CASE STYLE: NNN150
PRICE: $16.10 ea. QTY. (1-9)
+ RoHS compliant in accordance
with EU Directive (2002/95/EC)
The +Suffix has been added in order to identify RoHS
Compliance. See our web site for RoHS Compliance
methodologies and qualifications.
10.10
40.10
6.00
70.08
49.74
1.35
2.55
70.10
100.10
6.00
62.17
42.24
1.08
2.25
190.10
220.10
5.84
56.45
37.92
1.11
2.33
250.10
280.10
5.87
54.61
36.28
1.16
2.25
370.10
400.10
5.95
52.51
33.84
1.34
2.29
430.10
460.10
6.21
51.59
32.94
1.43
2.31
550.10
580.10
6.35
50.54
31.60
1.71
2.32
610.10
640.10
6.45
49.72
31.29
1.87
2.33
730.10
760.10
6.92
50.28
30.05
2.32
2.35
790.10
820.10
7.09
49.34
29.63
2.60
2.37
850.10
880.10
7.36
49.37
28.90
2.89
2.32
910.10
940.10
7.42
47.53
27.61
3.02
2.29
1090.10
1120.10
7.57
46.40
24.47
3.56
2.45
1150.10
1180.10
7.58
46.36
23.76
3.64
2.42
1210.10
1240.10
7.56
46.96
22.98
3.56
2.44
1270.10
1300.10
7.60
48.20
22.45
3.67
2.42
1330.10
1360.10
7.63
48.73
21.61
3.45
2.43
1390.10
1420.10
7.43
49.00
20.58
3.41
2.44
1450.10
1480.10
7.54
47.41
19.42
3.26
2.41
1510.10
1540.10
7.48
39.40
18.85
2.98
2.41
Outline Dimensions (
)
inch
mm
Outline Drawing
PCB Land Pattern
Suggested Layout,
Tolerance to be within
±.002
A
B
C
D
E
F
G
.50
.48
.255
.240
.23
.21
.06
12.70 12.19
6.48
6.10
5.84
5.33
1.52
H
J
K
L
M
N
wt
.100
.09
.16
.020
.09
.005 grams
2.54
2.29
4.06
0.51
2.29
0.13
1.9
Demo Board MCL PIN: TB-201
Suggested PCB Layout (PL-081)


Similar Part No. - TUF-R5MHSM

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
TUF-R5LHSM MINI-TUF-R5LHSM Datasheet
262Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 20 to 1500 MHz
TUF-R5LHSM+ MINI-TUF-R5LHSM+ Datasheet
262Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 20 to 1500 MHz
TUF-R5SM MINI-TUF-R5SM Datasheet
258Kb / 1P
High Reliability Mixer Level 7 (LO Power 7 dBm) 20 to 1500 MHz
TUF-R5SM+ MINI-TUF-R5SM+ Datasheet
258Kb / 1P
High Reliability Mixer Level 7 (LO Power 7 dBm) 20 to 1500 MHz
More results

Similar Description - TUF-R5MHSM

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SYM-25DMHW MINI-SYM-25DMHW Datasheet
291Kb / 2P
Level 13 (LO Power 13 dBm) 40 to 2500 MHz
ADE-R1MHW MINI-ADE-R1MHW Datasheet
227Kb / 2P
High Reliability Mixer Level 13 (LO Power 13 dBm) 5 to 600 MHz
ADE-R5LH MINI-ADE-R5LH Datasheet
229Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 10 to 1500 MHz
ADE-R12MH MINI-ADE-R12MH Datasheet
238Kb / 2P
High Reliability Mixer Level 13 (LO Power 13 dBm) 10 to 1200 MHz
ADE-R20 MINI-ADE-R20 Datasheet
224Kb / 2P
High Reliability Mixer Level 7 (LO Power 7 dBm) 1500 to 2800 MHz
TUF-R1MHSM MINI-TUF-R1MHSM Datasheet
264Kb / 2P
High Reliability Mixer Level 13 (LO Power 13 dBm) 5 to 600 MHz
TUF-R2MHSM MINI-TUF-R2MHSM Datasheet
266Kb / 2P
High Reliability Mixer Level 13 (LO Power 13 dBm) 50 to 1000 MHz
TUF-R3MHSM MINI-TUF-R3MHSM Datasheet
277Kb / 2P
High Reliability Mixer Level 13 (LO Power 13 dBm) 0.3 to 400 MHz
TUF-R5LHSM MINI-TUF-R5LHSM Datasheet
262Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 20 to 1500 MHz
TUF-R5SM MINI-TUF-R5SM Datasheet
258Kb / 1P
High Reliability Mixer Level 7 (LO Power 7 dBm) 20 to 1500 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com