Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74ACT8997 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ACT8997
Description  SCAN-PATH LINKERS WITH 4-BIT IDENTIFICATION BUSES SCAN-CONTROLLED IEEE STD 1149.1 JTAG TAP CONCATENATORS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT8997 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74ACT8997 Datasheet HTML 3Page - Texas Instruments SN74ACT8997 Datasheet HTML 4Page - Texas Instruments SN74ACT8997 Datasheet HTML 5Page - Texas Instruments SN74ACT8997 Datasheet HTML 6Page - Texas Instruments SN74ACT8997 Datasheet HTML 7Page - Texas Instruments SN74ACT8997 Datasheet HTML 8Page - Texas Instruments SN74ACT8997 Datasheet HTML 9Page - Texas Instruments SN74ACT8997 Datasheet HTML 10Page - Texas Instruments SN74ACT8997 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
SN54ACT8997, SN74ACT8997
SCAN-PATH LINKERS WITH 4-BIT IDENTIFICATION BUSES
SCAN-CONTROLLED IEEE STD 1149.1 (JTAG) TAP CONCATENATORS
SCAS157D – APRIL 1990 – REVISED DECEMBER 1996
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Exit1-IR, Exit2-IR
These are temporary states that end the shifting process. It is possible to return to the Shift-IR state from either
Exit1-IR or Exit2-IR without recapturing the instruction register. The last shift occurs on the TCK cycle in which
the TAP state changes from Shift-IR to Exit1-IR. TDO changes from the active state to the high-impedance state
on the falling edge of TCK in Exit1-IR.
Pause-IR
The TAP can remain in this state indefinitely. The Pause-IR state suspends and resumes shift operations without
loss of data.
Update-IR
In this state, the latches shadowing the instruction register are updated with the new instruction.
instruction-register description
The instruction register (IR) is an 8-bit serial register that outputs control signals to the device. Table 2 lists the
instructions implemented in the ’ACT8997 and the data register selected by each instruction. The MSB of the
IR is an even-parity bit. If the value scanned into the IR during Shift-IR does not contain even parity, an error
signal (IRERR) is generated internally as shown in Table 3. The ’ACT8997 can be configured to output IRERR
via DCO if the TAP enters the Pause-IR state.
During the Capture-IR state, the IR status word is loaded.The IR status word contains information about the
most recently loaded value of the instruction register and the logic level present at the DCI input. The IR status
word is encoded as shown in Table 4. Figure 2 shows the order of scan for the IR.
TDO
Bit 7
(MSB)
TDI or DTDI
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Figure 2. Instruction-Register Bits and Order of Scan



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com