Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74ACT8997 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ACT8997
Description  SCAN-PATH LINKERS WITH 4-BIT IDENTIFICATION BUSES SCAN-CONTROLLED IEEE STD 1149.1 JTAG TAP CONCATENATORS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT8997 Datasheet(HTML) 19 Page - Texas Instruments

Back Button SN74ACT8997 Datasheet HTML 15Page - Texas Instruments SN74ACT8997 Datasheet HTML 16Page - Texas Instruments SN74ACT8997 Datasheet HTML 17Page - Texas Instruments SN74ACT8997 Datasheet HTML 18Page - Texas Instruments SN74ACT8997 Datasheet HTML 19Page - Texas Instruments SN74ACT8997 Datasheet HTML 20Page - Texas Instruments SN74ACT8997 Datasheet HTML 21Page - Texas Instruments SN74ACT8997 Datasheet HTML 22Page - Texas Instruments SN74ACT8997 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
SN54ACT8997, SN74ACT8997
SCAN-PATH LINKERS WITH 4-BIT IDENTIFICATION BUSES
SCAN-CONTROLLED IEEE STD 1149.1 (JTAG) TAP CONCATENATORS
SCAS157D – APRIL 1990 – REVISED DECEMBER 1996
19
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN54ACT8997
SN74ACT8997
UNIT
PARAMETER
TEST CONDITIONS
MIN
MAX
MIN
TYP†
MAX
UNIT
TDO DTDO(1 4) MCO
VCC =4 5V
IOH = –7 mA
3.6
VOH
TDO, DTDO(1–4), MCO
VCC = 4.5 V
IOH = –10 mA
3.7
V
VOH
DTMS(1–4), DCO (3 state),
VCC =4 5V
IOH = –11 mA
3.6
V
(),
(
),
DTCK
VCC = 4.5 V
IOH = –16 mA
3.7
TDO DTDO(1 4) MCO
VCC =4 5V
IOL = 7 mA
0.5
TDO, DTDO(1–4), MCO
VCC = 4.5 V
IOL = 10 mA
0.5
DCO (open drain or 3 state)
VCC =4 5V
IOL = 11 mA
0.5
VOL
DCO (open drain or 3 state)
VCC = 4.5 V
IOL = 16 mA
0.5
V
VOL
DTMS(1 4)
VCC =4 5V
IOL = 16 mA
0.5
V
DTMS(1–4)
VCC = 4.5 V
IOL = 24 mA
0.5
DTCK
VCC =4 5V
IOL = 32 mA
0.5
DTCK
VCC = 4.5 V
IOL = 48 mA
0.5
IOZ‡
DTDO(1–4), DTMS(1–4),
DCO, DTCK
VCC = 5.5 V,
VO = VCC or GND
±10
±5
µA
IOH
DCO (open drain)
VCC = 5.5 V,
VO = VCC
20
10
µA
MCI, DCI, TCK, ID(1–4)
VCC = 5.5 V,
VI = VCC or GND
±1
±1
II
TDI, DTDI(1–4),
VCC =5 5V
VI = VCC
±1
±1
µA
,(
),
TMS, TRST
VCC = 5.5 V
VI = GND
–0.1
–20
–0.1
–20
ICC
VCC = 5.5 V,
VI = VCC or GND, IO = 0
100
100
µA
∆ICC§
VCC = 5.5 V, One input at VI = 3.4 V,
Other inputs at VCC or GND
1
1
mA
Ci
VI = VCC or GND
6
pF
Co
DCO
VO = VCC or GND
15
pF
Co
All other outputs
VO = VCC or GND
10
pF
† Typical values are at VCC = 5 V.
‡ For I/O pins, the parameter IOZ includes the input-leakage current. For the DCO pin, the parameter IOZ includes the open-drain output-leakage
current.
§ This is the increase in supply current for each input being driven at TTL levels rather than VCC or GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com