Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74ACT8997 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ACT8997
Description  SCAN-PATH LINKERS WITH 4-BIT IDENTIFICATION BUSES SCAN-CONTROLLED IEEE STD 1149.1 JTAG TAP CONCATENATORS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT8997 Datasheet(HTML) 20 Page - Texas Instruments

Back Button SN74ACT8997 Datasheet HTML 16Page - Texas Instruments SN74ACT8997 Datasheet HTML 17Page - Texas Instruments SN74ACT8997 Datasheet HTML 18Page - Texas Instruments SN74ACT8997 Datasheet HTML 19Page - Texas Instruments SN74ACT8997 Datasheet HTML 20Page - Texas Instruments SN74ACT8997 Datasheet HTML 21Page - Texas Instruments SN74ACT8997 Datasheet HTML 22Page - Texas Instruments SN74ACT8997 Datasheet HTML 23Page - Texas Instruments SN74ACT8997 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
SN54ACT8997, SN74ACT8997
SCAN-PATH LINKERS WITH 4-BIT IDENTIFICATION BUSES
SCAN-CONTROLLED IEEE STD 1149.1 (JTAG) TAP CONCATENATORS
SCAS157D – APRIL 1990 – REVISED DECEMBER 1996
20
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
timing requirements over recommended ranges of supply voltage and operating free-air
temperature
SN54ACT8997
SN74ACT8997
UNIT
MIN
MAX
MIN
MAX
UNIT
f lk
Clock frequency
TCK
0
20
0
20
MHz
fclock
Clock frequency
DCI (count mode)
0
20
0
20
MHz
TCK high or low
12
12
tw
Pulse duration
DCI high or low (count mode)
7
7
ns
TRST low
7
7
TMS before TCK
↑
8
8
TDI before TCK
↑
9
9
t
Setup time
Any DTDI before TCK
↑
7
7
ns
tsu
Setup time
MCI before TCK
↑
3
3
ns
DCI before TCK
↑
3
2
Any ID before TCK
↑
2
2
TMS after TCK
↑
2
2
TDI after TCK
↑
2
2
th
Hold time
Any DTDI after TCK
↑
2
2
ns
th
Hold time
MCI after TCK
↑
4
4
ns
DCI after TCK
↑
4
4
Any ID after TCK
↑
4
4
td
Delay time
Power up to TCK
↑
100*
100
ns
* On products compliant to MIL-PRF-38535, this parameter is not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com