Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMS-EB Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # DMS-EB
Description  Multi-Purpose Application Board for DMS-30 & DMS-40 Series Meters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DMS-EB Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  DMS-EB Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. DMS-EB Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. DMS-EB Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. DMS-EB Datasheet HTML 4Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Functional Specifications
(TA = +25°C)
Ordering Information
DMS-EB-C
Application board with mating connector
and terminals
DMS-BZL1-C
DMS-30/40 bezel assembly
DMS-BZL2-C
DMS-30/40 bezel assembly with
sealing gasket
TECHNICAL NOTES
1. LCD Backlighting: For DMS-30LCD backlit models, close SG15. For
DMS-40LCD backlit models close SG18. See the DMS-30LCD or the
DMS-40LCD data sheets for limitations on backlighting 9V-powered
meters.
2. 9V-Powered, LCD Display Models: DMS-30LCD-X-9 and DMS-
40LCD-X/X-9 meters cannot be used in single-ended input configura-
tions, i.e., LO (J1, pin 2) cannot be connected to GND (J1, pin 6). When
operating from a 7.5 to 14Vdc power source with a single-ended
input, use a +5V-powered meter and install U1 (see Battery Operation
section and Technical Note 4).
Input Supply Range
See applicable meter's data sheet
Input Supply Range
U1 (LM7805CT) Installed:
DMS-30/40PC-X-XS
+7.5 to +12.6V
DMS-30/40PC-X-XL
+7.5 to +18.0V
DMS-30/40LCD-X-5
+7.5 to +32.0V
DMS-30/40LCD-X-5B
+7.5 to +12.6V
Operating and Storage Temperature
See applicable meter's data sheet
Humidity
0 to 95%, non-condensing
Dimensions
2.02" (51.31mm)L x 0.83" (21.08mm)W
J1 Connector & Wire Information
Terminal Type
DATEL P/N 4400-01032-0
Crimp Tool
DATEL P/N 39-2099000
Wire Size
22 to 26 AWG
Insulation Diameter
0.062" (1.57mm) max.
Stripping Length
0.100" to 0.125" (2.54 to 3.17mm)
Introduction
As shipped, the DMS-EB is configured for 5V-powered DMS-30 3½
digit meters operating in the single-ended mode (SG5 closed) using the
meter's internal reference (SG13 closed). This configuration is the most
common and works well for most simple voltage measurements.
Many of the applications described below apply to both DMS-30
and DMS-40 meters. However, Application 5, installing the span (R4) and
offset (R5) adjust potentiometers, can only be used with DMS-30 meters.
Also note that some of the other applications require the installation of
R4 and R5. See Technical Note 5 when using the DMS-EB with DMS-40
meters.
Please read all of the following technical notes and perform any
required modifications before soldering the DMS-EB onto the meter
(aligning pin 1 to pin 1). After soldering, carefully connect +5Vdc to +V
(J1, pin 5) and power return to –V (J1, pin 6).
Close SG6 when measuring floating inputs with a 9V-powered meter
(floating inputs are described in Technical Note 7). SG6 provides a bias
reference for the input signal by tying LO to the meter's Analog Com-
mon terminal (pin 10).
3. Input Resistor Dividers: Use 1%, or better, metal film resistors for
R1 and R2 in DMS-30 applications, and 0.5%, or better, in DMS-40
applications. Using tight-tolerance resistors in input divider networks
allows most final calibration adjustments to be made with the meter's
rear calibration pots through the access holes provided. Make sure
the resistor power and voltage ratings are adequate for the given
application.
4. Using U1 (LM7805CT): The power supply voltage range listed in the
Battery Operation section is rated for a 150mA LED meter or a 35mA
backlit LCD meter. A 10μF/35V tantalum capacitor (C2) should be
installed with the polarized end next to the + symbol on the DMS-EB.
This is especially important if the power supply is located far from U1.
5. DMS-40 Meters: When the DMS-EB is used with DMS-40PC or DMS-
40LCD meters, be sure to open SG13. The RN-DMS resistor acces-
sory kit comprised of resistor R3 and potentiometers R4 (Gain/Span)
and R5 (Offset/Zero), cannot be used with DMS-40 series meters. To
change the input range on DMS-40LCD meters from the low range to
the high range, close SG16.
6. Calibration Potentiometer Adjustment Holes: Two overlapping
holes on the DMS-EB provide access to the ¾-turn calibration poten-
tiometer on DMS-30 meters and the 3-turn potentiometer on DMS-40
meters. The adjustment range of both pots is very narrow. See the
applicable product data sheet for more information on each meter’s
calibration potentiometers.
7. Input Configurations: The DMS-EB is supplied with SG5 closed. SG5
connects J1, pin 2 (LO) to power return J1, pin 6 (GND) and configures
the meter for single-ended operation, that is, the low side of the input
is at system ground or zero Volts. SG5 must also be closed when
measuring floating inputs. Floating inputs are signals which have no
electrical connection, or reference to, the power supply which powers
the meter.
In applications in which input LO is connected to ground elsewhere in
the system, and SG5 is closed, unwanted ground-loop induced display
errors may develop. Ground loops, a condition in which display drive
currents also flow through the input signal wiring, can cause unstable
display readings. If this occurs, try opening SG5 to see if the display
stabilizes.
SG5 must be open when measuring differential inputs that are refer-
enced to the same supply which powers the meter. DMS Application
Note 2 (Input Configurations, Power Supplies and Ground Loops)
provides a detailed discussion of input configurations.
8. Soldering: DATEL recommends the use of "no-clean" solders when
installing or making modifications to the DMS-EB.
DMS-EB
Multi-Purpose Application Board for DMS-30 & DMS-40 Series Meters
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
MPM_DMS-EB.B01 Page 2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com