Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMS-EB Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # DMS-EB
Description  Multi-Purpose Application Board for DMS-30 & DMS-40 Series Meters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DMS-EB Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  DMS-EB Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. DMS-EB Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. DMS-EB Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. DMS-EB Datasheet HTML 4Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Example
VIN is 0-5Vdc, and the display reading must be "000" to "1500."
1. Assume R1 = 1.0MΩ.
2. R2 = (FSI x R1) / ( |VIN| - FSI)
R2 = (1.500 x 1,000,000) / (5.0 - 1.500)
R2 = 428,571Ω or 432kΩ
3. Calibrate the meter using a known voltage source. Adjust R4 to
compensate for variations in R1 and R2.
7. Current Measurements (Use 200mV Model, DMS-30-0): The follow-
ing instructions are for measuring current derived from the DMS-
30/40's power source. When measuring current that is floating with
respect to J1, pin 6 (POWER RETURN), leave SG5 closed.
CAUTION: Do not exceed 1 Ampere input current
7.1. Install R2: R2 = FSR / (IMAX. x 10000) where FSR is the desired
meter reading (0 -1999) and IMAX is between 0 -1 Ampere.
7.2. Open SG5.
7.3. Configure the DMS-EB for span adjust using the procedure previ-
ously outlined for the DMS-30-0 version.
7.4. Apply input signal (current) to (+) IN HI and (–) IN LO.
7.5. Adjust R4 for desired full scale readings.
7.6. Enable the appropriate decimal point using either SG1, SG2, SG3
or SG-17.
Example
A 0.100 Ampere input must read "100.0" on the display.
R2 = 1000 / (0.1 x 10000)
R2 = 1 Ohm
Enable DP3 via SG3 for a reading of "100.0."
HI LO TST TST +V –V
(+) (–) IN OUT
GND
Figure 4. DMS-EB Board
APPLICATIONS
DMS-EB
Multi-Purpose Application Board for DMS-30 & DMS-40 Series Meters
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other
technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply
the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without
notice.
© 2008 Murata Power Solutions, Inc.
USA:
Mansfield (MA), Tel: (508) 339-3000, email: sales@murata-ps.com
Canada:
Toronto, Tel: (866) 740-1232, email: toronto@murata-ps.com
UK:
Milton Keynes, Tel: +44 (0)1908 615232, email: mk@murata-ps.com
France:
Montigny Le Bretonneux, Tel: +33 (0)1 34 60 01 01, email: france@murata-ps.com
Germany:
München, Tel: +49 (0)89-544334-0, email: munich@murata-ps.com
Japan:
Tokyo, Tel: 3-3779-1031, email: sales_tokyo@murata-ps.com
Osaka, Tel: 6-6354-2025, email: sales_osaka@murata-ps.com
China:
Shanghai, Tel: +86 215 027 3678, email: shanghai@murata-ps.com
Guangzhou, Tel: +86 208 221 8066, email: guangzhou@murata-ps.com
Singapore:
Parkway Centre, Tel: +65 6348 9096, email: singapore@murata-ps.com
Murata Power Solutions, Inc.
11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A.
Tel: (508) 339-3000 (800) 233-2765 Fax: (508) 339-6356
www.murata-ps.com email: sales@murata-ps.com ISO 9001 and 14001 REGISTERED
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
12/15/08
MPM_DMS-EB.B01 Page 4 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com