Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMS-EB Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # DMS-EB
Description  Multi-Purpose Application Board for DMS-30 & DMS-40 Series Meters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DMS-EB Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  DMS-EB Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. DMS-EB Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. DMS-EB Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. DMS-EB Datasheet HTML 4Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1. Decimal Point Placement: DATEL ships the DMS-EB with all decimal
point solder gaps (SG1, SG2, SG3 and SG17) open. To enable a specific
decimal point, close its respective solder gap with solder. When reas-
signing decimal places for subsequent applications, remember to
open previously closed solder gaps.
Close SG1 for 1.999 (DP1)
Close SG2 for 19.99 (DP2)
Close SG3 for 199.9 (DP3)
Close SG17 for 1999.9 (DP4 on DMS-40)
2. Display Test: Tie J1, pin 4 (TEST OUT) to pin 3 (TEST IN) to test the
display of the DMS-30. Do not leave the meter in the test mode for
more than 10 seconds. Display test is not available on backlit models.
3. Battery Operation: Open SG4 and install U1 (LM7805CT) with its
metal tab facing down as shown Figure 2. Allowable input power
ranges (J1, pins 5 and 6) are as follows:
DMS-30/40PC-X-XS
+7.5 to +12.6V
DMS-30/40PC-X-XL
+7.5 to +18.0V
DMS-30/40LCD-X-5
+7.5 to +32.0V
DMS-30/40LCD-X-5B
+7.5 to +12.6V
4. Differential Input Signals (Signal Referenced to Power Source):
Open SG5. Apply the input signal to pin 1, (+) IN HI, and pin 2, (–) IN
LO, of J1.
Note: Common mode voltage must not exceed ±2Vdc. Differential
signals are defined as inputs whose two terminals are both above and
below J1, pin 6 (GROUND).
5. Span (Gain) and Zero (Offset) Adjustments: Locations are included
on the DMS-EB to add user-supplied potentiometers R4 and R5, and
resistor R3. Recommended values for these components are as fol-
lows: R3: 10.5KΩ, 1%, 1/8W metal film; R4: 2KΩ, 10-20-turns; R5:
50KΩ, 10-20 turns. Vishay's T93YA series potentiometers are suitable
for this application. Make sure to use only RoHS-compliant compo-
nents and solders when making modifications to DMS-EB.
Once installed, these components permit the span and zero adjust-
ments described in the following sections. R3 and R4 provide span
adjust, while R5 applies and offset voltage to (-) IN LO (J1, pin 2).
Using Full Range Span Adjustment (DMS-30 Only)
5.1. For DMS-30-1 and -2 models: Configuring the DMS-EB for span
adjustment is simply a matter of installing resistor R3 and potenti-
ometer R4, opening SG13 and then closing SG8, SG11 and SG12.
5.2. For DMS-30-0 models: Span adjustment requires that you open
SG8, SG11 (if closed) and SG13 and then close SG7, SG9 and
SG12. Then install R3 and R4.
Adjust span as desired. DMS-30-1 and -2 span adjustment range
is typically +10% and –5%. The DMS-30-0 has a much wider span
adjust, however, it should be limited to ±10% for optimum accuracy.
6. Measuring Input Voltages Greater than 1.999Vdc (Use DMS-30-1
Only): If possible, the resistors used for R1 and R2 should be ±1%
metal-film types with TCR's less than 100ppm/°C. More information
on selecting 1% resistors can be found in Application Note 14.
CAUTION: Do not exceed 250Vdc input signals.
6.1. Open SG10. For applications in which input voltages exceed
±100Vdc, also cut the 2 adjoining traces.
6.2. Configure the DMS-EB for span adjust using the procedure revi-
ously outlined for the DMS-30-1 version.
6.3. Calculate values for R1 and R2 as follows:
A typical value for R1 is 1MΩ. The sum of R1 + R2 should be
between 50kΩ and 10MΩ.
R2 = (FSI x R1) / ( |VIN| - FSI)
Where:
FSI = The attenuated voltage, between the meter's (–) IN LO and
(+) IN HI pins, needed to achieve the desired display readings
VIN = Input voltage at J1 (between pins 1 and 2)
U1
SG1
xx.xx
x.xxx
SG2
Metal tab
points down
xxx.x
SG3
Figure 2. Installing U1
R1
To measure input voltages
greater than ±100Vdc,
open SG10 and also cut
these two etch paths.
SG10
Figure 3. Installing R1
APPLICATIONS
DMS-EB
Multi-Purpose Application Board for DMS-30 & DMS-40 Series Meters
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
MPM_DMS-EB.B01 Page 3 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com